Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7217A Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP7217A
Description  3.3V 600mA CMOS LDO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7217A Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP7217A_09 Datasheet HTML 2Page - Diodes Incorporated AP7217A_09 Datasheet HTML 3Page - Diodes Incorporated AP7217A_09 Datasheet HTML 4Page - Diodes Incorporated AP7217A_09 Datasheet HTML 5Page - Diodes Incorporated AP7217A_09 Datasheet HTML 6Page - Diodes Incorporated AP7217A_09 Datasheet HTML 7Page - Diodes Incorporated AP7217A_09 Datasheet HTML 8Page - Diodes Incorporated AP7217A_09 Datasheet HTML 9Page - Diodes Incorporated AP7217A_09 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AP7217A
3.3V 600mA CMOS LDO
AP7217A Rev. 3
9 of 10
OCTOBER 2009
DS31423
www.diodes.com
© Diodes Incorporated
Package Information
(All Dimensions in mm)
(1) Package Type: SOP-8L
1.27typ
0.3/0.5
7°~9°
4.85/4.95
7°~9°
0.62/0.82
Gauge Plane
Seating Plane
0.35max. 45°
Detail "A"
Detail "A"
Land Pattern Recommendation
(Unit: mm)
6x-1.27
8x-0.60
0°/8°
(2) Package Type: SOP-8L-EP
1.27typ
0.3/0.5
7°~9°
4.85/4.95
0.15/0.25
7°~9°
0.62/0.82
Gauge Plane
Seating Plane
45°
Detail "A"
Detail "A"
Bottom View
3.3Ref.
Exposed pad
8x-0.60
Land Pattem Recommendation
(Unit:mm)
Exposed pad
1
1
1
6x-1.27


Similar Part No. - AP7217A_09

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7217A-33SG-13 DIODES-AP7217A-33SG-13 Datasheet
217Kb / 10P
   3.3V 600mA CMOS LDO
AP7217A Rev. 1
AP7217A-33SG-U DIODES-AP7217A-33SG-U Datasheet
217Kb / 10P
   3.3V 600mA CMOS LDO
AP7217A Rev. 1
AP7217A-33SPG-13 DIODES-AP7217A-33SPG-13 Datasheet
217Kb / 10P
   3.3V 600mA CMOS LDO
AP7217A Rev. 1
AP7217A-33SPG-U DIODES-AP7217A-33SPG-U Datasheet
217Kb / 10P
   3.3V 600mA CMOS LDO
AP7217A Rev. 1
More results

Similar Description - AP7217A_09

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7217A DIODES-AP7217A Datasheet
217Kb / 10P
   3.3V 600mA CMOS LDO
AP7217A Rev. 1
logo
Analog Microelectronics
AME8806 AME-AME8806_06 Datasheet
245Kb / 18P
   600mA CMOS LDO
AME8805 AME-AME8805_12 Datasheet
188Kb / 17P
   600mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8863 AKM-AME8863 Datasheet
108Kb / 12P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_08 Datasheet
201Kb / 14P
   600mA CMOS LDO
logo
List of Unclassifed Man...
CM2862 ETC1-CM2862 Datasheet
190Kb / 9P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_06 Datasheet
155Kb / 14P
   600mA CMOS LDO
AME8806 AME-AME8806 Datasheet
89Kb / 12P
   600mA CMOS LDO
AME8805 AME-AME8805 Datasheet
180Kb / 12P
   600mA CMOS LDO
logo
Unisonic Technologies
L1186 UTC-L1186_15 Datasheet
239Kb / 7P
   600mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com