Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7365-XXWG-7 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP7365-XXWG-7
Description  600mA, Low Quiescent Current, Fast Transient
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7365-XXWG-7 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP7365-XXWG-7 Datasheet HTML 7Page - Diodes Incorporated AP7365-XXWG-7 Datasheet HTML 8Page - Diodes Incorporated AP7365-XXWG-7 Datasheet HTML 9Page - Diodes Incorporated AP7365-XXWG-7 Datasheet HTML 10Page - Diodes Incorporated AP7365-XXWG-7 Datasheet HTML 11Page - Diodes Incorporated AP7365-XXWG-7 Datasheet HTML 12Page - Diodes Incorporated AP7365-XXWG-7 Datasheet HTML 13Page - Diodes Incorporated AP7365-XXWG-7 Datasheet HTML 14Page - Diodes Incorporated AP7365-XXWG-7 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AP7365
600mA, Low Quiescent Current, Fast Transient
Low Dropout Linear Regulator
AP7365
Document number: DS32260 Rev. 2 - 2
11 of 20
www.diodes.com
September 2010
© Diodes Incorporated
Application Note
Input Capacitor
A 1
μF ceramic capacitor is recommended between IN and
GND pins to decouple input power supply glitch and noise.
The amount of the capacitance may be increased without
limit. This input capacitor must be located as close as
possible to the device to assure input stability and reduce
noise. For PCB layout, a wide copper trace is required for
both IN and GND pins. A lower ESR capacitor type allows
the use of less capacitance, while higher ESR type
requires more capacitance.
Output Capacitor
The output capacitor is required to stabilize and improve
the transient response of the LDO. The AP7365 is stable
with very small ceramic output capacitors. Using a ceramic
capacitor value that is at least
1μF with ESR > 15mΩ on
the output ensures stability. Higher capacitance values
help to improve line and load transient response. The
output capacitance may be increased to keep low
undershoot and overshoot. Output capacitor must be
placed as close as possible to OUT and GND pins.
Region of Stable COUT ESR vs. Load Current
0.001
0.01
0.1
1
10
100
0
100
200
300
400
500
600
Load Current (mA)
Adjustable Operation
The AP7365 provides output voltage from 0.8V to 5.0V
through external resistor divider as shown below.
1uF
IN
GN D
EN
OU T
E nable
AD J
R2
R1
1uF
V IN
V OUT
A P 7365
The output voltage is calculated by:
⎟⎟
⎜⎜
+
=
2
R
1
R
1
REF
V
OUT
V
Where VREF=0.8V (the internal reference voltage)
Rearranging the equation will give the following that is
used for adjusting the output to a particular voltage:
⎟⎟
⎜⎜
=
1
REF
V
OUT
V
2
R
1
R
To maintain the stability of the internal reference voltage,
R2 need to be kept smaller than 80kΩ.
No Load Stability
Other than external resistor divider, no minimum load is
required to keep the device stable. The device will remain
stable and regulated in no load condition.
ON/OFF Input Operation
The AP7365 is turned on by setting the EN pin high, and is
turned off by pulling it low. If this feature is not used, the
EN pin should be tied to IN pin to keep the regulator output
on at all time. To ensure proper operation, the signal
source used to drive the EN pin must be able to swing
above
and
below
the
specified
turn-on/off
voltage
thresholds listed in the Electrical Characteristics section
under VIL and VIH.
Current Limit Protection
When output current at OUT pin is higher than current limit
threshold, the current limit protection will be triggered and
clamp the output current to approximately 1.4A to prevent
over-current and to protect the regulator from damage due
to overheating.
Short Circuit Protection
When OUT pin is short-circuit to GND, short circuit
protection will be triggered and clamp the output current to
approximately 240mA. This feature protects the regulator
from over-current and damage due to overheating.
Thermal Shutdown Protection
Thermal
protection
disables
the
output
when
the
junction temperature
rises
to
approximately
+145°C,
allowing the device to cool down. When the junction
temperature
reduces
to
approximately
+130°C
the
output circuitry
is
enabled
again.
Depending
on
power dissipation,
thermal
resistance,
and
ambient
temperature, the thermal protection circuit may cycle on
and off. This cycling limits the heat dissipation of the
regulator, protecting it from damage due to overheating.
Stable Range
Unstable Range
Unstable Range
VIN=4.3V
CIN=COUT=1μF


Similar Part No. - AP7365-XXWG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7365-08EG-13 DIODES-AP7365-08EG-13 Datasheet
327Kb / 21P
   600mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32260 Rev. 1 - 2
AP7365-08EG-7 DIODES-AP7365-08EG-7 Datasheet
327Kb / 21P
   600mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32260 Rev. 1 - 2
AP7365-08ERG-13 DIODES-AP7365-08ERG-13 Datasheet
327Kb / 21P
   600mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32260 Rev. 1 - 2
AP7365-08ERG-7 DIODES-AP7365-08ERG-7 Datasheet
327Kb / 21P
   600mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32260 Rev. 1 - 2
AP7365-08SNG-13 DIODES-AP7365-08SNG-13 Datasheet
327Kb / 21P
   600mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32260 Rev. 1 - 2
More results

Similar Description - AP7365-XXWG-7

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
ZX7365 ZHAOXINGWEI-ZX7365 Datasheet
1Mb / 12P
   600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7366EA DIODES-AP7366EA Datasheet
1Mb / 17P
   600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev. 1 - 2 July 2022
AP7365 DIODES-AP7365 Datasheet
327Kb / 21P
   600mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32260 Rev. 1 - 2
AP133 DIODES-AP133_09 Datasheet
415Kb / 15P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT
AP133 Rev. 6
AP7335_1009 DIODES-AP7335_1009 Datasheet
238Kb / 17P
   300mA, Low Quiescent Current, Fast Transient
DS32259 Rev. 2 - 2
AP7331 DIODES-AP7331 Datasheet
372Kb / 13P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT
DS31914 Rev. 3 - 2
AP7312 DIODES-AP7312 Datasheet
293Kb / 18P
   DUAL 150mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT
DS35133 Rev. 1 - 2
logo
Unisonic Technologies
LR1112 UTC-LR1112 Datasheet
181Kb / 6P
   LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7332 DIODES-AP7332 Datasheet
294Kb / 18P
   DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT
DS35132 Rev. 1 - 2
AP7335A DIODES-AP7335A Datasheet
273Kb / 12P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com