Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7365-XXSNG-7 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP7365-XXSNG-7
Description  600mA, Low Quiescent Current, Fast Transient
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7365-XXSNG-7 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP7365-XXSNG-7 Datasheet HTML 6Page - Diodes Incorporated AP7365-XXSNG-7 Datasheet HTML 7Page - Diodes Incorporated AP7365-XXSNG-7 Datasheet HTML 8Page - Diodes Incorporated AP7365-XXSNG-7 Datasheet HTML 9Page - Diodes Incorporated AP7365-XXSNG-7 Datasheet HTML 10Page - Diodes Incorporated AP7365-XXSNG-7 Datasheet HTML 11Page - Diodes Incorporated AP7365-XXSNG-7 Datasheet HTML 12Page - Diodes Incorporated AP7365-XXSNG-7 Datasheet HTML 13Page - Diodes Incorporated AP7365-XXSNG-7 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AP7365
600mA, Low Quiescent Current, Fast Transient
Low Dropout Linear Regulator
AP7365
Document number: DS32260 Rev. 2 - 2
10 of 20
www.diodes.com
September 2010
© Diodes Incorporated
Typical Performance Characteristics (Continued)
Current limit vs Temperature
0.0
0.4
0.8
1.2
1.6
2.0
-50
-25
0
25
50
75
100
125
Temperature(
℃)
VIN=4.3V
VOUT=3.3V


Similar Part No. - AP7365-XXSNG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7365-08EG-13 DIODES-AP7365-08EG-13 Datasheet
327Kb / 21P
   600mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32260 Rev. 1 - 2
AP7365-08EG-7 DIODES-AP7365-08EG-7 Datasheet
327Kb / 21P
   600mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32260 Rev. 1 - 2
AP7365-08ERG-13 DIODES-AP7365-08ERG-13 Datasheet
327Kb / 21P
   600mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32260 Rev. 1 - 2
AP7365-08ERG-7 DIODES-AP7365-08ERG-7 Datasheet
327Kb / 21P
   600mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32260 Rev. 1 - 2
AP7365-08SNG-13 DIODES-AP7365-08SNG-13 Datasheet
327Kb / 21P
   600mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32260 Rev. 1 - 2
More results

Similar Description - AP7365-XXSNG-7

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
ZX7365 ZHAOXINGWEI-ZX7365 Datasheet
1Mb / 12P
   600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7366EA DIODES-AP7366EA Datasheet
1Mb / 17P
   600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev. 1 - 2 July 2022
AP7365 DIODES-AP7365 Datasheet
327Kb / 21P
   600mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32260 Rev. 1 - 2
AP133 DIODES-AP133_09 Datasheet
415Kb / 15P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT
AP133 Rev. 6
AP7335_1009 DIODES-AP7335_1009 Datasheet
238Kb / 17P
   300mA, Low Quiescent Current, Fast Transient
DS32259 Rev. 2 - 2
AP7331 DIODES-AP7331 Datasheet
372Kb / 13P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT
DS31914 Rev. 3 - 2
AP7312 DIODES-AP7312 Datasheet
293Kb / 18P
   DUAL 150mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT
DS35133 Rev. 1 - 2
logo
Unisonic Technologies
LR1112 UTC-LR1112 Datasheet
181Kb / 6P
   LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7332 DIODES-AP7332 Datasheet
294Kb / 18P
   DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT
DS35132 Rev. 1 - 2
AP7335A DIODES-AP7335A Datasheet
273Kb / 12P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com