Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP8802 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP8802
Description  1A LED Step-down Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8802 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP8802 Datasheet HTML 6Page - Diodes Incorporated AP8802 Datasheet HTML 7Page - Diodes Incorporated AP8802 Datasheet HTML 8Page - Diodes Incorporated AP8802 Datasheet HTML 9Page - Diodes Incorporated AP8802 Datasheet HTML 10Page - Diodes Incorporated AP8802 Datasheet HTML 11Page - Diodes Incorporated AP8802 Datasheet HTML 12Page - Diodes Incorporated AP8802 Datasheet HTML 13Page - Diodes Incorporated AP8802 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AP8802
1A LED Step-down Converter
AP8802 Rev. 5
10 of 16
DECEMBER 2009
DS31766
www.diodes.com
© Diodes Incorporated
Capacitor Selection
The small size of ceramic capacitors makes them ideal for AP8802 applications. X5R and X7R types are
recommended because they retain their capacitance over wider voltage and temperature ranges than other
types such as Z5U. A 2.2
μF input capacitor is sufficient for most intended applications of AP8802.
A 4.7
μF input capacitor is suggested for application with an input voltage equal or higher than 40V.
Diode Selection
Schottky diodes, e.g. B2100 or B1100, with their low forward voltage drop and fast reverse recovery, are the
ideal choice for AP8802 applications.
PWM Dimming
A Pulse Width Modulated (PWM) signal with a max resolution of 8bit, can be applied to the CTRL pin to
change the output current to a value above or below the nominal average value set by resistor RSET. To
achieve this resolution the PWM frequency has to be lower than 500Hz.
Thermal Considerations
The graph below in figure 8, gives details for power derating. This assumes the device to be mounted on a
25x25mm PCB with 1oz copper standing in still air.
Maximum Power Dissipation
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
0
25
50
75
100
125
Ambient Temperature (Deg C)
SOP-8L
SOP-8L - EP
DFN3030-10
Figure 8: AP8802 derating curves
Package Selection
The device comes with a wide selection of packages. The suggested package is able to provide a case
temperature below 70˚C (with an ambient temperature of 25˚C) for the combination of input voltage and load
requested.
Application Information (Continued)


Similar Part No. - AP8802

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP8802 DIODES-AP8802 Datasheet
217Kb / 13P
   1A LED Step-Down Converter
AP8802 Rev. 1
AP8802 DIODES-AP8802 Datasheet
216Kb / 8P
   step-down DC/DC converter designed to drive LEDs with a constant current.
AP8802EV2 DIODES-AP8802EV2 Datasheet
216Kb / 8P
   step-down DC/DC converter designed to drive LEDs with a constant current.
AP8802FNG-7 DIODES-AP8802FNG-7 Datasheet
217Kb / 13P
   1A LED Step-Down Converter
AP8802 Rev. 1
AP8802H DIODES-AP8802H Datasheet
197Kb / 11P
   60V 1A LED Step-down Converter
DS32227 Rev. 1 - 2
More results

Similar Description - AP8802

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP8802 DIODES-AP8802 Datasheet
217Kb / 13P
   1A LED Step-Down Converter
AP8802 Rev. 1
AP8802H DIODES-AP8802H Datasheet
197Kb / 11P
   60V 1A LED Step-down Converter
DS32227 Rev. 1 - 2
logo
Richtek Technology Corp...
RT8048 RICHTEK-RT8048 Datasheet
162Kb / 11P
   3MHz 1A Step-Down Converter
logo
Lowpower Semiconductor ...
LP3201 POWER-LP3201 Datasheet
425Kb / 10P
   1.5MHz, 1A Step-Down Converter
logo
Richtek Technology Corp...
DS8048-01 RICHTEK-DS8048-01 Datasheet
168Kb / 11P
   3MHz 1A Step-Down Converter
logo
ACE Technology Co., LTD...
ACE721E ACE-ACE721E Datasheet
823Kb / 10P
   1A, 1.5MHz Step-Down Converter
VER 1.3
logo
Linear Technology
LT3474 LINER-LT3474 Datasheet
220Kb / 20P
   Step-Down 1A LED Driver
LT3474 LINER-LT3474_15 Datasheet
225Kb / 20P
   Step-Down 1A LED Driver
LT3474-1 LINER-LT3474-1_15 Datasheet
225Kb / 20P
   Step-Down 1A LED Driver
logo
Diodes Incorporated
PAM2309 DIODES-PAM2309 Datasheet
572Kb / 17P
   1A STEP-DOWN DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com