Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4685 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC4685
Description  Strobe Flash Applications Medium Power Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC4685 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC4685_04 Datasheet HTML 1Page - Toshiba Semiconductor 2SC4685_04 Datasheet HTML 2Page - Toshiba Semiconductor 2SC4685_04 Datasheet HTML 3Page - Toshiba Semiconductor 2SC4685_04 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC4685
2004-07-26
3
VBE (sat) – IC
Collector current IC (A)
Base-emitter voltage VBE (V)
IC – VBE
Collector-emitter voltage VCE (V)
Collector current IC (A)
VCE (sat) – IC
IC – VCE
hFE – IC
Collector current IC (A)
Collector-emitter voltage VCE (V)
Safe Operating Area
0
0
4
8
1
2
4
5
IB = 0.5 mA
6
2
6
10
Common emitter
Ta = 25°C
40
5
50
3
30
20
10
2
0
0
4
0.2
0.8
1.0
Common emitter
VCE = 2 V
2
6
8
Ta = 125°C
25
−40
0.4
1.2
0.6
5
0.01
0.03
0.1
0.3
1
3
10
3
1
0.01
0.3
0.1
Common emitter
IC/IB = 200
Tc = 125°C
25
−40
0.03
Common emitter
IC/IB = 200
0.01
0.01
0.3
0.1
10
1
0.1
3
10
Tc = −40°C
25
125
3
1
0.03
0.03
0.3
100 ms*
IC max (pulsed)**
0.1
1
0.5
3
10
50
5
30
1
10
0.3
5
3
DC operation
Tc = 25°C
IC max (continuous)
10 ms*
*: Single nonrepetitive pulse
Tc = 25°C
**: Pulse width = 10 ms (max)
Duty cycle = 30% (max)
Tc = 25°C
Curves must be derated linearly
with increase in temperature.
VCEO max
10000
100
0.01
Common emitter
VCE = 2 V
1000
3000
0.3
Tc = 125°C
25
−40
0.03
1
10
30
3
0.1
300
10


Similar Part No. - 2SC4685_04

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4685 TOSHIBA-2SC4685 Datasheet
159Kb / 2P
   NPN EPITAXIAL TYPE (STROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
More results

Similar Description - 2SC4685_04

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4683 TOSHIBA-2SC4683 Datasheet
184Kb / 3P
   STROBE FLASH APPLICATIONS MEDIUM POWER AMPLIFIER APPLICATIONS
2SA1160 TOSHIBA-2SA1160_07 Datasheet
150Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SA1242 TOSHIBA-2SA1242_07 Datasheet
158Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC4684 TOSHIBA-2SC4684_05 Datasheet
162Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC4681 TOSHIBA-2SC4681_05 Datasheet
121Kb / 3P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC3072 TOSHIBA-2SC3072_05 Datasheet
161Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SA1431 TOSHIBA-2SA1431_06 Datasheet
142Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SA1160 TOSHIBA-2SA1160_09 Datasheet
162Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SA1242 TOSHIBA-2SA1242_10 Datasheet
161Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC3670 TOSHIBA-2SC3670_04 Datasheet
125Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com