Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APX393SG-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # APX393SG-13
Description  LOW VOLTAGE RAIL-TO-RAIL INPUT DUAL/QUAD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APX393SG-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  APX393SG-13 Datasheet HTML 1Page - Diodes Incorporated APX393SG-13 Datasheet HTML 2Page - Diodes Incorporated APX393SG-13 Datasheet HTML 3Page - Diodes Incorporated APX393SG-13 Datasheet HTML 4Page - Diodes Incorporated APX393SG-13 Datasheet HTML 5Page - Diodes Incorporated APX393SG-13 Datasheet HTML 6Page - Diodes Incorporated APX393SG-13 Datasheet HTML 7Page - Diodes Incorporated APX393SG-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
APX393/APX339
LOW VOLTAGE RAIL-TO-RAIL INPUT DUAL/QUAD
COMPARATORS
APX393/APX339 Rev. 5
4 of 8
FEBRUARY2008
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
(Continued)
5V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TA = 25°C, V
+ = 5V, V- = 0V. Boldface limits apply at the
temperature extremes.
Symbol
Parameter
Test Conditions
Min
(Note 7)
Typ.
(Note 6)
Max
(Note 7)
Unit
VOS
Input Offset Voltage
1.7
7
9
mV
TCVOS
Input Offset Voltage
Average Drift
5
µV/°C
IB
Input Bias Current
25
250
400
nA
IOS
Input Offset Current
2
50
150
nA
VCM
Input Voltage Range
0.2
V
4.8
V
AV
Voltage Gain
RL = 5.1 kΩ
20
50
V/mV
VSAT
Saturation Voltage
ISINK ≤ 4mA
200
400
700
mV
IO (Sink) Output Sink Current
VO ≤ 1.5V
10
60
mA
IS
Supply Current
APX393
Both Comparators
150
180
250
µA
APX339
All four Comparators
240
300
350
µA
Output Leakage Current
.003
1
µA
θ
JA
Thermal Resistance
Junction-to -Ambient
MSOP-8L (Note 8)
203
°C/W
SOP-8L (Note 8)
150
°C/W
TSSOP-14L (Note 8)
100
°C/W
5V AC Electrical Characteristics
TA = 25°C, V
+ = 5V, R
L = 5.1 kΩ, V
- = 0V.
Symbol
Parameter
Test Conditions
Min
(Note 7)
Typ.
(Note 6)
Max
(Note 7)
Unit
TPHL
Propagation Delay
(High to Low)
Input Overdrive = 10mV
600
ns
Input Overdrive = 100mV
200
ns
TPLH
Propagation Delay
(Low to High)
Input Overdrive = 10mV
450
ns
Input Overdrive = 100mV
300
ns
Notes:
6. Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary over time
and will also depend on the application and configuration. The typical values are not tested and are not guaranteed on shipped production
material.
7. All limits are guaranteed by testing or statistical analysis.
8. All numbers are typical, and apply for packages soldered directly onto a PC board in still air.


Similar Part No. - APX393SG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APX321 DIODES-APX321 Datasheet
670Kb / 18P
   LOW VOLTAGE, RAIL-TO-RAIL INPUT AND OUTPUT
APX324 Rev. 13
APX321SEG-7 DIODES-APX321SEG-7 Datasheet
670Kb / 18P
   LOW VOLTAGE, RAIL-TO-RAIL INPUT AND OUTPUT
APX324 Rev. 13
APX321WG-7 DIODES-APX321WG-7 Datasheet
670Kb / 18P
   LOW VOLTAGE, RAIL-TO-RAIL INPUT AND OUTPUT
APX324 Rev. 13
APX324 DIODES-APX324 Datasheet
670Kb / 18P
   LOW VOLTAGE, RAIL-TO-RAIL INPUT AND OUTPUT
APX324 Rev. 13
APX324TSG-13 DIODES-APX324TSG-13 Datasheet
670Kb / 18P
   LOW VOLTAGE, RAIL-TO-RAIL INPUT AND OUTPUT
APX324 Rev. 13
More results

Similar Description - APX393SG-13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6681 TI1-LMC6681 Datasheet
793Kb / 26P
[Old version datasheet]   Single/LMC6682 Dual/LMC6684 Quad Low Voltage, Rail-To-Rail Input
logo
ON Semiconductor
LMV321 ONSEMI-LMV321 Datasheet
250Kb / 20P
   Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
August, 2009 ??Rev. 8
LMV321 ONSEMI-LMV321_V01 Datasheet
608Kb / 22P
   Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
January, 2021 ??Rev. 16
LMV821 ONSEMI-LMV821 Datasheet
794Kb / 16P
   Single, Dual, Quad Low Voltage, Rail-to-Rail Operational Amplifiers
October, 2009 ??Rev. 1
LMV321 ONSEMI-LMV321_15 Datasheet
189Kb / 20P
   Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
February, 2015 ??Rev. 12
logo
Linear Technology
LT6221 LINER-LT6221_15 Datasheet
370Kb / 22P
   Single/Dual/Quad 60MHz, 20V/s, Low Power, Rail-to-Rail Input
logo
Texas Instruments
LM393LV TI-LM393LV_V04 Datasheet
4Mb / 57P
[Old version datasheet]   LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
DECEMBER 2020
LM393LV TI-LM393LV_V01 Datasheet
2Mb / 42P
[Old version datasheet]   LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
LM393LV TI-LM393LV_V03 Datasheet
3Mb / 53P
[Old version datasheet]   LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
REVISED DECEMBER 2020
LM393LV TI-LM393LV Datasheet
2Mb / 39P
[Old version datasheet]   LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com