Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS137-WG-7-A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ATS137-WG-7-A
Description  SINGLE HALL EFFECT SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ATS137-WG-7-A Datasheet(HTML) 1 Page - Diodes Incorporated

  ATS137-WG-7-A Datasheet HTML 1Page - Diodes Incorporated ATS137-WG-7-A Datasheet HTML 2Page - Diodes Incorporated ATS137-WG-7-A Datasheet HTML 3Page - Diodes Incorporated ATS137-WG-7-A Datasheet HTML 4Page - Diodes Incorporated ATS137-WG-7-A Datasheet HTML 5Page - Diodes Incorporated ATS137-WG-7-A Datasheet HTML 6Page - Diodes Incorporated ATS137-WG-7-A Datasheet HTML 7Page - Diodes Incorporated ATS137-WG-7-A Datasheet HTML 8Page - Diodes Incorporated ATS137-WG-7-A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ATS137
SINGLE HALL EFFECT SWITCH
ATS137 Rev. 10
1 of 12
FEBRUARY 2010
DS31045
www.diodes.com
© Diodes Incorporated
3.5V to 20V DC Operation Voltage
Temperature Compensation
Wide Operating Voltage Range
Open-Collector Pre-Driver
25mA Maximum Sinking Output Current
Reverse Polarity Protection
Lead Free Package: SIP-3L and SC59-3L (Commonly
known as SOT23 in Asia)
SIP-3L and SC59-3L: Available in “Green” Molding
Compound (No Br, Sb)
Lead Free Finish / RoHS Compliant (Note 1)
ATS137 is a switched Hall-Effect IC, which is for contactless
switching applications. The device includes an on-chip Hall
voltage generator for magnetic sensing, an amplifier that
amplifies the Hall voltage, a Schmitt trigger to provide switching
hysteresis for noise rejection, and an open-collector output. The
bandgap regulator allows a wide operating voltage range.
ATS137 is rated for operating temperature range from -20
°C to
85
°C and voltage range from 3.5V to 20V.
VCD/DVD Loader, CD/DVD ROM
Cover Detector
Speed Measurement
Home Appliances
Home Safety
Typical Application Circuit
ATS137
3.5V ~20V
Digital Output
Vcc
DO
GND
L
R
Features
General Description
Applications


Similar Part No. - ATS137-WG-7-A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ATS137-WG-7-A DIODES-ATS137-WG-7-A Datasheet
189Kb / 10P
   SINGLE HALL EFFECT SWITCH
ATS137 Rev. 4
More results

Similar Description - ATS137-WG-7-A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ATS137 DIODES-ATS137 Datasheet
189Kb / 10P
   SINGLE HALL EFFECT SWITCH
ATS137 Rev. 4
logo
Anachip Corp
ATS137 ANACHIP-ATS137 Datasheet
202Kb / 7P
   Single Hall Effect Switch
AH337 ANACHIP-AH337 Datasheet
255Kb / 8P
   Single Phase Hall Effect Switch
logo
Diodes Incorporated
AH337 DIODES-AH337 Datasheet
164Kb / 9P
   SINGLE PHASE HALL EFFECT SWITCH
logo
GTM CORPORATION
G6853 GTM-G6853 Datasheet
149Kb / 4P
   Single Output Hall Effect Switch IC
logo
Rohm
BU52012HFV ROHM-BU52012HFV Datasheet
186Kb / 6P
   Hall effect Switch
BU52014HFV ROHM-BU52014HFV Datasheet
197Kb / 6P
   Hall effect Switch
logo
Major-Power Technology ...
MA7015 MPOWER-MA7015 Datasheet
167Kb / 2P
   Hall Effect Switch
Rev.1.0
logo
Rohm
BU52015GUL ROHM-BU52015GUL Datasheet
192Kb / 5P
   Hall effect Switch
BU52003GUL ROHM-BU52003GUL Datasheet
189Kb / 6P
   Hall effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com