Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4808B-2 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC4808B-2
Description  High Performance Dual Ended PWM Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4808B-2 Datasheet(HTML) 3 Page - Semtech Corporation

  SC4808B-2_09 Datasheet HTML 1Page - Semtech Corporation SC4808B-2_09 Datasheet HTML 2Page - Semtech Corporation SC4808B-2_09 Datasheet HTML 3Page - Semtech Corporation SC4808B-2_09 Datasheet HTML 4Page - Semtech Corporation SC4808B-2_09 Datasheet HTML 5Page - Semtech Corporation SC4808B-2_09 Datasheet HTML 6Page - Semtech Corporation SC4808B-2_09 Datasheet HTML 7Page - Semtech Corporation SC4808B-2_09 Datasheet HTML 8Page - Semtech Corporation SC4808B-2_09 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
© 2009 Semtech Corp.
www.semtech.com
SC4808B-2
POWER MANAGEMENT
Electrical Characteristics (Cont.)
Unless specified: VCC = 12V; CL = 100pF; T
A = -40°C to 105°C
Parameter
Test Conditions
Min
Typ
Max
Unit
VCC Under Voltage Lockout
Start Threshold
4.0
4.40
4.5
V
Hysteresis
100
140
200
mV
Line Under Voltage Lockout
Start Threshold
R23 = 14k
Ω, R33 = 10kΩ (see page 11)
-3%
VREF
+3%
V
Hysteresis
R23 = 14k
Ω, R33 = 10kΩ (see page 11)
5.6% of
VREF
mV
Soft Start
Internal Soft Start Ramp
200
µs/V
Soft Start Duration
Rcs = 1k
(See formula in the application
information section on page 18)
12
µs
Soft Start Delay
140
µs
Oscillator
Oscillator Frequency
R
osc = 11k Ω, Cosc = 200pF
450
500
550
KHz
Oscillator Ramp
VREF/2
+0.25
V
RC pin to GND capacitance
22
pF
Oscillator Frequency Range
50
1000
KHz
Sync/CLOCK
Clock SYNC Threshold
1.0
V
Sync Frequency Range
F
osc
*1.3
KHz
Bandgap
Reference Voltage
2.970
3.125
3.280
V
ReferenceCurrent
5
mA
Overall
Startup Current
VCC < start threshold
150
µA
Operating Supply Current
FB = 0V, CS = 0V
7
mA
VCC Zener Shunt Voltage
IDD = 10mA
16
V
Parameter
Test Conditions
Min
Typ
Max
Unit
VCC Under Voltage Lockout
Start Threshold
4.0
4.40
4.5
V
Hysteresis
100
140
200
mV
Line Under Voltage Lockout
Start Threshold
R23 = 14k
Ω, R33 = 10kΩ (see page 11)
-3%
VREF
+3%
V
Hysteresis
R23 = 14k
Ω, R33 = 10kΩ (see page 11)
5.6% of
VREF
mV
Soft Start
Internal Soft Start Ramp
200
µs/V
Soft Start Duration
Rcs = 1k
(See formula in the application
information section on page 18)
12
µs
Soft Start Delay
140
µs
Oscillator
Oscillator Frequency
R
osc = 11k Ω, Cosc = 200pF
450
500
550
KHz
Oscillator Ramp
VREF/2
+0.25
V
RC pin to GND capacitance
22
pF
Oscillator Frequency Range
50
1000
KHz
Sync/CLOCK
Clock SYNC Threshold
1.0
V
Sync Frequency Range
F
osc
*1.3
KHz
Bandgap
Reference Voltage
2.970
3.125
3.280
V
ReferenceCurrent
5
mA
Overall
Startup Current
VCC < start threshold
150
µA
Operating Supply Current
FB = 0V, CS = 0V
7
mA
VCC Zener Shunt Voltage
IDD = 10mA
16
V
Parameter
Test Conditions
Min
Typ
Max
Unit
VCC Under Voltage Lockout
Start Threshold
4.0
4.40
4.5
V
Hysteresis
100
140
200
mV
Line Under Voltage Lockout
Start Threshold
R23 = 14k
Ω, R33 = 10kΩ (see page 11)
-3%
VREF
+3%
V
Hysteresis
R23 = 14k
Ω, R33 = 10kΩ (see page 11)
5.6% of
VREF
mV
Soft Start
Internal Soft Start Ramp
200
µs/V
Soft Start Duration
Rcs = 1k
(See formula in the application
information section on page 18)
12
µs
Soft Start Delay
140
µs
Oscillator
Oscillator Frequency
R
osc = 11k Ω, Cosc = 200pF
450
500
550
KHz
Oscillator Ramp
VREF/2
+0.25
V
RC pin to GND capacitance
22
pF
Oscillator Frequency Range
50
1000
KHz
Sync/CLOCK
Clock SYNC Threshold
1.0
V
Sync Frequency Range
F
osc
*1.3
KHz
Bandgap
Reference Voltage
2.970
3.125
3.280
V
ReferenceCurrent
5
mA
Overall
Startup Current
VCC < start threshold
150
µA
Operating Supply Current
FB = 0V, CS = 0V
7
mA
VCC Zener Shunt Voltage
IDD = 10mA
16
V


Similar Part No. - SC4808B-2_09

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4808B-2MSTRT SEMTECH-SC4808B-2MSTRT Datasheet
439Kb / 28P
   High Performance Dual Ended PWM Controller
More results

Similar Description - SC4808B-2_09

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4808C SEMTECH-SC4808C Datasheet
381Kb / 24P
   High Performance Dual Ended PWM Controller
SC4808B-1 SEMTECH-SC4808B-1 Datasheet
439Kb / 28P
   High Performance Dual Ended PWM Controller
SC4808B-2 SEMTECH-SC4808B-2 Datasheet
439Kb / 28P
   High Performance Dual Ended PWM Controller
SC4808A SEMTECH-SC4808A_16 Datasheet
473Kb / 31P
   High Performance Dual Ended PWM Controller
SC4808A SEMTECH-SC4808A Datasheet
468Kb / 31P
   High Performance Dual Ended PWM Controller
logo
IXYS Corporation
IXMS150PSI IXYS-IXMS150PSI Datasheet
464Kb / 10P
   High Performance Dual PWM Microstepping Controller
logo
E-CMOS Corporation
EC3228 E-CMOS-EC3228 Datasheet
846Kb / 16P
   High-Performance PWM Controller
logo
Shenzhen Huazhimei Semi...
HM1468 HMSEMI-HM1468 Datasheet
2Mb / 16P
   High-Performance PWM Controller
logo
TECHCODE SEMICONDUCTOR,...
TD1728 TECHCODE-TD1728 Datasheet
530Kb / 17P
   High-Performance PWM Controller
TD1730 TECHCODE-TD1730 Datasheet
677Kb / 17P
   High-Performance PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com