Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP4050SSS Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP4050SSS
Description  40V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP4050SSS Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP4050SSS Datasheet HTML 1Page - Diodes Incorporated DMP4050SSS Datasheet HTML 2Page - Diodes Incorporated DMP4050SSS Datasheet HTML 3Page - Diodes Incorporated DMP4050SSS Datasheet HTML 4Page - Diodes Incorporated DMP4050SSS Datasheet HTML 5Page - Diodes Incorporated DMP4050SSS Datasheet HTML 6Page - Diodes Incorporated DMP4050SSS Datasheet HTML 7Page - Diodes Incorporated DMP4050SSS Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DMP4050SSS
Document Number DS32108 Rev 1 - 2
4 of 8
www.diodes.com
March 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMP4050SSS
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
-40
V
ID = -250μA, VGS= 0V
Zero Gate Voltage Drain Current
IDSS
-0.5
μA
VDS= -40V, VGS= 0V
Gate-Source Leakage
IGSS
±100
nA
VGS= ±20V, VDS= 0V
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(th)
-1.0
-3.0
V
ID= -250μA, VDS= VGS
Static Drain-Source On-Resistance (Note 7)
RDS (ON)
0.038
0.050
VGS= -10V, ID= -6A
0.055
0.079
VGS= -4.5V, ID= -5A
Forward Transconductance (Notes 7 & 8)
gfs
14
S
VDS= -15V, ID= -6A
Diode Forward Voltage (Note 7)
VSD
-0.86
-1.2
V
IS= -6A, VGS= 0V
Reverse recovery time (Note 8)
trr
18.5
ns
IS= -2.5, di/dt= 100A/μs
Reverse recovery charge (Note 8)
Qrr
15.6
nC
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
674
pF
VDS= -20V, VGS= 0V
f= 1MHz
Output Capacitance
Coss
115
pF
Reverse Transfer Capacitance
Crss
67.7
pF
Total Gate Charge (Note 9)
Qg
6.9
nC
VGS= -4.5V
VDS= -20V
ID= -6A
Total Gate Charge (Note 9)
Qg
13.9
nC
VGS= -10V
Gate-Source Charge (Note 9)
Qgs
2
nC
Gate-Drain Charge (Note 9)
Qgd
3.4
nC
Turn-On Delay Time (Note 9)
tD(on)
1.9
ns
VDD= -20V, VGS= -10V
ID= -1A, RG ≅ 6.0Ω
Turn-On Rise Time (Note 9)
tr
3.1
ns
Turn-Off Delay Time (Note 9)
tD(off)
31.5
ns
Turn-Off Fall Time (Note 9)
tf
12.6
ns
Notes:
7. Measured under pulsed conditions. Pulse width
≤ 300μs; duty cycle ≤ 2%
8. For design aid only, not subject to production testing.
9. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - DMP4050SSS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP4050SSS DIODES-DMP4050SSS_15 Datasheet
676Kb / 8P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP4050SSS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP4051LK3 DIODES-DMP4051LK3_10 Datasheet
673Kb / 8P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
DS32114 Rev. 2 - 2
ZXMP4A16G DIODES-ZXMP4A16G Datasheet
277Kb / 7P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP4A16K DIODES-ZXMP4A16K Datasheet
582Kb / 8P
   40V P-channel enhancement mode MOSFET
DMP4050SSS DIODES-DMP4050SSS_15 Datasheet
676Kb / 8P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Shanghai Leiditech Elec...
LM3L5P04 LEIDITECH-LM3L5P04 Datasheet
1Mb / 5P
   -40V P-Channel Enhancement Mode MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW40P04DF YFWDIODE-YFW40P04DF Datasheet
1Mb / 5P
   -40V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
logo
Pan Jit International I...
PJL9421 PANJIT-PJL9421 Datasheet
605Kb / 6P
   40V P-Channel Enhancement Mode MOSFET
May 12,2017-REV.00
logo
Diodes Incorporated
DMP4026LSSQ DIODES-DMP4026LSSQ Datasheet
573Kb / 7P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
March 2023 Rev: 2 - 2
logo
Pan Jit International I...
PJQ4441P-AU PANJIT-PJQ4441P-AU Datasheet
792Kb / 6P
   40V P-Channel Enhancement Mode MOSFET
January 26,2022 PJQ4441P-AU-REV.01
PJQ4441P PANJIT-PJQ4441P Datasheet
792Kb / 6P
   40V P-Channel Enhancement Mode MOSFET
January 26,2022 PJQ4441P-REV.01
PJQ5453 PANJIT-PJQ5453 Datasheet
595Kb / 6P
   40V P-Channel Enhancement Mode MOSFET
May 9,2019-REV.00
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com