Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-93C56BR0I-J8T1U Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-93C56BR0I-J8T1U
Description  3-WIRE SERIAL E2PROM
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93C56BR0I-J8T1U Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-93C56BR0I-J8T1U Datasheet HTML 1Page - Seiko Instruments Inc S-93C56BR0I-J8T1U Datasheet HTML 2Page - Seiko Instruments Inc S-93C56BR0I-J8T1U Datasheet HTML 3Page - Seiko Instruments Inc S-93C56BR0I-J8T1U Datasheet HTML 4Page - Seiko Instruments Inc S-93C56BR0I-J8T1U Datasheet HTML 5Page - Seiko Instruments Inc S-93C56BR0I-J8T1U Datasheet HTML 6Page - Seiko Instruments Inc S-93C56BR0I-J8T1U Datasheet HTML 7Page - Seiko Instruments Inc S-93C56BR0I-J8T1U Datasheet HTML 8Page - Seiko Instruments Inc S-93C56BR0I-J8T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
S-93C46B/56B/66B
www.sii-ic.com
3-WIRE SERIAL E
2PROM
© Seiko Instruments Inc., 2002-2010
Rev.7.0_00
Seiko Instruments Inc.
1
The S-93C46B/56B/66B is a 3-wire, high speed, low current consumption, 1/2/4 K-bit serial E
2PROM with a wide
operating voltage range. It is organized as 64-word
× 16-bit, 128-word × 16-bit, 256-word × 16-bit, respectively. Each is
capable of sequential read, at which time addresses are automatically incremented in 16-bit blocks.
The communication method is by the Microwire bus.
Features
• Low current consumption
Standby:
1.5
μA Max. (V
CC = 5.5 V)
Read:
0.8 mA Max. (VCC = 5.5 V)
0.4 mA Max. (VCC = 2.5 V)
• Wide operating voltage range
Read:
1.8 to 5.5 V
Write:
2.7 to 5.5 V
• Sequential read capable
• Write protect function during the low power supply voltage
• Function to protect against write due to erroneous instruction recognition
• Endurance:
10
6 cycles/word*1 (at
+85°C)
• Data retention:
100 years (at
+25°C)
20 years (at
+85°C)
• S-93C46B:
1 K-bit
• S-93C56B:
2 K-bit
• S-93C66B:
4 K-bit
• Lead-free, Sn 100%, halogen-free*2
*1. For each address (Word: 16-bit)
*2. Refer to “
Product Name Structure” for details.
Packages
• 8-Pin DIP
• 8-Pin SOP (JEDEC)
• 8-Pin TSSOP
• SNT-8A
• TMSOP-8
Caution
This product is intended to use in general electronic devices such as consumer electronics, office
equipment, and communications devices. Before using the product in medical equipment or
automobile equipment including car audio, keyless entry and engine control unit, contact to SII is
indispensable.


Similar Part No. - S-93C56BR0I-J8T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C56BR0I-J8T1G SII-S-93C56BR0I-J8T1G Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
More results

Similar Description - S-93C56BR0I-J8T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C46C SII-S-93C46C Datasheet
2Mb / 39P
   3-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-93C46C ABLIC-S-93C46C Datasheet
641Kb / 39P
   3-WIRE SERIAL E2PROM
Rev.1.1_01
logo
Seiko Instruments Inc
S93S46A SII-S93S46A Datasheet
362Kb / 25P
   3-WIRE SERIAL E2PROM FOR AUTOMOTIVE
S-93A46B SII-S-93A46B Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S93C86B-H SII-S93C86B-H Datasheet
1Mb / 28P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S24C256C SII-S24C256C Datasheet
1Mb / 35P
   2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24C512C ABLIC-S-24C512C Datasheet
493Kb / 35P
   2-WIRE SERIAL E2PROM
Rev.2.0_03_S
logo
Seiko Instruments Inc
S-93C76A-H SII-S-93C76A-H Datasheet
1Mb / 28P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S-93C46C-H SII-S-93C46C-H Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S93L76A SII-S93L76A Datasheet
1Mb / 37P
   LOW VOLTAGE OPERATION 3-WIRE SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com