Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-93C66BR0I-I8T1U Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-93C66BR0I-I8T1U
Description  3-WIRE SERIAL E2PROM
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93C66BR0I-I8T1U Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-93C66BR0I-I8T1U Datasheet HTML 3Page - Seiko Instruments Inc S-93C66BR0I-I8T1U Datasheet HTML 4Page - Seiko Instruments Inc S-93C66BR0I-I8T1U Datasheet HTML 5Page - Seiko Instruments Inc S-93C66BR0I-I8T1U Datasheet HTML 6Page - Seiko Instruments Inc S-93C66BR0I-I8T1U Datasheet HTML 7Page - Seiko Instruments Inc S-93C66BR0I-I8T1U Datasheet HTML 8Page - Seiko Instruments Inc S-93C66BR0I-I8T1U Datasheet HTML 9Page - Seiko Instruments Inc S-93C66BR0I-I8T1U Datasheet HTML 10Page - Seiko Instruments Inc S-93C66BR0I-I8T1U Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
3-WIRE SERIAL E
2PROM
Rev.7.0_00
S-93C46B/56B/66B
Seiko Instruments Inc.
7
Absolute Maximum Ratings
Table 10
Item
Symbol
Ratings
Unit
Power supply voltage
VCC
−0.3 to +7.0
V
Input voltage
VIN
−0.3 to V
CC +0.3
V
Output voltage
VOUT
−0.3 to V
CC
V
Operating ambient temperature
Topr
−40 to +105
°C
Storage temperature
Tstg
−65 to +150
°C
Caution
The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
Recommended Operating Conditions
Table 11
(Ta =
−40 to +85°C unless otherwise specified)
Item
Symbol
Conditions
Min.
Max.
Unit
READ, EWDS
1.8
5.5
V
Power supply voltage
VCC
WRITE, ERASE,
WRAL, ERAL, EWEN
2.7
5.5
V
VCC = 4.5 to 5.5 V
2.0
VCC
V
VCC = 2.7 to 4.5 V
0.8
× V
CC
VCC
V
High level input voltage
VIH
VCC = 1.8 to 2.7 V
0.8
× V
CC
VCC
V
VCC = 4.5 to 5.5 V
0.0
0.8
V
VCC = 2.7 to 4.5 V
0.0
0.2
× V
CC
V
Low level input voltage
VIL
VCC = 1.8 to 2.7 V
0.0
0.15
× V
CC
V
Pin Capacitance
Table 12
(Ta
= +25°C, f = 1.0 MHz, V
CC = 5.0 V)
Item
Symbol
Conditions
Min.
Max.
Unit
Input Capacitance
CIN
VIN = 0 V
8
pF
Output Capacitance
COUT
VOUT = 0 V
10
pF
Endurance
Table 13
Item
Symbol
Operating Ambient Temperature
Min.
Max.
Unit
Endurance
NW
−40 to +85°C
10
6
cycles/word
*1
*1.
For each address (Word: 16 bits)
Data Retention
Table 14
Item
Symbol
Operation Ambient Temperature
Min.
Max.
Unit
+25°C
100
year
Data retention
−40 to +85°C
20
year


Similar Part No. - S-93C66BR0I-I8T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C66BR0I-I8T1G SII-S-93C66BR0I-I8T1G Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
More results

Similar Description - S-93C66BR0I-I8T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C46C SII-S-93C46C Datasheet
2Mb / 39P
   3-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-93C46C ABLIC-S-93C46C Datasheet
641Kb / 39P
   3-WIRE SERIAL E2PROM
Rev.1.1_01
logo
Seiko Instruments Inc
S93S46A SII-S93S46A Datasheet
362Kb / 25P
   3-WIRE SERIAL E2PROM FOR AUTOMOTIVE
S-93A46B SII-S-93A46B Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S93C86B-H SII-S93C86B-H Datasheet
1Mb / 28P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S24C256C SII-S24C256C Datasheet
1Mb / 35P
   2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24C512C ABLIC-S-24C512C Datasheet
493Kb / 35P
   2-WIRE SERIAL E2PROM
Rev.2.0_03_S
logo
Seiko Instruments Inc
S-93C76A-H SII-S-93C76A-H Datasheet
1Mb / 28P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S-93C46C-H SII-S-93C46C-H Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S93L76A SII-S93L76A Datasheet
1Mb / 37P
   LOW VOLTAGE OPERATION 3-WIRE SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com