Selected language     English  ▼


H-494-2 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part No. H-494-2
Description  Turns-Counting Dial
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOURNS [Bourns Electronic Solutions]
Homepage  http://www.bourns.com
Logo 

   
 1 page
background image
Specifications are subject to change without notice.
H-490 Turns-Counting Dial
Mechanical and Physical Characteristics
Number of Turns ..................................................................................................................................................................................0 to 30
Dial Divisions ...............................................................................................................................................................................100 per turn
Readability - Over 10 Turns ......................................................................................................................................................1 part in 1000
Torque With Brake Engaged .............................................................................................................................350 g-cm (5 oz-in.) minimum
Markings .............................................................................................................................................................White on black background
Locking Brake.................................................................................................................................................................Refer to chart below
Weight ..........................................................................................................................................................Approximately 7 grams (1/4 oz.)
Set Screws .............................................................................................................................................UNC-3A 4-40, 2 screws 120 º apart
Set Screw Tightening Torque ......................................................................................................................22.59 N-cm (2 lbs.-in.) minimum
Hex Key Size ................................................................................................................................................................................0.05 in. hex
Shaft and Bushing Requirements
Shaft Diameter Requirements ........................................................................................................................................Refer to chart below
Shaft Extension Beyond Panel .........................................................................................................................15.75 mm (0.62 in.) minimum
21.21 mm (0.83 in.) maximum
Bushing Extension Beyond Panel .....................................................................................................................9.02 mm (0.35 in.) maximum
0
9
1
2
25.4
(1.0)
45
° ± 10 °
BRAKE
18.29
(.720)
12.7
(.500)
11.18
(.440)
23.11
± .76
(.909
± .029)
30
° ± 5 °
RAD. MAX.
DIA.
10.36
(.407)
DIA.
Part
Accepts Shaft
Number
Diameter
Fits Bushing Size
Brake
Body Finish
H-493-2
3.18 mm (.125 in.)
6.35 mm-32UNEF-2A
No
Black
H-494-2
3.18 mm (.125 in.)
6.35 mm-32UNEF-2A
Yes
Black
H-491-3
6.35 mm (.250 in.)
9.53 mm-32UNEF-2A
No
Satin Chrome
H-492-3
6.35 mm (.250 in.)
9.53 mm-32UNEF-2A
Yes
Satin Chrome
H-493-3
6.35 mm (.250 in.)
9.53 mm-32UNEF-2A
No
Black
H-494-3
6.35 mm (.250 in.)
9.53 mm-32UNEF-2A
Yes
Black
H-492-2
3.18 mm (.125 in.)
6.35 mm-32UNEF-2A
Yes
Satin Chrome
H-490 MOUNTING INSTRUCTIONS
1. Discard standard mounting nut and lockwasher supplied with the
potentiometer; they will not be used.
2. Insert potentiometer in panel.
3. Using parts supplied with dial, position anti-rotation washer
against panel. Tangs of washer should stick out from panel.
4. Install mounting nut supplied with dial. Be sure:
a. Shoulder on nut engages hold of anti rotation washer.
b. Tangs of anti-rotation washer are aligned vertically.
This positions the turns-counting window properly.
5. Turn potentiometer shaft counterclockwise to minimum resistance
or voltage ratio. This is not necessarily at the end of travel.
6. Loosen set screw in knob of dial assembly. Set dial to “0.00”
reading. Slip dial assembly over end of potentiometer shaft.
7. Holding outer ring of dial assembly, engage locating tangs on
anti-rotation washer in notches on dial assembly.
8. While holding outer ring, position unit lightly against panel.
Uniformly tighten knob set screws to potentiometer shaft with
furnished hex wrench.
Dimensional Drawings
Features
No backlash - mounted directly to
potentiometer shaft
For use with precision potentiometers or
other rotating devices up to 30 turns
Compact size - requires only 25.4 mm
diameter panel space
Available with or without brake
DIMENSIONS:
MM
(INCHES)
How to Order
REV. 04/03




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl