Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MU3261-101Y Datasheet(PDF) 9 Page - Bourns Electronic Solutions

Part # MU3261-101Y
Description  High Impedance Chip Ferrite Beads
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MU3261-101Y Datasheet(HTML) 9 Page - Bourns Electronic Solutions

  MU3261-101Y Datasheet HTML 1Page - Bourns Electronic Solutions MU3261-101Y Datasheet HTML 2Page - Bourns Electronic Solutions MU3261-101Y Datasheet HTML 3Page - Bourns Electronic Solutions MU3261-101Y Datasheet HTML 4Page - Bourns Electronic Solutions MU3261-101Y Datasheet HTML 5Page - Bourns Electronic Solutions MU3261-101Y Datasheet HTML 6Page - Bourns Electronic Solutions MU3261-101Y Datasheet HTML 7Page - Bourns Electronic Solutions MU3261-101Y Datasheet HTML 8Page - Bourns Electronic Solutions MU3261-101Y Datasheet HTML 9Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
REV. 11/07
MG, MU, MZ Series High Impedance Chip Ferrite Beads
Equivalent Circuit
Recommended Soldering
R(f)
Preheating:
100 ° to 150 °C
2 minutes min.
5 seconds max.
120 sec. max.
50 sec. max.
200 °C
230 °C
260 °C max.
DIMENSIONS ARE:
MM
(INCHES)
Product Dimensions
Recommended Land Pattern
A
B
D
C
FERRITE
TERMINAL ELECTRODE
D
I
G
I
H
Series
A
B
C
D
G
H
I
3261
3.2 ±0.2
(.126 ±.008)
1.6 ±0.2
(.063 ±.008)
1.1 ±0.2
(.043 ±.008)
0.5 ±0.2
(.020 ±.008)
2.0
(.079)
1.4
(.053)
1.1
(.043)
2029
2.0 ±0.2
(.079 ±.008)
1.2 ±0.2
(.047 ±.008)
0.9 ±0.2
(.035 ±.008)
0.5 ±0.2
(.020 ±.008)
1.0
(.040)
1.0
(.040)
1.0
(.040)
1608
1.6 ±0.2
(.063 ±.008)
0.8 ±0.2
(.031 ±.008)
0.8 ±0.2
(.031 ±.008)
0.5 ±0.2
(.020 ±.008)
0.7
(.028)
0.7
(.128)
0.7
(.128)
1005
1.0 ±0.10
(.04 ±.004)
0.50 ±0.10
(0.02 ±.004)
0.50 ±0.10
(.02 ±.004)
0.25 ±0.10
(.01 ±.004)
0.5
(.02)
0.55
(.022)
0.7
(.028)
Reel Dimensions
G
T
2.0 ± 0.5
(.079 ± .020)
50.0
(1.969)
178.0
(7.00)
DIA.
13.0 ± 0.5
(.512 ± .020)
DIA.
13.0 ± 0.5
(.512 ± .020)
DIA.
21.0 ± 0.8
(.827 ± .031)
EMBOSSED
CARRIER
EMBOSSED
CAVITY
0.10
(.004)
THICKNESS
MAX.
8.0
(.315)
4.0
(.157)
CARRIER TAPE WIDTH: D
CAVITY PITCH:
Series
Pcs. per Reel Gross Weight (g)
D
G
T
3261
3,000
150
8.0
(.315)
10.0 +0
(.394 +0)
12.5
(.492)
2029
4,000
120
1608
4,000
90
1005
10,000
135


Similar Part No. - MU3261-101Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MU3261-121Y BOURNS-MU3261-121Y Datasheet
934Kb / 8P
   High Impedance Chip Ferrite Beads
MU3261-122Y BOURNS-MU3261-122Y Datasheet
934Kb / 8P
   High Impedance Chip Ferrite Beads
MU3261-152Y BOURNS-MU3261-152Y Datasheet
934Kb / 8P
   High Impedance Chip Ferrite Beads
More results

Similar Description - MU3261-101Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MU3261-121Y BOURNS-MU3261-121Y Datasheet
934Kb / 8P
   High Impedance Chip Ferrite Beads
MG2029 BOURNS-MG2029_12 Datasheet
645Kb / 7P
   High Impedance Chip Ferrite Beads
logo
List of Unclassifed Man...
HZ0805C202R ETC2-HZ0805C202R Datasheet
338Kb / 6P
   High Impedance Ferrite Chip Beads
logo
Bourns Electronic Solut...
MT4532-250Y BOURNS-MT4532-250Y Datasheet
661Kb / 5P
   Low Impedance Chip Ferrite Beads
logo
Frontier Electronics.
FB451616 FRONTIER-FB451616 Datasheet
128Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH IMPEDANCE)
FB453215 FRONTIER-FB453215 Datasheet
128Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH IMPEDANCE)
FB322513 FRONTIER-FB322513 Datasheet
128Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH IMPEDANCE)
logo
Superworld Electronics
Z7K800-RT-10 SUPERWORLD-Z7K800-RT-10 Datasheet
361Kb / 9P
   FERRITE CHIP BEADS
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
   FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
   FERRITE CHIP BEADS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com