Electronic Components Datasheet Search |
|
MX10A-3-5SA Datasheet(PDF) 1 Page - Bourns Electronic Solutions |
|
MX10A-3-5SA Datasheet(HTML) 1 Page - Bourns Electronic Solutions |
1 / 2 page MX(T)10A-3-5SA SMT Non-Isolated Power Module Features ■ Industry standard SMT package ■ Output voltage programmable from 0.75 Vdc to 3.6 Vdc via external resistor ■ 10 A output current ■ Up to 95 % efficiency ■ Small size, low profile ■ Cost-efficient ■ Low output ripple and noise ■ High reliability ■ Remote on/off ■ Output overcurrent protection (non-latching) ■ Optional sequencing function Description Bourns® MX(T)10A-3-5SA is a non-isolated DC-DC converter offering designers a cost and space-efficient solution with standard features such as remote on/off, precisely regulated programmable output voltage and overcurrent protection and optional output voltage sequencing. Specifications Parameter Min. Nom. Max. Units Notes INPUT Voltage 2.4 5.5 Vdc Current 10.0 Adc Remote: ON/OFF Standard -P option Low or Open = On Off High = Off On 2.4 0.4 Vin Vdc Vdc 10 µA max. 1 mA max. OUTPUT Voltage Adjustment Range 0.75 3.63 Vdc Current 0.0 10.0 Adc Voltage Setpoint Accuracy -2.0 2.0 % Vo, set Line Regulation 0.3 % Vo, set Load Regulation 0.4 % Vo, set Temperature Regulation 0.4 % Vo, set Ripple (pk-pk) (20 MHz Bandwidth) 25 50 mVpk-pk 1 µF ceramic//10 µF tantalum capacitors Ripple (rms) 8 15 mVrms 1 µF ceramic//10 µF tantalum capacitors Dynamic Load Response: 50 % to 100 % Load or 100 % to 50 % Load; (∆i/∆t = 2.5 A/µs; 25 °C) 200 25 mV µs 1 µF ceramic//10 µF tantalum capacitors 50 % to 100 % Load or 100 % to 50 % Load; (∆i/∆t = 2.5 A/µs; 25 °C) 100 100 mV µs 2 x 150 µF polymer capacitors GENERAL MTBF 13,675 kHrs Operating Temperature -40 +85 °C Storage Temperature -55 +125 °C Switching Frequency 300 kHz Efficiency (Vin = 5 Vdc, TA= 25 °C, Full Load) 82.5 % Vo,set = 0.75 Vdc 88.0 % Vo,set = 1.2 Vdc 89.5 % Vo,set = 1.5 Vdc 91.0 % Vo,set = 1.8 Vdc 93.0 % Vo,set = 2.5 Vdc 95.0 % Vo,set = 3.3 Vdc ■ Intermediate Bus architecture ■ Distributed power applications ■ Workstations and servers ■ Telecom equipment ■ Enterprise networks including LANs/WANs ■ Latest generation ICs (DSP, FPGA, ASIC) and microprocessor powered applications Applications *RoHS Directive 2002/95/EC Jan 27 2003 including Annex. Specifications are subject to change without notice. Customers should verify device performance in their specific applications. OBSOLET E |
Similar Part No. - MX10A-3-5SA |
|
Similar Description - MX10A-3-5SA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |