Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P850-U260-WH Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # P850-U260-WH
Description  Extremely high speed performance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

P850-U260-WH Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  P850-U260-WH Datasheet HTML 1Page - Bourns Electronic Solutions P850-U260-WH Datasheet HTML 2Page - Bourns Electronic Solutions P850-U260-WH Datasheet HTML 3Page - Bourns Electronic Solutions P850-U260-WH Datasheet HTML 4Page - Bourns Electronic Solutions P850-U260-WH Datasheet HTML 5Page - Bourns Electronic Solutions P850-U260-WH Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TBUP650-U and P850-U Protectors
Product Dimensions
Recommended Pad Layout
Pad #
Apply
1
In1
2NC
3
Out1
4
Out2
5NC
6
In2
NC = Solder to PCB; do not make electrical
connection, do not connect to ground.
Pad Designation
TBUdevices have matte-tin termination finish. Suggested layout should use non-solder mask
define (NSMD). Recommended stencil thickness is 0.10-0.12 mm (.004-.005 in.) with stencil
opening size 0.025 mm (.0010 in.) less than the device pad size. As when heat sinking any power
device, it is recommended that, wherever possible, extra PCB copper area is allowed. For mini-
mum parasitic capacitance, do not allow any signal, ground or power signals beneath any of the
pads of the device.
Block Diagram
Thermal Resistances
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to leads (package)
105
°C/W
Junction to leads (per TBU)
202
°C/W
Reflow Profile
Profile Feature
Pb-Free Assembly
Average Ramp-Up Rate (Tsmax to Tp)
3 °C/sec. max.
Preheat
- Temperature Min. (Tsmin)
- Temperature Max. (Tsmax)
- Time (tsmin to tsmax)
150 °C
200 °C
60-180 sec.
Time maintained above:
- Temperature (TL)
- Time (tL)
217 °C
60-150 sec.
Peak/Classification Temperature (Tp)
260 °C
Time within 5 °C of Actual Peak Temp. (tp)
20-40 sec.
Ramp-Down Rate
6 °C/sec. max.
Time 25 °C to Peak Temperature
8 min. max.
PIN 1
A
B
D
C
4
3
6
1
5
2
E
J
J
N
N
H
P
G
K
L
F
TOP VIEW
SIDE VIEW
BOTTOM VIEW
H
DIMENSIONS:
MM
(INCHES)
Dim.
Min.
Typ.
Max.
A
6.15
(.242)
6.25
(.246)
6.35
(.250)
B
7.65
(.301)
7.75
(.305)
7.85
(.309)
C
0.80
(.031)
0.85
(.033)
0.90
(.035)
D
0.000
(.000)
0.025
(.001)
0.050
(.002)
E
0.50
(.020)
0.55
(.022)
0.60
(.024)
F
1.20
(.047)
1.25
(.049)
1.30
(.051)
G
4.20
(.165)
4.25
(.167)
4.30
(.169)
H
2.45
(.096)
2.50
(.098)
2.55
(.100)
J
0.20
(.008)
0.25
(.010)
0.30
(.012)
K
0.45
(.018)
0.50
(.020)
0.55
(.022)
L
0.65
(.026)
0.70
(.028)
0.75
(.030)
N
0.20
(.008)
0.25
(.010)
0.30
(.012)
P
0.70
(.028)
0.75
(.030)
0.80
(.031)
Q
3.20
(.126)
3.25
(.128)
3.30
(.130)
2.525
(.099)
0.50
(.020)
1.25
(.049)
0.575
(.023)
0.375
(.015)
0.70
(.028)
4.275
(.168)
6
4
1
3
TBU™ Device
Line
Side
Load
Side


Similar Part No. - P850-U260-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
P850-U260-WH BOURNS-P850-U260-WH Datasheet
784Kb / 6P
   P650-U and P850-U Series TBU짰 High-Speed Protectors
P850-U260-WH BOURNS-P850-U260-WH Datasheet
123Kb / 1P
   MATERIAL DECLARATION SHEET
More results

Similar Description - P850-U260-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
P500-G BOURNS-P500-G Datasheet
755Kb / 7P
   Extremely high speed performance
P40-G BOURNS-P40-G Datasheet
548Kb / 7P
   Extremely high speed performance
logo
MAKO SEMICONDUCTOR CO.,...
BAT54A-KL2 MAKOSEMI-BAT54A-KL2 Datasheet
112Kb / 2P
   Extremely Fast Switching Speed
logo
List of Unclassifed Man...
BAT54S-KL4 ETC2-BAT54S-KL4 Datasheet
112Kb / 2P
   Extremely Fast Switching Speed
logo
Nanjing International G...
BAT54S DGNJDZ-BAT54S Datasheet
441Kb / 2P
   Extremely Fast Switching Speed
logo
List of Unclassifed Man...
BAT54-KL1 ETC2-BAT54-KL1 Datasheet
112Kb / 2P
   Extremely Fast Switching Speed
logo
BCD Semiconductor Manuf...
AP2122 BCDSEMI-AP2122 Datasheet
238Kb / 20P
   HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2121 BCDSEMI-AP2121_07 Datasheet
271Kb / 21P
   HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
logo
Diodes Incorporated
AP2120 DIODES-AP2120 Datasheet
643Kb / 19P
   HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 5 - 2 March 2021
AP2121 DIODES-AP2121 Datasheet
1Mb / 29P
   HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 2 - 6 Dec 2012
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com