Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG001M Datasheet(PDF) 1 Page - Sanken electric

Part # PG001M
Description  Serial Signal Generator ICs for SLA7042M and SLA7044M
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

PG001M Datasheet(HTML) 1 Page - Sanken electric

  PG001M_10 Datasheet HTML 1Page - Sanken electric PG001M_10 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
124
ICs
1-2-1 2-Phase Stepper Motor Unipolar Driver ICs
■Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Supply Voltage
VDD
–0.5 to 7
V
Input Voltage
VI
–0.5 to VDD+0.5
V
Input Current
II
±10
mA
Output Voltage
VO
–0.5 to VDD+0.5
V
Output Current
IO
±15
mA
Power Dissipation
PD
200
mW
Operating Temperature
TOP
–20 to +85
°C
Storage Temperature
Tstg
–40 to +150
°C
Parameter
Symbol
Conditions
Ratings
Unit
min.
typ.
max.
Supply Voltage
VDD
4.5
5.5
V
Supply Current
IDD
VDD=5.5V
0.35
0.45
mA
Output Voltage
VOH
VDD=5V, IO=
±3mA
4.5
V
VOL
0.4
Input Current
II
VDD=5V, VI=0 or 5V
±1
µA
Input Voltage
VIH
VDD=5V
3.5
5
V
VIL
–0.3
1.5
Input Hysteresis Voltage
VH
VDD=5V
1
V
Input Capacity
CI
VDD=5V
5
10
pF
Internal Oscillation Frequency
F
VDD=5V
1.5
MHz
Propagation Delay Time
TCS
See Fig.1.
50
100
ns
TCC
430
550
Output Voltage
Tr
VDD=5V, CL=15pF
20
ns
Rise and Fall Time
Tf
See Fig.2.
20
CLOCK IN Terminal
VCIH
H level time, VDD=5V
4.5
µs
Input Clock Time
VCIL
L level time, VDD=5V
0.5
Reset Setting Time (A)
ts
RFrom/To CLOCK_IN
100
ns
Stabilization Time After Reset Input (B)
tps
R
See Fig.3.
Signal Setting Time (C)
ts
SFrom/To CLOCK_IN
100
ns
Stabilization Time After Signal Input (D)
tps
S
See Fig.3.
(Ta=25
°C)
■Electrical Characteristics
CLOCK_IN
CLOCK_OUT
DATA
STROBE
TCC
TCS
1/F
1/F
CLOCK_OUT
DATA
STROBE
90%
10%
Tr
Tf
CLOCK_IN
RESET
MO
MS1
MS2
CW/CCW
VC
A
B
C
DC
D
C
D
C
D
Excitation changeover point
VC changeover occurs only while CLOCK-IN level is L.
Fig. 1
Fig. 3 Timing conditions
Fig.2
(Ta=25
°C)
■Typical Connection Diagram
5V
16
MPU
VDD
RESET
CLOCK_IN
CLOCK
_OUT
CLOCK_A
CLOCK_B
STROBE_A
SLA7042M
SLA7044M
STROBE_B
DATA_A
DATA_B
STROBE
DATA_A
DATA_B
CW/CCW
MS1
MS2
VC
MO
NC
GND
CP1
CP2
1
14
13
11
10
2
3
6
7
15
12
NC
NC
NC
Rs
Rs
85
4
9
P
G
0
0
1
M
Serial Signal Generator ICs for SLA7042M and SLA7044M
PG001M


Similar Part No. - PG001M_10

ManufacturerPart #DatasheetDescription
logo
Sanken electric
PG001M SANKEN-PG001M Datasheet
54Kb / 6P
   Serial Signal Generator IC for SLA7042M and SLA7044M
logo
Allegro MicroSystems
PG001M ALLEGRO-PG001M Datasheet
179Kb / 12P
   PARALLEL-TO-SERIAL DATA CONVERTER
More results

Similar Description - PG001M_10

ManufacturerPart #DatasheetDescription
logo
Sanken electric
PG001M SANKEN-PG001M Datasheet
54Kb / 6P
   Serial Signal Generator IC for SLA7042M and SLA7044M
logo
Panasonic Semiconductor
AN5302K PANASONIC-AN5302K Datasheet
437Kb / 14P
   NTSC LUMINANCE SIGNAL, CHROMA-SIGNAL AND SYNCHRONOUS SIGNAL PROCESSING ICs
logo
Rohm
BU2381FV ROHM-BU2381FV Datasheet
51Kb / 5P
   Multimedia ICs Clock generator for digital still camera
logo
Panasonic Semiconductor
AN5612 PANASONIC-AN5612 Datasheet
331Kb / 3P
   Video Signal, Chrominance Signal Processing ICs for Color TV
logo
Sony Corporation
CXD1159Q SONY-CXD1159Q Datasheet
190Kb / 10P
   SYNC. SIGNAL GENERATOR FOR CAMERA
CXD1159AQ SONY-CXD1159AQ Datasheet
448Kb / 10P
   Sync Signal Generator for Camera
logo
Sharp Corporation
LZ93B53 SHARP-LZ93B53 Datasheet
130Kb / 6P
   Synchronous Signal Generator for CCD
LZ93N19 SHARP-LZ93N19 Datasheet
234Kb / 5P
   Synchronous Signal Generator for CCD
logo
Pericom Semiconductor C...
PI3VST01 PERICOM-PI3VST01 Datasheet
740Kb / 7P
   HPD signal Generator for VGA
logo
Panasonic Semiconductor
AN5790N PANASONIC-AN5790N Datasheet
41Kb / 4P
   Horizontal Signal Processing ICs for CRT Display
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com