Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM61300-1 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PM61300-1
Description  Inverter Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PM61300-1 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PM61300-1 Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
306 E. Alondra Blvd. Gardena, CA 90247-1059 • Phone (310) 515-1720 • FAX (310) 515-1962
wwww.jwmiller.com
11.1
SMT, CCFL Inverter Transformers
Special Features
• Power rating: 6 watts
• Operating frequency: 60KHz -/+25%
• Operating ambient temperature: 0 to +75 °C
• Storage temperature: -40 to +105 °C
• Dielectric withstanding voltage: 1500Vrms
• Packaged: Bulk
Typical Applications
• LCD flat panel displays
• Notebook / palmtop computers
• Portable instruments
• Retail terminals
Consult engineering for inverter circuit related
inductors selection.
PM61300 Series
Primary
Secondary
Part
Number
L (uH)
±10%
@ 10KHz
DCR
Max.
Voltage
(V)
DCR
Max.
Voltage
(V)
I,rms
(mA)
Turns
Ratio
PM61300-1
44
0.61
25
132
1300
70
50
PM61300-2
44
0.82
20
175
1300
70
67
PM61300-3
27
1.10
15
175
1300
70
86
PM61300-4
20
1.88
13
175
1300
70
100
PM61300-5
20
2.34
10.5
290
1300
70
125
Also available as RoHS compliant.
19.5
26.0
Max.
7.1 Max.
10.2 Ref. 16.5 Max.
2.54
Ref.
1
5
10
6
4
5
1
2
3
10
6
1/2 Primary
1/2 Primary
Feedback
High Voltage
Secondary
11.56
2.75
1.40
1.14
Pad Layout
26.50
Dimensioms: mm


Similar Part No. - PM61300-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM61300-1 ETC1-PM61300-1 Datasheet
163Kb / 1P
   SMT, CCFL Inverter Transformers
logo
Bourns Electronic Solut...
PM61300-1-RC BOURNS-PM61300-1-RC Datasheet
284Kb / 1P
   SMD CCFL Transformer
PM61300-1-RC BOURNS-PM61300-1-RC Datasheet
203Kb / 1P
   SMD CCFL Transformer
PM61300-1-RC BOURNS-PM61300-1-RC Datasheet
218Kb / 1P
   SMD CCFL Transformer
PM61300-1-RC BOURNS-PM61300-1-RC_12 Datasheet
203Kb / 1P
   SMD CCFL Transformer
More results

Similar Description - PM61300-1

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
BLC210 TOKO-BLC210 Datasheet
30Kb / 1P
   Inverter Transformers
logo
Sumida Corporation
CPU144C SUMIDA-CPU144C Datasheet
152Kb / 1P
   INVERTER TRANSFORMERS
logo
List of Unclassifed Man...
PM61300 ETC1-PM61300 Datasheet
163Kb / 1P
   SMT, CCFL Inverter Transformers
logo
Mitsumi Electronics, Co...
C8-R MITSUMI-C8-R Datasheet
71Kb / 2P
   Transformers for Inverter or Converter
TR9-B-S MITSUMI-TR9-B-S Datasheet
154Kb / 3P
   Transformers for Inverter or Converter
logo
Eaton All Rights Reserv...
CCFL EATON-CCFL Datasheet
562Kb / 6P
   Cold cathode fluorescent lamp inverter transformers
logo
XFMRS Inc.
XF00123D1 XFMRS-XF00123D1 Datasheet
75Kb / 1P
   TRANSFORMERS
XF1006A-2S XFMRS-XF1006A-2S Datasheet
52Kb / 1P
   TRANSFORMERS
XF00123D1 XFMRS-XF00123D1_15 Datasheet
75Kb / 1P
   TRANSFORMERS
XF1006A-2S XFMRS-XF1006A-2S_15 Datasheet
52Kb / 1P
   TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com