Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MU1005-102Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MU1005-102Y
Description  High Impedance Chip Ferrite Beads
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MU1005-102Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MU1005-102Y Datasheet HTML 1Page - Bourns Electronic Solutions MU1005-102Y Datasheet HTML 2Page - Bourns Electronic Solutions MU1005-102Y Datasheet HTML 3Page - Bourns Electronic Solutions MU1005-102Y Datasheet HTML 4Page - Bourns Electronic Solutions MU1005-102Y Datasheet HTML 5Page - Bourns Electronic Solutions MU1005-102Y Datasheet HTML 6Page - Bourns Electronic Solutions MU1005-102Y Datasheet HTML 7Page - Bourns Electronic Solutions MU1005-102Y Datasheet HTML 8Page - Bourns Electronic Solutions MU1005-102Y Datasheet HTML 9Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
MG, MU, MZ Series High Impedance Chip Ferrite Beads
Features
High resistance to heat and humidity
Resistance to mechanical shock and
pressure
Accurate dimensions for automatic
surface mounting
Wide impedance range
Applications
Power supply lines
IC power lines
Signal lines
General Specifications
Operating Temperature
...................................-55 °C to +125 °C
Storage Temperature ..-55 °C to +125 °C
Storage Condition
......................+40 °C max. at 70 % RH
Reflow Soldering
......................230 ˚C, 50 seconds max.
Resistance to Soldering Heat
.................................260 ˚C, 5 seconds
Rated Current ..................Based on max.
temperature rise of +40 °C
Terminal Strength
(Force “F” applied for 30 seconds)
3261 Series ............................1.0 F (Kg)
2029 Series ............................0.6 F (Kg)
1608 Series ............................0.5 F (Kg)
Materials
Core Material .................................Ferrite
Internal Conductor ...............Ag or Ag/Pd
Terminal .....................................Ag/Ni/Sn
Electrical Specifications
Impedance
RDC
IDC
Model Number
(Ω) at 100 MHz
(Ω) Max.
(mA) Max.
MU3261-300Y
30 ±25 %
0.20
500
MU3261-600Y
60 ±25 %
0.20
400
MU3261-750Y
75 ±25 %
0.20
400
MU3261-101Y
100 ±25 %
0.15
500
MU3261-121Y
120 ±25 %
0.15
900
MG3261-151Y
150 ±25 %
0.30
300
MU3261-221Y
220 ±25 %
0.35
700
MG3261-301Y
300 ±25 %
0.30
300
MU3261-301Y
300 ±25 %
0.30
300
MU3261-471Y
470 ±25 %
0.35
400
MU3261-601Y
600 ±25 %
0.30
200
MZ3261-601Y
600 ±25 %
0.30
200
MU3261-801Y
800 ±25 %
0.60
300
MU3261-102Y
1000 ±25 %
0.60
100
MZ3261-122Y
1200 ±25 % (at 50 MHz)
0.50
100
MU3261-122Y
1200 ±25 % (at 50 MHz)
0.50
100
MU3261-152Y
1500 ±25 % (at 50 MHz)
0.70
300
MZ3261-202Y
2000 ±25 % (at 30 MHz)
0.60
100
MU3261-202Y
2000 ±25 % (at 30 MHz)
0.60
100
MG2029-100Y
10 ±25 %
0.20
400
MG2029-300Y
30 ±25 %
0.10
400
MG2029-400Y
40 ±25 %
0.20
300
MU2029-600Y
60 ±25 %
0.10
900
MG2029-800Y
80 ±25%
0.20
300
MG2029-101Y
100 ±25 %
0.20
400
MG2029-121Y
120 ±25 %
0.25
300
MU2029-151Y
150 ±25 %
0.20
800
MU2029-221Y
220 ±25 %
0.30
500
MU2029-301Y
300 ±25 %
0.30
500
MU2029-471Y
470 ±25 %
0.35
700
MZ2029-601Y
600 ±25 %
0.40
100
MZ2029-601T
600 ±25 %
0.40
200
MZ2029-102Y
1000 ±25 %
0.45
100
MZ2029-152Y
1500 ±25 %
0.55
100
MZ2029-202Y
2000 ±25 %
0.60
50
MG1608-300Y
30 ±25 %
0.20
200
MG1608-400Y
40 ±25 %
0.30
300
MU1608-600Y
60 ±25 %
0.20
700
MG1608-800Y
80 ±25 %
0.30
300
MG1608-101Y
100 ±25 %
0.25
200
MG1608-121Y
120 ±25 %
0.30
200
MU1608-151Y
150 ±25 %
0.25
600
MU1608-221Y
220 ±25 %
0.30
200
MU1608-301Y
300 ±25 %
0.35
150
MU1608-471Y
470 ±25 %
0.45
350
MZ1608-601Y
600 ±25 %
0.45
100
MZ1608-102Y
1000 ±25 %
0.60
100
MZ1608-152Y
1500 ±25 %
0.70
50
MG1608-202Y
2000 ±25 %
0.80
50
MG1608-222Y
2200 ±25 %
1.50
200
MU1005-100Y
10 ±25 %
0.10
500
MU1005-300Y
30 ±25 %
0.20
300
MU1005-600Y
60 ±25 %
0.25
300
MU1005-121Y
120 ±25 %
0.30
100
MU1005-151Y
150 ±25 %
0.30
100
MU1005-221Y
220 ±25 %
0.40
100
MU1005-241Y
240 ±25 %
0.60
100
MU1005-301Y
300 ±25 %
0.50
100
MU1005-471Y
470 ±25 %
0.65
100
MU1005-601Y
600 ±25 %
0.80
80
MU1005-102Y
1000 ±25 %
1.20
80


Similar Part No. - MU1005-102Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MU1005-102Y BOURNS-MU1005-102Y Datasheet
645Kb / 7P
   High Impedance Chip Ferrite Beads
More results

Similar Description - MU1005-102Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MU3261-121Y BOURNS-MU3261-121Y Datasheet
934Kb / 8P
   High Impedance Chip Ferrite Beads
MG2029 BOURNS-MG2029_12 Datasheet
645Kb / 7P
   High Impedance Chip Ferrite Beads
logo
List of Unclassifed Man...
HZ0805C202R ETC2-HZ0805C202R Datasheet
338Kb / 6P
   High Impedance Ferrite Chip Beads
logo
Bourns Electronic Solut...
MT4532-250Y BOURNS-MT4532-250Y Datasheet
661Kb / 5P
   Low Impedance Chip Ferrite Beads
logo
Frontier Electronics.
FB451616 FRONTIER-FB451616 Datasheet
128Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH IMPEDANCE)
FB453215 FRONTIER-FB453215 Datasheet
128Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH IMPEDANCE)
FB322513 FRONTIER-FB322513 Datasheet
128Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH IMPEDANCE)
logo
Superworld Electronics
Z7K800-RT-10 SUPERWORLD-Z7K800-RT-10 Datasheet
361Kb / 9P
   FERRITE CHIP BEADS
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
   FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
   FERRITE CHIP BEADS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com