Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SECK1D05C-S Datasheet(PDF) 2 Page - Sanken electric

Part # SECK1D05C-S
Description  1.60.8 Miniature Surface Mount LEDs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SECK1D05C-S Datasheet(HTML) 2 Page - Sanken electric

  SECK1D05C-S Datasheet HTML 1Page - Sanken electric SECK1D05C-S Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
218
LEDs
Absolute Maximum Ratings
●Visible Light Unicolor Lamp
Parameter
Unit
70
−30 to +80
35
75
−0.45
−30 to +100
30
120
100
−30 to +85
Conditions
GaP
GaAsP
GaAlAs
AlGaInP
InGaN
GaN
Ratings
mW
mA
mA/
°C
mA
V
°C
°C
PD
IF
∆IF
IFP
VR
Top
Tstg
25
°C or higher
f=1kHz, tw
≤100 s
µ
●Visible Light Bicolor Lamp
GaP
GaAsP
GaAlAs
AlGaInP
InGaN
120
Ratings
75
Conditions
30
−0.45
100
−30 to +85
−30 to +100
Parameter
Unit
45
PD
IF
∆IF
IFP
VR
Top
Tstg
mW
mA
mA/
°C
mA
V
°C
°C
Same conditions for simultaneous lighting
25
°C or higher
f=1kHz, tw
≤100 s
µ
●Visible Light Unicolor Surface Mount LEDs
Parameter
Unit
3
5
−30 to +100
−30 to +85
30
−0.45
100*1
−30 to +80
20
−0.27
70*2
*1: 70mA for SEC1005/1007 Series
*2: 50mA for SEC1005/1007 Series
GaP
GaAsP
GaAlAs
AlGaInP
InGaN
GaN
Ratings
Conditions
IF
∆IF
IFP
VR
Top
Tstg
mA
mA/
°C
mA
V
°C
°C
25
°C or higher
f=1kHz, tw
≤100 s
µ
●Visible Light Bicolor Surface Mount LEDs
Parameter
Unit
Conditions
SEC2002/2004
75
(Same conditions for simultaneous lighting)
30
−0.45
70
4
−30 to +85
−30 to +100
Ratings
IF
∆IF
IFP
VR
Top
Tstg
mA
mA/
°C
mA
V
°C
°C
PD
mW
25
°C or higher
f=1kHz, tw
≤100 s
µ
●Visible Light Three Element Surface Mount LEDs
Red
Green/Blue
5
−30 to +80
−30 to +100
Parameter
Unit
Conditions
Ratings
SECT3M02C-S
120
50
30
−0.45
PD
IF
∆IF
IFP
VR
Top
Tstg
mW
mA
mA/
°C
mA
V
°C
°C
75
70
When one chip lights up
(same as green/blue for simultaneous lighting)
25
°C or higher
f=1kHz, tw
≤100 s
µ
5-1 Visible Light LEDs


Similar Part No. - SECK1D05C-S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SECK1E01C-D SANKEN-SECK1E01C-D Datasheet
427Kb / 2P
   3.0 횞 1.5 Surface Mount LEDs (Flat Lens Type)
SECK1FB07Y-D SANKEN-SECK1FB07Y-D Datasheet
748Kb / 11P
   1.6횞0.8횞t0.7 SMD type LED
SECK1FB0EY-DA SANKEN-SECK1FB0EY-DA Datasheet
213Kb / 12P
   High ESD tolerance
SECK1WA01Y-D SANKEN-SECK1WA01Y-D Datasheet
427Kb / 2P
   3.0 횞 1.5 Surface Mount LEDs (Flat Lens Type)
SECK1WA07Y-D SANKEN-SECK1WA07Y-D Datasheet
754Kb / 11P
   1.6횞0.8횞t0.7 SMD type LED
More results

Similar Description - SECK1D05C-S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEC1007 SANKEN-SEC1007 Datasheet
440Kb / 2P
   1.6 횞 0.8 Miniature Surface Mount LEDs
SECU1205C-S SANKEN-SECU1205C-S Datasheet
205Kb / 10P
   1.6*0.8*0.55 Miniature Surface Mount LED
SECU1407C-TG SANKEN-SECU1407C-TG Datasheet
203Kb / 10P
   1.6*0.8*0.7 Miniature Surface Mount LED
logo
SunLED Corporation
XZFBA53S10MAV-4 SUNLED-XZFBA53S10MAV-4 Datasheet
283Kb / 5P
   1.6 x 0.8 mm Surface Mount LED Lamp
XZVG53S-4 SUNLED-XZVG53S-4 Datasheet
286Kb / 5P
   1.6 x 0.8 mm Surface Mount LED Lamp
XZMDK53S-4 SUNLED-XZMDK53S-4 Datasheet
283Kb / 5P
   1.6 x 0.8 mm Surface Mount LED Lamp
XZMYK53S-4 SUNLED-XZMYK53S-4 Datasheet
287Kb / 5P
   1.6 x 0.8 mm Surface Mount LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
APHF1608LSEEQBDZGKC TO-GRACE-APHF1608LSEEQBDZGKC Datasheet
1Mb / 4P
   1.6 x 0.8 mm Full-Color Surface Mount LED
logo
Kingbright Corporation
APHF1608LSEEQBDZGKC KINGBRIGHT-APHF1608LSEEQBDZGKC Datasheet
347Kb / 4P
   1.6 x 0.8 mm Full-Color Surface Mount LED
APHF1608SEEQBDZGKC KINGBRIGHT-APHF1608SEEQBDZGKC Datasheet
346Kb / 4P
   1.6 x 0.8 mm Full-Color Surface Mount LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com