Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP61089B Datasheet(PDF) 11 Page - Bourns Electronic Solutions

Part # TISP61089B
Description  High Voltage Ringing SLIC Protector
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP61089B Datasheet(HTML) 11 Page - Bourns Electronic Solutions

Back Button TISP61089B Datasheet HTML 7Page - Bourns Electronic Solutions TISP61089B Datasheet HTML 8Page - Bourns Electronic Solutions TISP61089B Datasheet HTML 9Page - Bourns Electronic Solutions TISP61089B Datasheet HTML 10Page - Bourns Electronic Solutions TISP61089B Datasheet HTML 11Page - Bourns Electronic Solutions TISP61089B Datasheet HTML 12Page - Bourns Electronic Solutions TISP61089B Datasheet HTML 13Page - Bourns Electronic Solutions TISP61089B Datasheet HTML 14Page - Bourns Electronic Solutions TISP61089B Datasheet HTML 15Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
OCTOBER 2000 - REVISED JULY 2008
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
GR-1089-CORE, “1089”, covers electromagnetic compatibility and electrical safety generic criteria for US network telecommunication
equipment. It is a module in Volume 3 of LSSGR (LATA (Local Access Transport Area) Switching Systems Generic Requirements,
FR-NWT-000064). In ‘1089, surge and power fault immunity tests are done at two levels. After first-level testing, the equipment shall not be
damaged and shall continue to operate correctly. Under second-level testing, the equipment shall not become a safety hazard. The equipment
is permitted to fail as a result of second-level testing. When the equipment is to be located on customer premises, second-level testing
includes a wiring simulator test, which requires the equipment to reduce the power fault current below certain values.
The following clauses reference the ‘1089 section and calculate the protector stress levels. The TISP61089B needs a 40 Ω series resistor to
survive second-level surge testing. To survive first-level testing and possibly fail under second-level testing allows lower resistor value of 25 Ω
to be used. Tabulated current values are given for both 40 Ω and 25 Ω series resistor values.
Figure 12 shows a typical TISP61089B SLIC card protection circuit. The incoming line conductors, Ring (R) and Tip (T), connect to the relay
matrix via the series overcurrent protection. Fusible resistors, fuses and positive temperature coefficient (PTC) resistors can be used for
overcurrent protection. Resistors will reduce the prospective current from the surge generator for both the TISP61089B and the ring/test
protector. The TISP7xxxF3 protector has the same protection voltage for any terminal pair. This protector is used when the ring generator
configuration may be ground or battery-backed. For dedicated ground-backed ringing generators, the TISP3xxxF3 gives better protection as
its inter-conductor protection voltage is twice the conductor to ground value.
Relay contacts 3a and 3b connect the line conductors to the SLIC via the TISP61089B protector. The protector gate reference voltage comes
from the SLIC negative supply (VBATH). A 220 nF gate capacitor sources the high gate current pulses caused by fast rising impulses.
TISP61089B High Voltage Ringing SLIC Protector
Application Circuit
LSSGR 1089
‘1089 Section 4.5.5 - Test Generators
The generic form of test generator is shown in Figure 13. It emphasises that multiple outputs must be independent, i.e. the loading condition of
one output must not affect the waveforms of the other outputs. It is a requirement that the open-circuit voltage and short circuit current
waveforms be recorded for each generator output used for testing. The fictive impedance of a generator output is defined as the peak open-
circuit voltage divided by the peak short-circuit current. Specified impulse waveshapes are maximum rise and minimum decay times. Thus, the
10/1000 waveshape should be interpreted as <10/>1000 and not the usually defined nominal values which have a tolerance.
Figure 13. ‘1089 Test Generators
or
Generic Lightning or AC Test Generator
Z is the fictive
current-limiting
impedance in
each output feed
Z
Z
Output 1
Output 2
Return
Z
Z
Output n
Output n + 1
AI6XCJ


Similar Part No. - TISP61089B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TISP61089B ETC1-TISP61089B Datasheet
411Kb / 22P
   TISP61089B High Voltage Ringing SLIC Protector
logo
UN Semiconducctor INC
TISP61089B UNSEMI-TISP61089B Datasheet
2Mb / 4P
   Thyristor Surge Suppressors (TSS)
Revision March 1,2022
logo
List of Unclassifed Man...
TISP61089BD ETC1-TISP61089BD Datasheet
411Kb / 22P
   TISP61089B High Voltage Ringing SLIC Protector
TISP61089BD-S ETC1-TISP61089BD-S Datasheet
411Kb / 22P
   TISP61089B High Voltage Ringing SLIC Protector
TISP61089BDR ETC1-TISP61089BDR Datasheet
411Kb / 22P
   TISP61089B High Voltage Ringing SLIC Protector
More results

Similar Description - TISP61089B

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
SPD61089A WILLSEMI-SPD61089A Datasheet
707Kb / 5P
   High Voltage Ringing SLIC Protector
SPD51725QS WILLSEMI-SPD51725QS Datasheet
973Kb / 5P
   High Voltage Ringing SLIC Protector
logo
Bourns Electronic Solut...
TISP6NTP2C BOURNS-TISP6NTP2C Datasheet
274Kb / 9P
   High Voltage Ringing SLIC Protector
logo
Will Semiconductor Ltd.
SPD61089 WILLSEMI-SPD61089 Datasheet
704Kb / 5P
   High Voltage Ringing SLIC Protector
logo
Bourns Electronic Solut...
TISP6NTP2C BOURNS-TISP6NTP2C_07 Datasheet
245Kb / 7P
   TISP6NTP2C High Voltage Ringing SLIC Protector
logo
HuaXinAn Electronics CO...
P61089B HUAXINAN-P61089B Datasheet
447Kb / 4P
   P61089B High Voltage Ringing SLIC Protector
logo
Bourns Electronic Solut...
TISP6NTP2C BOURNS-TISP6NTP2C_08 Datasheet
474Kb / 7P
   TISP6NTP2C High Voltage Ringing SLIC Protector
logo
List of Unclassifed Man...
TISP61089B ETC1-TISP61089B Datasheet
411Kb / 22P
   TISP61089B High Voltage Ringing SLIC Protector
logo
Agere Systems
L9500A AGERE-L9500A Datasheet
616Kb / 32P
   High-Voltage Ringing SLIC for VolP Applications
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com