Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3905 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS3905
Description  Triple 128-Position Nonvolatile Digital
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3905 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS3905 Datasheet HTML 3Page - Maxim Integrated Products DS3905 Datasheet HTML 4Page - Maxim Integrated Products DS3905 Datasheet HTML 5Page - Maxim Integrated Products DS3905 Datasheet HTML 6Page - Maxim Integrated Products DS3905 Datasheet HTML 7Page - Maxim Integrated Products DS3905 Datasheet HTML 8Page - Maxim Integrated Products DS3905 Datasheet HTML 9Page - Maxim Integrated Products DS3905 Datasheet HTML 10Page - Maxim Integrated Products DS3905 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Detailed Description
The DS3904/DS3905 contain three, 128-position, NV,
low temperature coefficient, variable digital resistors. All
three resistors also feature a Hi-Z function. The variable
resistor registers (F8h, F9h, and FAh) are factory pro-
grammed with a default value of 7Fh. They are con-
trolled through a 2-wire serial interface, and can serve
as a low-cost replacement for designs using conven-
tional trimming resistors. Furthermore, the DS3904
address pin (A0) allows two DS3904s to be placed on
the same 2-wire bus. The three address pins on the
DS3905 allow up to eight DS3905s to be placed on the
same 2-wire bus.
With their low cost and small size, the DS3904/DS3905
are well tailored to replace larger mechanical trimming
variable resistors. This allows the automation of calibra-
tion in many instances because the 2-wire interface can
easily be adjusted by test/production equipment.
Variable Resistor Memory Organization
The variable resistors of the DS3904/DS3905 are
addressed by communicating with the registers in
Table 1.
Using the Resistor as a Switch
By taking advantage of the high-impedance mode, a
switch can be created to produce a digital output.
Setting a resistor register to 00h creates the low state.
Writing 80h into the same resistor register enables the
high-impedance state. When used with an external
pullup resistor, such as a 4.7k
Ω pullup, a high state
is generated.
Device Operation
Clock and Data Transitions
The SDA pin is normally pulled high with an external
resistor or device. Data on the SDA pin can only change
during SCL low time periods. Data changes during SCL
high periods indicate a start or stop condition depend-
ing on the conditions discussed below. See the timing
diagrams for further details (Figures 2 and 3).
Start Condition
A high-to-low transition of SDA with SCL high is a start
condition, which must precede any other command. See
the timing diagrams for further details (Figures 2 and 3).
Stop Condition
A low-to-high transition of SDA with SCL high is a stop
condition. After a read or write sequence, the stop com-
mand places the DS3904/DS3905 into a low-power
mode. See the timing diagrams for further details
(Figures 2 and 3).
Acknowledge
All address and data bytes are transmitted through a
serial protocol. The DS3904/DS3905 pull the SDA line
low during the ninth clock pulse to acknowledge that
they have received each byte.
Standby Mode
The DS3904/DS3905 feature a low-power mode that is
automatically enabled after power-on, after a stop com-
mand, and after the completion of all internal operations.
Pin Description
PIN
NAME
DS3904
DS3905
DESCRIPTION
SDA
1
2
2-Wire Serial Data. Open-drain
input/output for 2-wire data.
SCL
2
3
2-Wire Serial Clock. Input for
2-wire clock.
VCC
3
4
Supply Voltage Terminal
GND
4
5
Ground Terminal
H2
5
6
Resistor 2 High Terminals
H1
6
7
Resistor 1 High Terminals
H0
7
8
Resistor 0 High Terminals
A0
8
9
Address-Select Pin
A1
1
Address-Select Pin (DS3905 Only)
A2
10
Address-Select Pin (DS3905 Only)
Triple 128-Position Nonvolatile Digital
Variable Resistor/Switch
_____________________________________________________________________
7
Table 1. Variable Resistor Registers
ADDRESS
VARIABLE
RESISTOR
POSITION 7Fh
RESISTANCE
NUMBER OF
POSITIONS*
F8h
Resistor 0
20k
(nominal)
128 (00h to
7Fh) + Hi-Z
F9h
Resistor 1
20k
or 10k
(nominal)
128 (00h to
7Fh) + Hi-Z
FAh
Resistor 2
20k
(nominal)
128 (00h to
7Fh) + Hi-Z
*
Writing a value greater than 7Fh to any of the resistor registers
sets the high-impedance mode control bit (RHIZ, the MSB of
the resistor register) resulting in the resistor going into high-
impedance mode. Position 0 is the minimum position. Position
7Fh is the maximum position.


Similar Part No. - DS3905

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS3905 DALLAS-DS3905 Datasheet
254Kb / 11P
   Triple 128-Position Nonvolatile Digital Variable Resistor/Switch
DS3905U-020 DALLAS-DS3905U-020 Datasheet
254Kb / 11P
   Triple 128-Position Nonvolatile Digital Variable Resistor/Switch
More results

Similar Description - DS3905

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Dallas Semiconductor
DS3904 DALLAS-DS3904 Datasheet
254Kb / 11P
   Triple 128-Position Nonvolatile Digital Variable Resistor/Switch
logo
Analog Devices
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5122 AD-AD5122_17 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
AD5122A AD-AD5122A_17 Datasheet
768Kb / 32P
   Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5123BCPZ100-RL7 AD-AD5123BCPZ100-RL7 Datasheet
642Kb / 28P
   Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer
REV. A
AD5124 AD-AD5124_17 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5121 AD-AD5121 Datasheet
673Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
REV. 0
AD5121 AD-AD5121_17 Datasheet
791Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD7376ARWZ10 AD-AD7376ARWZ10 Datasheet
452Kb / 20P
   128-Position Digital Potentiometer
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com