Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SEL6015 Datasheet(PDF) 1 Page - Sanken electric

Part # SEL6015
Description  3phi Round Narrow Viewing Angle LEDs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SEL6015 Datasheet(HTML) 1 Page - Sanken electric

  SEL6015_08 Datasheet HTML 1Page - Sanken electric SEL6015_08 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
229
LEDs
■3
φ Round Narrow Viewing Angle LEDs
SEL6015 Series (available as Direct Mount)
SEL6215S
Red
Transparent red
1.9
2.5
10
45
20
630
10
620
10
35
10
GaAsP
SEL6915A
Orange
Transparent orange
1.9
2.5
10
60
20
587
10
590
10
33
10
GaAsP
SEL6715C
Yellow
Water clear
2.0
2.5
10
90
20
570
10
571
10
30
10
GaP
SEL6415E
Green
Transparent green
2.0
2.5
10
81
20
560
10
567
10
20
10
GaP
SEL6515C
Pure green
Water clear
2.0
2.5
10
44
20
555
10
559
10
20
10
GaP
Part Number
Emitting Color
Lens Color
VF
(V)
TYP
TYP
TYP
TYP
TYP
MAX
Conditions
IF (mA)
Iv
(mcd)
Conditions
IF (mA)
λP
(nm)
Conditions
IF (mA)
∆λ
(nm)
Conditions
IF (mA)
λd
(nm)
Conditions
IF (mA)
Forward Voltage
Luminous Intensity
Peak Wavelength
Dominant Wavelength Spectrum Half Bandwidth
Chip
Material
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%
0.8±
0.2
4.0±
0.2
(2.54)
ø
3.1±
0.1
4.4
0.45±
0.1
0.65max
Directional Characteristics (representative example)
External Dimensions
(Unit: mm)
Product Mass: Approx. 0.13 g
Dimensional Tolerance:
±0.3
Transparent lens
5-1-1 Unicolor lamps


Similar Part No. - SEL6015_08

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEL6015 SANKEN-SEL6015 Datasheet
25Kb / 1P
   3phi Round Narrow-directivity LED (Direct Mount)
More results

Similar Description - SEL6015_08

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEL2015 SANKEN-SEL2015_08 Datasheet
435Kb / 2P
   3phi Round Narrow Viewing Angle LEDs
SEL2014 SANKEN-SEL2014 Datasheet
436Kb / 2P
   3phi Round Wide Viewing Angle LEDs
SEL1050M SANKEN-SEL1050M_08 Datasheet
436Kb / 2P
   5phi Round Narrow Viewing Angle LEDs
SEL2015 SANKEN-SEL2015 Datasheet
26Kb / 1P
   3phi Round Narrow-directivity LED
SEL6010 SANKEN-SEL6010_08 Datasheet
436Kb / 2P
   3phi Round LEDs
SEL2010 SANKEN-SEL2010_08 Datasheet
439Kb / 2P
   3phi Round Standard LEDs
SID2010 SANKEN-SID2010_08 Datasheet
417Kb / 1P
   3phi Round Infrared LEDs
SEL6015 SANKEN-SEL6015 Datasheet
25Kb / 1P
   3phi Round Narrow-directivity LED (Direct Mount)
SEL4014 SANKEN-SEL4014_08 Datasheet
427Kb / 2P
   4phi Round Wide Viewing Angle LEDs
SEL1010XM SANKEN-SEL1010XM_08 Datasheet
435Kb / 2P
   5phi Round Wide Viewing Angle LEDs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com