Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SELT5D23C-S Datasheet(PDF) 2 Page - Sanken electric

Part # SELT5D23C-S
Description  5mm Pitch Lead Bow Shaped LEDs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SELT5D23C-S Datasheet(HTML) 2 Page - Sanken electric

  SELT5D23C-S Datasheet HTML 1Page - Sanken electric SELT5D23C-S Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
218
LEDs
Absolute Maximum Ratings
●Visible Light Unicolor Lamp
Parameter
Unit
70
−30 to +80
35
75
−0.45
−30 to +100
30
120
100
−30 to +85
Conditions
GaP
GaAsP
GaAlAs
AlGaInP
InGaN
GaN
Ratings
mW
mA
mA/
°C
mA
V
°C
°C
PD
IF
∆IF
IFP
VR
Top
Tstg
25
°C or higher
f=1kHz, tw
≤100 s
µ
●Visible Light Bicolor Lamp
GaP
GaAsP
GaAlAs
AlGaInP
InGaN
120
Ratings
75
Conditions
30
−0.45
100
−30 to +85
−30 to +100
Parameter
Unit
45
PD
IF
∆IF
IFP
VR
Top
Tstg
mW
mA
mA/
°C
mA
V
°C
°C
Same conditions for simultaneous lighting
25
°C or higher
f=1kHz, tw
≤100 s
µ
●Visible Light Unicolor Surface Mount LEDs
Parameter
Unit
3
5
−30 to +100
−30 to +85
30
−0.45
100*1
−30 to +80
20
−0.27
70*2
*1: 70mA for SEC1005/1007 Series
*2: 50mA for SEC1005/1007 Series
GaP
GaAsP
GaAlAs
AlGaInP
InGaN
GaN
Ratings
Conditions
IF
∆IF
IFP
VR
Top
Tstg
mA
mA/
°C
mA
V
°C
°C
25
°C or higher
f=1kHz, tw
≤100 s
µ
●Visible Light Bicolor Surface Mount LEDs
Parameter
Unit
Conditions
SEC2002/2004
75
(Same conditions for simultaneous lighting)
30
−0.45
70
4
−30 to +85
−30 to +100
Ratings
IF
∆IF
IFP
VR
Top
Tstg
mA
mA/
°C
mA
V
°C
°C
PD
mW
25
°C or higher
f=1kHz, tw
≤100 s
µ
●Visible Light Three Element Surface Mount LEDs
Red
Green/Blue
5
−30 to +80
−30 to +100
Parameter
Unit
Conditions
Ratings
SECT3M02C-S
120
50
30
−0.45
PD
IF
∆IF
IFP
VR
Top
Tstg
mW
mA
mA/
°C
mA
V
°C
°C
75
70
When one chip lights up
(same as green/blue for simultaneous lighting)
25
°C or higher
f=1kHz, tw
≤100 s
µ
5-1 Visible Light LEDs


Similar Part No. - SELT5D23C-S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SELT5D20C-S SANKEN-SELT5D20C-S Datasheet
431Kb / 2P
   5mm Pitch Lead Rectangular LEDs
More results

Similar Description - SELT5D23C-S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEL4027 SANKEN-SEL4027_08 Datasheet
428Kb / 2P
   4phi Bow Shaped LEDs
SEL4029 SANKEN-SEL4029_08 Datasheet
429Kb / 2P
   3.1phi Bow Shaped LEDs
SEL4028 SANKEN-SEL4028_08 Datasheet
437Kb / 2P
   3.1phi Bow Shaped LEDs
SEL6027 SANKEN-SEL6027_08 Datasheet
437Kb / 2P
   4phi Bow Shaped LEDs
SEL5055 SANKEN-SEL5055_08 Datasheet
427Kb / 2P
   5mm Pitch Lead Egg-Shaped LEDs
SML70023 SANKEN-SML70023_08 Datasheet
432Kb / 2P
   3.3 횞 6 Bow Shaped Bicolor LEDs
SEL4027 SANKEN-SEL4027 Datasheet
26Kb / 1P
   4phi Bow-shaped LED
SEL5023 SANKEN-SEL5023 Datasheet
28Kb / 1P
   5-mm Pitch Lead Bow-shaped LED (Direct Mount)
SEL4028 SANKEN-SEL4028 Datasheet
27Kb / 1P
   3.1phi Bow-shaped LED
SEL4029 SANKEN-SEL4029 Datasheet
26Kb / 1P
   3.1phi Bow-shaped LED (Direct Mount)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com