Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK30X256VLQ100 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MK30X256VLQ100
Description  K30 Sub-Family Data Sheet
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK30X256VLQ100 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MK30X256VLQ100 Datasheet HTML 3Page - Freescale Semiconductor, Inc MK30X256VLQ100 Datasheet HTML 4Page - Freescale Semiconductor, Inc MK30X256VLQ100 Datasheet HTML 5Page - Freescale Semiconductor, Inc MK30X256VLQ100 Datasheet HTML 6Page - Freescale Semiconductor, Inc MK30X256VLQ100 Datasheet HTML 7Page - Freescale Semiconductor, Inc MK30X256VLQ100 Datasheet HTML 8Page - Freescale Semiconductor, Inc MK30X256VLQ100 Datasheet HTML 9Page - Freescale Semiconductor, Inc MK30X256VLQ100 Datasheet HTML 10Page - Freescale Semiconductor, Inc MK30X256VLQ100 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
3.1.1 Example
This is an example of an operating requirement, which you must meet for the
accompanying operating behaviors to be guaranteed:
Symbol
Description
Min.
Max.
Unit
VDD
1.0 V core supply volt‐
age
0.9
1.1
V
3.2 Definition: Operating behavior
An operating behavior is a specified value or range of values for a technical
characteristic that are guaranteed during operation if you meet the operating requirements
and any other specified conditions.
3.2.1 Example
This is an example of an operating behavior, which is guaranteed if you meet the
accompanying operating requirements:
Symbol
Description
Min.
Max.
Unit
IWP
Digital I/O weak pullup/
pulldown current
10
130
µA
3.3 Definition: Attribute
An attribute is a specified value or range of values for a technical characteristic that are
guaranteed, regardless of whether you meet the operating requirements.
3.3.1 Example
This is an example of an attribute:
Symbol
Description
Min.
Max.
Unit
CIN_D
Input capacitance: digi‐
tal pins
7
pF
Terminology and guidelines
K30 Sub-Family Data Sheet Data Sheet, Rev. 1, 11/2010.
Freescale Semiconductor, Inc.
Preliminary
7


Similar Part No. - MK30X256VLQ100

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MK30DN512VLK10 FREESCALE-MK30DN512VLK10 Datasheet
1Mb / 66P
   K30 Sub-Family
MK30DN512VLL10 FREESCALE-MK30DN512VLL10 Datasheet
1Mb / 67P
   K30 Sub-Family
MK30DN512VLQ10 FREESCALE-MK30DN512VLQ10 Datasheet
1Mb / 78P
   K30 Sub-Family
MK30DN512VMC10 FREESCALE-MK30DN512VMC10 Datasheet
1Mb / 67P
   K30 Sub-Family
MK30DN512VMD10 FREESCALE-MK30DN512VMD10 Datasheet
1Mb / 78P
   K30 Sub-Family
More results

Similar Description - MK30X256VLQ100

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K30P144M100SF2_1109 FREESCALE-K30P144M100SF2_1109 Datasheet
1Mb / 72P
   K30 Sub-Family Data Sheet
K30P104M100SF2 FREESCALE-K30P104M100SF2 Datasheet
883Kb / 60P
   K30 Sub-Family Data Sheet
logo
NXP Semiconductors
K30P100M72SF1 NXP-K30P100M72SF1 Datasheet
2Mb / 70P
   K30 Sub-Family
Rev. 3, 11/2012
K30P100M100SF2V2 NXP-K30P100M100SF2V2 Datasheet
1Mb / 70P
   K30 Sub-Family
Rev. 3, 6/2013
K30P144M100SF2V2 NXP-K30P144M100SF2V2 Datasheet
1Mb / 81P
   K30 Sub-Family
Rev. 3, 6/2013
logo
Freescale Semiconductor...
K30P64M72SF1 FREESCALE-K30P64M72SF1 Datasheet
1Mb / 68P
   K30 Sub-Family
K30P100M100SF2V2 FREESCALE-K30P100M100SF2V2 Datasheet
1Mb / 67P
   K30 Sub-Family
logo
NXP Semiconductors
K30P121M100SF2V2 NXP-K30P121M100SF2V2 Datasheet
1Mb / 70P
   K30 Sub-Family
Rev. 3, 6/2013
logo
Freescale Semiconductor...
K30P100M72SF1 FREESCALE-K30P100M72SF1 Datasheet
1Mb / 72P
   K30 Sub-Family
K30P81M100SF2V2 FREESCALE-K30P81M100SF2V2 Datasheet
1Mb / 66P
   K30 Sub-Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com