Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TWR-K60N512 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # TWR-K60N512
Description  Low-power MCU with USB Ethernet and security
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TWR-K60N512 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

  TWR-K60N512 Datasheet HTML 1Page - Freescale Semiconductor, Inc TWR-K60N512 Datasheet HTML 2Page - Freescale Semiconductor, Inc TWR-K60N512 Datasheet HTML 3Page - Freescale Semiconductor, Inc TWR-K60N512 Datasheet HTML 4Page - Freescale Semiconductor, Inc TWR-K60N512 Datasheet HTML 5Page - Freescale Semiconductor, Inc TWR-K60N512 Datasheet HTML 6Page - Freescale Semiconductor, Inc TWR-K60N512 Datasheet HTML 7Page - Freescale Semiconductor, Inc TWR-K60N512 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TOWER SYSTEM
Jumper
Option
Setting
Description
J8
MCU Power
Connection
ON
Connect on-board 3.3V supply to MCU
OFF
Isolate MCU from power
(connect an ammeter to measure current)
J9
VBAT Power
Selection
1-2
Connect VBAT to on-board 3.3V supply
2-3
Connect VBAT to the higher voltage
between on-board 3.3V supply or
coin-cell supply
J6
Clock Input
Source Selection
1-2
Connect main EXTAL to on-board
50 MHz clock
2-3
Connect EXTAL to the CLKIN0 signal on
the elevator connector
J10
OSJTAG
Bootloader
Selection
ON
OSJTAG bootloader mode
(OSJTAG firmware reprogramming)
OFF
Debugger mode
Jumper Options
The following is a list of all the jumper options. The
default installed jumper settings are
shown in
bold.


Similar Part No. - TWR-K60N512

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
TWR-K60D100M FREESCALE-TWR-K60D100M Datasheet
1Mb / 18P
   TWR-K60D100M Tower Module
More results

Similar Description - TWR-K60N512

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
TWR-K40X256 FREESCALE-TWR-K40X256 Datasheet
391Kb / 8P
   Low-power MCU with USB and segment LCD
logo
Maxim Integrated Produc...
MAXQ1010 MAXIM-MAXQ1010 Datasheet
483Kb / 2P
   Security Token Microcontroller with RTC and USB
Rev 0; 4/10
logo
STMicroelectronics
UPSD3233B-40U6 STMICROELECTRONICS-UPSD3233B-40U6 Datasheet
267Kb / 8P
   8032 MCU with USB and Programmable Logic
ST23YS08 STMICROELECTRONICS-ST23YS08 Datasheet
88Kb / 4P
   Smartcard MCU Smartcard MCU with Enhanced Security and 8 KBytes High-Density EEPROM
logo
Silicon Laboratories
EZR32WG-169MHZ SILABS-EZR32WG-169MHZ Datasheet
3Mb / 29P
   Ethernet and USB connectivity
EZR32WG-434MHZ SILABS-EZR32WG-434MHZ Datasheet
3Mb / 29P
   Ethernet and USB connectivity
logo
STMicroelectronics
ST23YL80 STMICROELECTRONICS-ST23YL80_08 Datasheet
70Kb / 4P
   Smartcard MCU with enhanced security, crypto-processor and 80 Kbytes EEPROM
ST23YS02 STMICROELECTRONICS-ST23YS02 Datasheet
76Kb / 4P
   Smartcard MCU with enhanced security and 2 Kbytes high-density EEPROM
ST23YL80 STMICROELECTRONICS-ST23YL80 Datasheet
74Kb / 4P
   Smartcard MCU with enhanced security, crypto-processor and 80 Kbytes EEPROM
ST23YL18 STMICROELECTRONICS-ST23YL18 Datasheet
70Kb / 4P
   Smartcard MCU with enhanced security, crypto-processor and 18 Kbytes EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com