Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLA4031 Datasheet(PDF) 1 Page - Sanken electric

Part # SLA4031
Description  NPN Darlington With built-in flywheel diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA4031 Datasheet(HTML) 1 Page - Sanken electric

  SLA4031 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
20
Characteristic curves
IC-VCE Characteristics (Typical)
hFE-IC Characteristics (Typical)
hFE-IC Temperature Characteristics (Typical)
VCE(sat)-IC Temperature Characteristics (Typical)
VCE(sat)-IB Characteristics (Typical)
IC-VBE Temperature Characteristics (Typical)
θ j-a-PW Characteristics
PT-Ta Characteristics
Safe Operating Area (SOA)
SLA4031
(Ta=25
°C)
Symbol
Unit
Conditions
ICBO
10
µAVCB=120V
IEBO
10
mA
VEB=6V
VCEO
120
V
IC=25mA
hFE
2000
5000
15000
VCE=2V, IC=2A
VCE (sat)
1.0
1.5
V
VBE (sat)
1.6
2.0
V
ton
0.6
µsVCC 40V,
tstg
5.0
µsIC=2A,
tf
2.0
µsIB1=–IB2=10mA
PT
W
IC=2A, IB=2mA
(Ta=25
°C)
Symbol
Unit
Conditions
VR
120
V
IR=10
µA
VF
1.2
V
IF=1A
IR
10
µAVR=120V
trr
100
ns
IF=
±100mA
sEquivalent circuit diagram
1
23
4
6
5
R1 R2
8
910
11
7
12
R1: 3k
Ω typ R2: 500Ω typ
4
3
2
1
0
01
2
3
VCE (V)
45
0.8m
A
0.6mA
0.5mA
0.4mA
0.3mA
IB=
1m
A
20000
0.02
0.05
0.1
1
4
IC (A)
10000
5000
1000
500
100
50
20
0.5
(VCE=2V)
typ
20000
0.02
0.05
0.1
1
4
IC (A)
10000
5000
1000
500
100
50
20
0.5
(VCE=2V)
75
°C
25
°C
–3
C
Ta
=125
°C
0.5
3
2
1
0
0.3
1
5
IC (A)
–3
C
(IC / IB=500)
3
2
1
0
0.1
0.5
1
5
10
IB (mA)
50
IC=4A
IC=2A
IC=1A
4
3
2
1
0
01
2
3
VBE (V)
(VCE=2V)
25
20
15
10
5
0
–40
0
50
100
150
Ta (
°C)
With Silicone Grease
Natural Cooling
Heatsink: Aluminum
in mm
Without Heatsink
100
×100
×2
50×50
×2
5
3
5
10
50
200
VCE (V)
1
0.5
0.1
10
0.03
0.05
100
Single Pulse
Without Heatsink
Ta=25
°C
NPN Darlington
With built-in flywheel diode
Absolute maximum ratings
Electrical characteristics
Specification
min
typ
max
qDiode for flyback voltage absorption
Specification
min
typ
max
External dimensions
A • • • SLA (12-pin)
20
10
5
1
0.5
5
1
10
100
1000
500
50
PW (mS)
(Ta=25
°C)
Symbol
Ratings
Unit
VCBO
120
V
VCEO
120
V
VEBO
6V
IC
4A
ICP
6 (PW
≤1ms, Du≤50%)A
IB
0.5
A
IF
4 (PW
≤0.5ms, Du≤25%)A
IFSM
6 (PW
≤10ms, Single)A
VR
120
V
5 (Ta=25
°C)
25 (Tc=25
°C)
VISO
1000 (Between fin and lead pin, AC)Vrms
Tj
150
°C
Tstg
–40 to +150
°C
θj-c
5
°C/W


Similar Part No. - SLA4031

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA4031 SANKEN-SLA4031 Datasheet
23Kb / 1P
   NPN Darlington With built-in flywheel diode
SLA4031 SANKEN-SLA4031 Datasheet
38Kb / 1P
   NPN Darlington With built-in flywheel diode
More results

Similar Description - SLA4031

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMA4036 ETC-SMA4036 Datasheet
37Kb / 1P
   NPN Darlington With built-in flywheel diode
logo
Sanken electric
SLA4041 SANKEN-SLA4041_06 Datasheet
38Kb / 1P
   NPN Darlington With built-in flywheel diode
SLA4041 SANKEN-SLA4041 Datasheet
38Kb / 1P
   NPN Darlington With built-in flywheel diode
SMA4032 SANKEN-SMA4032 Datasheet
23Kb / 1P
   NPN Darlington With built-in flywheel diode
SMA4032 SANKEN-SMA4032_01 Datasheet
38Kb / 1P
   NPN Darlington With built-in flywheel diode
SLA4031 SANKEN-SLA4031 Datasheet
38Kb / 1P
   NPN Darlington With built-in flywheel diode
SMA4033 SANKEN-SMA4033 Datasheet
38Kb / 1P
   NPN Darlington With built-in flywheel diode
SMA4038 SANKEN-SMA4038 Datasheet
906Kb / 2P
   NPN Darlington With built-in flywheel diode
SDH02 SANKEN-SDH02 Datasheet
22Kb / 1P
   NPN Darlington With built-in flywheel diode
SLA4041 SANKEN-SLA4041 Datasheet
23Kb / 1P
   NPN Darlington With built-in flywheel diode
SLA4061 SANKEN-SLA4061 Datasheet
23Kb / 1P
   NPN Darlington With built-in flywheel diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com