Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLA5061 Datasheet(PDF) 2 Page - Sanken electric

Part # SLA5061
Description  N-channelP-channel 3-phase motor drive
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA5061 Datasheet(HTML) 2 Page - Sanken electric

  SLA5061 Datasheet HTML 1Page - Sanken electric SLA5061 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
87
N-ch
P-ch
N-ch
N-ch
P-ch
P-ch
N-ch
P-ch
Re(yfs)-ID Characteristics (Typical)
Safe Operating Area (SOA)
Capacitance-VDS Characteristics (Typical)
IDR-VSD Characteristics (Typical)
PT-Ta Characteristics
Characteristic curves
SLA5061
0
1.0
1.5
VSD (V)
0.5
0
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
(Ta=25
°C)
0.05
1
ID (A)
10
20
0.1
0.1
1
10
20
25
°C
125
°C
TC=–40
°C
(VDS=10V)
0.1
1
10
100
VDS (V)
0.1
1
10
20
100
µs
TC=25
°C
SINGLE PULSE
25
30
35
40
20
15
10
5
0
Without Heatsink
With Silicon Grease
Natural Cooling
All Circuits Operating
0
50
100
150
Ta (
°C)
0
–1.0
–1.5
VSD (V)
–0.5
0
–15
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
–11
–12
–13
–14
(Ta=25
°C)
V
GS
=–
10V
–0.1
–1
–10
–100
VDS (V)
–0.1
–1
–10
–20
100ms
TC=25
°C
SINGLE PULSE
–0.05
–1
ID (A)
–10
–20
–0.1
0.1
1
10
20
(VDS=–10V)
25
°C
125
°C
TC=–40
°C
(Ta=25
°C)
N channel
P channel
Symbol
Specification
Unit
Conditions
Specification
Unit
Conditions
min
typ
max
min
typ
max
V(BR)DSS
60
V
ID=100
µA, VGS=0V
–60
V
ID=–100
µA, VGS=0V
IGSS
±10
µAVGS=±20V
10
µAVGS=±20V
IDSS
100
µAVDS=60V, VGS=0V
–100
µAVDS=–60V, VGS=0V
VTH
1.0
2.0
V
VDS=10V, ID=250
µA
–1.0
–2.0
V
VDS=–10V, ID=–250
µA
Re(yfs)
8S
VDS=10V, ID=5A
8.7
S
VDS=–10V, ID=–5A
RDS(ON)
0.14
VGS=4V, ID=5A
0.14
VGS=–10V, ID=–5A
Ciss
460
pF
VDS=10V, f=1.0MHz,
1200
pF
VDS=–10V, f=1.0MHz,
Coss
225
pF
VGS=0V
440
pF
VGS=0V
Crss
50
pF
120
pF
td(on)
25
ns
ID=5A, VDD 20V,
50
ns
ID=–5A, VDD 20V,
tr
110
ns
RL=4
Ω, VGS=5V,
170
ns
RL=4
Ω, VGS=–5V
td(off)
90
ns
see Fig. 3 on page 16.
180
ns
see Fig. 4 on page 16.
tf
55
ns
100
ns
VSD
1.15
V
ISD=10A, VGS=0V
–1.25
V
ISD=–10A, VGS=0V
ISD=5A, VGS=0V
ISD=–5A, VGS=0V
trr
75
ns
di/dt=100A/
µs
100
ns
di/dt=100A/
µs
Electrical characteristics
010
20
30
40
50
VDS (V)
10
100
5000
1000
Ciss
Coss
Crss
VGS=0V
f=1MHz
(Ta=25
°C)
0
–10
–20
–30
–40
–50
VDS (V)
10
100
5000
1000
Ciss
Coss
Crss
VGS=0V
f=1MHz
(Ta=25
°C)
N-ch
P-ch


Similar Part No. - SLA5061

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLA5061 ETC1-SLA5061 Datasheet
48Kb / 2P
   N-channelP-channel 3-phase motor drive
logo
Sanken electric
SLA5061 SANKEN-SLA5061 Datasheet
53Kb / 2P
   N-channelP-channel 3-phase motor drive
More results

Similar Description - SLA5061

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA5009 SANKEN-SLA5009 Datasheet
31Kb / 2P
   N-channel P-channel 3-phase motor drive
SLA5059 SANKEN-SLA5059_06 Datasheet
48Kb / 2P
   N-channel P-channel 3-phase motor drive
SLA5064 SANKEN-SLA5064 Datasheet
52Kb / 2P
   N-channelP-channel 3-phase motor drive
SLA5017 SANKEN-SLA5017 Datasheet
31Kb / 2P
   N-channel P-channel 3-phase motor drive
SLA5060 SANKEN-SLA5060 Datasheet
48Kb / 2P
   N-channel P-channel 3-phase motor drive
SMA5127 SANKEN-SMA5127 Datasheet
30Kb / 2P
   N-channel P-channel 3-phase motor drive
SMA5127 SANKEN-SMA5127_01 Datasheet
45Kb / 2P
   N-channel P-channel 3-phase motor drive
SLA5059 SANKEN-SLA5059 Datasheet
48Kb / 2P
   N-channel P-channel 3-phase motor drive
SLA5064 SANKEN-SLA5064 Datasheet
52Kb / 2P
   N-channelP-channel 3-phase motor drive
logo
List of Unclassifed Man...
SLA5061 ETC1-SLA5061 Datasheet
48Kb / 2P
   N-channelP-channel 3-phase motor drive
logo
Sanken electric
SMA5104 SANKEN-SMA5104 Datasheet
31Kb / 2P
   N-channel P-channel 3-phase motor drive
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com