Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 2N7002
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2N7002 Datasheet(HTML) 2 Page - Diodes Incorporated

  2N7002_10 Datasheet HTML 1Page - Diodes Incorporated 2N7002_10 Datasheet HTML 2Page - Diodes Incorporated 2N7002_10 Datasheet HTML 3Page - Diodes Incorporated 2N7002_10 Datasheet HTML 4Page - Diodes Incorporated 2N7002_10 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2N7002
Document number: DS11303 Rev. 24 - 2
2 of 5
www.diodes.com
November 2010
© Diodes Incorporated
2N7002
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
60
V
Drain-Gate Voltage RGS ≤ 1.0MΩ
VDGR
60
V
Gate-Source Voltage
Continuous
Pulsed
VGSS
±20
±40
V
Drain Current (Note 4)
Continuous
Continuous @ 100°C
Pulsed
ID
115
73
800
mA
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 4)
Derating above TA = 25°C
PD
300
2.4
mW
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
417
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Drain-Source Breakdown Voltage
BVDSS
60
70
V
VGS = 0V, ID = 10μA
Zero Gate Voltage Drain Current
@ TC = 25°C
@ TC = 125°C
IDSS
1.0
500
µA
VDS = 60V, VGS = 0V
Gate-Body Leakage
IGSS
±10
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(th)
1.0
2.5
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
@ TJ = 25°C
@ TJ = 125°C
RDS (ON)
3.2
4.4
7.5
13.5
Ω
VGS = 5.0V, ID = 0.05A
VGS = 10V, ID = 0.5A
On-State Drain Current
ID(ON)
0.5
1.0
A
VGS = 10V, VDS = 7.5V
Forward Transconductance
gFS
80
mS
VDS =10V, ID = 0.2A
Diode Forward Voltage (Note 6)
VSD
0.78
1.5
V
VGS = 0V, IS = 115mA
Continuous Source Current (Note 6)
IS
200
mA
Pulse Source Current (Note 6)
ISD
2
A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
22
50
pF
VDS = 25V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
11
25
pF
Reverse Transfer Capacitance
Crss
2.0
5.0
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
7.0
20
ns
VDD = 30V, ID = 0.2A,
RL = 150Ω, VGEN = 10V,
RGEN = 25Ω
Turn-Off Delay Time
tD(OFF)
11
20
ns
Notes:
4. Device mounted on FR-4 PCB 1.0 x 0.75 x 0.062 inch pad layout as shown on Diodes, Inc. suggested pad layout AP02001, which can be found on our
website at http://www.diodes.com/datasheets/ap02001.pdf.
5. Short duration pulse test used to minimize self-heating effect.
6. VSD measured in 250μs pulse, duty cycle = 2%; ISD measure in 10ms Repetitive Pulse, duty cycle = 2% , Pd_Pulse is from Zth test data


Similar Part No. - 2N7002_10

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2N7002-13-F DIODES-2N7002-13-F Datasheet
118Kb / 5P
   N-CHANNEL ENHANCEMENT MODE MOSFET
2N7002-13-F DIODES-2N7002-13-F Datasheet
346Kb / 5P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Foshan Blue Rocket Elec...
2N7002K1 FOSHAN-2N7002K1 Datasheet
1Mb / 6P
   N-CHANNEL MOSFET in a SOT-23 Plastic Package
logo
Chenmko Enterprise Co. ...
2N7002M1PT CHENMKO-2N7002M1PT Datasheet
186Kb / 3P
   N-Channel Enhancement Mode Field Effect Transistor
2N7002N1PT CHENMKO-2N7002N1PT Datasheet
133Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - 2N7002_10

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com