Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28005FH100Z-T7A Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL28005FH100Z-T7A
Description  Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28005FH100Z-T7A Datasheet(HTML) 5 Page - Intersil Corporation

  ISL28005FH100Z-T7A Datasheet HTML 1Page - Intersil Corporation ISL28005FH100Z-T7A Datasheet HTML 2Page - Intersil Corporation ISL28005FH100Z-T7A Datasheet HTML 3Page - Intersil Corporation ISL28005FH100Z-T7A Datasheet HTML 4Page - Intersil Corporation ISL28005FH100Z-T7A Datasheet HTML 5Page - Intersil Corporation ISL28005FH100Z-T7A Datasheet HTML 6Page - Intersil Corporation ISL28005FH100Z-T7A Datasheet HTML 7Page - Intersil Corporation ISL28005FH100Z-T7A Datasheet HTML 8Page - Intersil Corporation ISL28005FH100Z-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ISL28005
5
FN6973.3
September 16, 2010
GA
Gain = 100 Gain Accuracy
(Note 10)
VCC = VRS+ = 12V, VSENSE = 20mV
to 100mV
-2
-3
2
3
%
VCC = 12V, VRS+ = 0.1V,
VSENSE = 20mV to 100mV
-0.25
%
Gain = 50, Gain = 20 Gain Accuracy
(Note 10)
VCC = VRS+ = 12V, VSENSE = 20mV
to 100mV
-2
-3
2
3
%
VCC = 12V, VRS+ = 0.1V,
VSENSE = 20mV to 100mV
-3
-4
-0.31
3
4
%
VOA
Gain = 100 Total Output Accuracy
(Note 11)
VCC = VRS+ = 12V,
VSENSE = 100mV
-2.5
-2.7
2.5
2.7
%
VCC = 12V, VRS+ = 0.1V,
VSENSE = 100mV
-1.25
%
Gain = 50, Gain = 20 Total Output
Accuracy (Note 11)
VCC = VRS+ = 12V,
VSENSE = 100mV
-2.5
-2.7
2.5
2.7
%
VCC = 12V, VRS+ = 0.1V,
VSENSE = 100mV
-6
-7
-1.41
6
7
%
VOH
Output Voltage Swing, High
VCC - VOUT
IO = -500µA, VCC = 2.7V
VSENSE = 100mV
VRS+ = 2V
39
50
mV
VOL
Output Voltage Swing, Low
VOUT
IO = 500µA, VCC = 2.7V
VSENSE = 0V, VRS+ = 2V
30
50
mV
ROUT
Output Resistance
VCC = VRS+ = 12V,
VSENSE = 100mV
IOUT = 10µA to 1mA
6.5
Ω
ISC+
Short Circuit Sourcing Current
VCC = VRS+ = 5V, RL = 10Ω
4.8
mA
ISC-
Short Circuit Sinking Current
VCC = VRS+ = 5V, RL = 10Ω
8.7
mA
IS
Gain = 100
Supply Current
VRS+ > 2V, VSENSE = 5mV
50
59
62
µA
Gain = 50, 20
Supply Current
VRS+ > 2V, VSENSE = 5mV
50
62
63
µA
VCC
Supply Voltage
Guaranteed by PSRR
2.7
28
V
SR
Gain = 100 Slew Rate
Pulse on RS+ pin,
VOUT = 8VP-P
(see Figure 15)
0.58
0.76
V/µs
Gain = 50 Slew Rate
Pulse on RS+ pin,
VOUT = 8VP-P
(see Figure 15)
0.58
0.67
V/µs
Gain = 20 Slew Rate
Pulse on RS+ pin,
VOUT = 3.5VP-P
(see Figure 15)
0.50
0.67
V/µs
BW-3dB
Gain = 100
-3dB Bandwidth
VRS+ = 12V, 0.1V,
VSENSE = 100mV
110
kHz
Gain = 50
-3dB Bandwidth
VRS+ = 12V, 0.1V,
VSENSE = 100mV
160
kHz
Gain = 20
-3dB Bandwidth
VRS+ = 12V, 0.1V,
VSENSE = 100mV
180
kHz
Electrical Specifications VCC = 12V, VRS+ = 0V to 28V, VSENSE = 0V, RLOAD = 1MΩ, TA = +25°C unless otherwise specified.
Boldface limits apply over the operating temperature range, -40°C to +125°C.
Temperature data established by characterization. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNIT


Similar Part No. - ISL28005FH100Z-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28005FH100Z-T7A INTERSIL-ISL28005FH100Z-T7A Datasheet
857Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier
ISL28005FH100Z-T7A INTERSIL-ISL28005FH100Z-T7A Datasheet
762Kb / 15P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
October 24, 2013
logo
Renesas Technology Corp
ISL28005FH100Z-T7A RENESAS-ISL28005FH100Z-T7A Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
More results

Similar Description - ISL28005FH100Z-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28006 RENESAS-ISL28006 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28006 INTERSIL-ISL28006_10 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28005FH100Z-T7 INTERSIL-ISL28005FH100Z-T7 Datasheet
762Kb / 15P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
October 24, 2013
logo
Renesas Technology Corp
ISL28005 RENESAS-ISL28005 Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005 Datasheet
751Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28006 INTERSIL-ISL28006 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28006FH100Z-T7 INTERSIL-ISL28006FH100Z-T7 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
November 22, 2013
ISL28005 INTERSIL-ISL28005_11 Datasheet
857Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier
ISL28006 INTERSIL-ISL28006_11 Datasheet
1Mb / 24P
   Micropower, Rail to Rail Input Current Sense Amplifier
logo
Linear Technology
LT1620 LINER-LT1620_15 Datasheet
253Kb / 12P
   Rail-to-Rail Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com