Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28005FH100Z-T7A Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL28005FH100Z-T7A
Description  Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28005FH100Z-T7A Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL28005FH100Z-T7A Datasheet HTML 6Page - Intersil Corporation ISL28005FH100Z-T7A Datasheet HTML 7Page - Intersil Corporation ISL28005FH100Z-T7A Datasheet HTML 8Page - Intersil Corporation ISL28005FH100Z-T7A Datasheet HTML 9Page - Intersil Corporation ISL28005FH100Z-T7A Datasheet HTML 10Page - Intersil Corporation ISL28005FH100Z-T7A Datasheet HTML 11Page - Intersil Corporation ISL28005FH100Z-T7A Datasheet HTML 12Page - Intersil Corporation ISL28005FH100Z-T7A Datasheet HTML 13Page - Intersil Corporation ISL28005FH100Z-T7A Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ISL28005
11
FN6973.3
September 16, 2010
Hysteretic Comparator
The input trans-conductance amps are under control of a
hysteretic comparator operating from the incoming
source voltage on the RS+ pin (see Figure 18). The
comparator monitors the voltage on RS+ and switches
the sense amplifier from the low-side gm amp to the
high-side gm amplifier whenever the input voltage at
RS+ increases above the 1.35V threshold. Conversely, a
decreasing voltage on the RS+ pin, causes the hysteric
comparator to switch from the high-side gm amp to the
low-side gm amp as the voltage decreases below 1.35V.
It is that low-side sense gm amplifier that gives the
ISL28005 the proprietary ability to sense current all the
way to 0V. Negative voltages on the RS+ or RS- are
beyond the sensing voltage range of this amplifier.
Typical Application Circuit
Figure 20 shows the basic application circuit and optional
protection components for switched-load applications.
For applications where the load and the power source is
permanently connected, only an external sense resistor
is needed. For applications where fast transients are
caused by hot plugging the source or load, external
protection components may be needed. The external
current limiting resistor (RP) in Figure 20 may be
required to limit the peak current through the internal
ESD diodes to < 20mA. This condition can occur in
applications that experience high levels of in-rush current
causing high peak voltages that can damage the internal
ESD diodes. An RP resistor value of 100Ω will provide
protection for a 2V transient with the maximum of 20mA
flowing through the input while adding only an additional
13µV (worse case over-temperature) of VOS. Refer to the
following formula:
((RP x IRS-) = (100Ω x 130nA) = 13µV)
Switching applications can generate voltage spikes that
can overdrive the amplifier input and drive the output of
the amplifier into the rails, resulting in a long overload
recovery time. Capacitors CM and CD filter the common
mode and differential voltage spikes.
Error Sources
There are 3 dominant error sources: gain error, input
offset voltage error and Kelvin voltage error (see
Figure 19). The gain error is dominated by the internal
resistance matching tolerances. The remaining errors
appear as sense voltage errors at the input to the
amplifier. They are VOS of the amplifier and Kelvin
voltage errors. If the transient protection resistor is
added, an additional VOS error can result from the IxR
voltage due to input bias current. The limiting resistor
should only be added to the RS- input, due to the
high-side gm amplifier (gmHI) sinking several micro
amps of current through the RS+ pin.
Layout Guidelines
Kelvin Connected Sense Resistor
The source of Kelvin voltage errors is illustrated in
Figure 19. The resistance of 1/2 oz. copper is ~1mΩ per
square with a TC of ~3900ppm/°C (0.39%/°C). When
you compare this unwanted parasitic resistance with the
total of 1mΩ to 10mΩ resistance of the sense resistor, it
is easy to see why the sense connection must be chosen
very carefully. For example, consider a maximum current
of 20A through a 0.005Ω sense resistor, generating a
VSENSE = 0.1 and a full scale output voltage of 10V
(G = 100). Two side contacts of only 0.25 square per
contact puts the VSENSE input about 0.5 x 1mΩ away
from the resistor end capacitor. If only 10A the 20A total
current flows through the kelvin path to the resistor, you
get an error voltage of 10mV (10A x 0.5sq x 0.001Ω/sq.
= 10mV) added to the 100mV sense voltage for a sense
voltage error of 10% (0.110V - 0.1)/0.1V)x 100.
FIGURE 18. GAIN ACCURACY vs VRS+ = 0V TO 2V
VRS+ (V)
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
FIGURE 19. PC BOARD CURRENT SENSE KELVIN CONNECTION
PC Board
Non-uniform
Current Flow
Current Sense Resistor
1 to 10mO
Current In
Current Out
Kelvin V
S Contacts
Copper Trace
30mO/Sq.
PC Board
Non-uniform
Current Flow
Current Sense Resistor
1 to 10mO
Current In
Current Out
Kelvin V
S Contacts
Copper Trace
30mO/Sq.
CURRENT SENSE RESISTOR
1mΩ TO 10mΩ
1mΩ /SQ
CURRENT OUT
CURRENT IN
NON-UNIFORM
CURRENT FLOW
PC BOARD
KELVIN VS CONTACTS
1/2 Oz COPPER TRACE


Similar Part No. - ISL28005FH100Z-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28005FH100Z-T7A INTERSIL-ISL28005FH100Z-T7A Datasheet
857Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier
ISL28005FH100Z-T7A INTERSIL-ISL28005FH100Z-T7A Datasheet
762Kb / 15P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
October 24, 2013
logo
Renesas Technology Corp
ISL28005FH100Z-T7A RENESAS-ISL28005FH100Z-T7A Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
More results

Similar Description - ISL28005FH100Z-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28006 RENESAS-ISL28006 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28006 INTERSIL-ISL28006_10 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28005FH100Z-T7 INTERSIL-ISL28005FH100Z-T7 Datasheet
762Kb / 15P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
October 24, 2013
logo
Renesas Technology Corp
ISL28005 RENESAS-ISL28005 Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005 Datasheet
751Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28006 INTERSIL-ISL28006 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28006FH100Z-T7 INTERSIL-ISL28006FH100Z-T7 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
November 22, 2013
ISL28005 INTERSIL-ISL28005_11 Datasheet
857Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier
ISL28006 INTERSIL-ISL28006_11 Datasheet
1Mb / 24P
   Micropower, Rail to Rail Input Current Sense Amplifier
logo
Linear Technology
LT1620 LINER-LT1620_15 Datasheet
253Kb / 12P
   Rail-to-Rail Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com