Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3414 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3414
Description  1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3414 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3414 Datasheet HTML 1Page - National Semiconductor (TI) LM3414 Datasheet HTML 2Page - National Semiconductor (TI) LM3414 Datasheet HTML 3Page - National Semiconductor (TI) LM3414 Datasheet HTML 4Page - National Semiconductor (TI) LM3414 Datasheet HTML 5Page - National Semiconductor (TI) LM3414 Datasheet HTML 6Page - National Semiconductor (TI) LM3414 Datasheet HTML 7Page - National Semiconductor (TI) LM3414 Datasheet HTML 8Page - National Semiconductor (TI) LM3414 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LM3414/LM3414HV
August 9, 2010
1A 60W* Common Anode Capable Constant Current Buck
LED Driver Requires No External Current Sensing Resistor
General Description
The LM3414 and LM3414HV are 1A 60W* common anode
capable constant current buck LED drivers. They are excep-
tionally suitable to drive single string of 3W HBLED with up to
96% efficiency. They accept input voltages from 4.5VDC to
65VDC and deliver up to 1A average LED current with ±3%
accuracy. The integrated low-side N-channel power MOSFET
and current sensing element realize simple and low compo-
nent count circuitry as no bootstrapping capacitor and exter-
nal current sensing resistor are required. An external small-
signal resistor to ground provides very fine LED current
adjustment, analog dimming as well as thermal fold-back
functions.
Constant switching frequency operation eases EMI. No ex-
ternal loop compensation network is needed. The proprietary
Pulse-Level-Modulation (PLM) control method benefits in
high conversion efficiency and true average LED current reg-
ulation. Fast response time realizes fine LED current pulse
fulfilling the 240 Hz 256-step dimming resolution requirement
for general lighting.
The LM3414 and LM3414HV are available in ePSOP-8 and
3mm x 3mm LLP-8 packages.
*Thermal de-rating applies according to actual operation con-
ditions
Features
Support LED power up to 60W*: 18x 3W HBLEDs
Requires NO external current sensing resistor
±3% LED current accuracy
Up to 96% efficiency
High contrast ratio (Minimum dimming current pulse width
<10 µS)
Integrated low-side N-channel MOSFET
Adjustable Constant LED current from 350mA to 1000mA
Support analog dimming and thermal fold-back
Wide input voltage range:
4.5V to 42V (LM3414)
4.5V to 65V (LM3414HV)
Constant Switching Frequency adjustable from 250 kHz to
1000 kHz
Thermal shutdown protection
Power enhanced ePSOP-8 or 3mm x 3mm LLP-8 package
Appications
High Power LED Driver
Architectural Lighting, Office Troffer
Automotive Lighting
MR-16 LED Lamp
Simplified Application Schematic
30124801
© 2010 National Semiconductor Corporation
301248
www.national.com


Similar Part No. - LM3414

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3414 TI-LM3414 Datasheet
1Mb / 25P
[Old version datasheet]   1A 60W Common Anode Capable Constant Current Buck LED Driver Requires No
LM3414 TI1-LM3414 Datasheet
1Mb / 32P
[Old version datasheet]   60-W Common Anode-Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
Shanghai Leiditech Elec...
LM3414 LEIDITECH-LM3414 Datasheet
870Kb / 3P
   N-Channel Enhancement Mode Power MOSFET
logo
National Semiconductor ...
LM3414HV NSC-LM3414HV Datasheet
2Mb / 12P
   1A 65V LED Driver Evaluation Board Switching frequency: 500 kHz
logo
Texas Instruments
LM3414HV TI-LM3414HV Datasheet
1Mb / 25P
[Old version datasheet]   1A 60W Common Anode Capable Constant Current Buck LED Driver Requires No
More results

Similar Description - LM3414

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3414HVMRX TI-LM3414HVMRX Datasheet
1Mb / 25P
[Old version datasheet]   1A 60W Common Anode Capable Constant Current Buck LED Driver Requires No
LM3414 TI1-LM3414 Datasheet
1Mb / 32P
[Old version datasheet]   60-W Common Anode-Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
LM3414 TI1-LM3414_15 Datasheet
1Mb / 30P
[Old version datasheet]   Common Anode-Capable Constant Current Buck LED Driver
TPS92511 TI1-TPS92511 Datasheet
1Mb / 31P
[Old version datasheet]   500-mA, 65-V Common Anode Constant Current Buck LED Driver Without External Current Sensing Resistor
logo
Mean Well Enterprises C...
LPFH-60D MEANWELL-LPFH-60D Datasheet
131Kb / 8P
   60W Constant Current LED Driver
logo
Shenzhen Huazhimei Semi...
HM9882 HMSEMI-HM9882 Datasheet
594Kb / 5P
   External MOS average current type LED buck constant current driver
logo
Mean Well Enterprises C...
LPFH-60 MEANWELL-LPFH-60 Datasheet
107Kb / 6P
   60W Constant Voltage Constant Current LED Driver
logo
Shenzhen Huazhimei Semi...
HM9804 HMSEMI-HM9804 Datasheet
803Kb / 11P
   80V 1A Switching Current Buck PFM LED Constant Current Driver
logo
XLSEMI
XL8004 XLSEMI-XL8004 Datasheet
351Kb / 11P
   80V 1A Switching Current Buck PFM LED Constant Current Driver
logo
List of Unclassifed Man...
XL8004 ETC2-XL8004 Datasheet
351Kb / 11P
   80V 1A Switching Current Buck PFM LED Constant Current Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com