Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # S2A
Description  1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

S2A Datasheet(HTML) 1 Page - Diodes Incorporated

  S2A Datasheet HTML 1Page - Diodes Incorporated S2A Datasheet HTML 2Page - Diodes Incorporated S2A Datasheet HTML 3Page - Diodes Incorporated S2A Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S2A/A - S2M/A
Document number: DS16004 Rev. 14 - 2
1 of 4
www.diodes.com
September 2010
© Diodes Incorporated
S2A/A - S2M/A
1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Features
Glass Passivated Die Construction
Low Forward Voltage Drop and High Current Capability
Surge Overload Rating to 50A Peak
Ideally Suited for Automated Assembly
Lead Free Finish/RoHS Compliant (Note 1)
Green Molding Compound (No Halogen and Antimony)
(Note 2)
Mechanical Data
Case: SMA/SMB
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Lead Free Plating (Matte Tin Finish). Solderable per
MIL-STD-202, Method 208
Polarity: Cathode Band or Cathode Notch
Weight: SMA 0.064 grams (approximate)
SMB 0.093 grams (approximate)
Ordering Information (Note 3)
Part Number
Case
Packaging
S2xA-13-F
SMA
5000/Tape & Reel
S2x-13-F
SMB
3000/Tape & Reel
*x = Device type, e.g. S2AA-13-F (SMA package); S2A-13-F (SMB package).
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes.
2. Product manufactured with Data Code 0924 (week 24, 2009) and newer are built with Green Molding Compound.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
 
Green
Top View
Bottom View
xxx = Product type marking code, ex: S2A (SMB package)
xxxx = Product type marking code, ex: S2AA (SMA package)
= Manufacturers’ code marking
YWW = Date code marking
Y = Last digit of year (ex: 2 for 2002)
WW = Week code (01 to 53)
YWW
xxx(x)


Similar Part No. - S2A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S2A PANJIT-S2A Datasheet
58Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
YENYO TECHNOLOGY Co., L...
S2A YENYO-S2A Datasheet
658Kb / 2P
   Surface Mount Standard Rectifier
logo
PACELEADER INDUSTRIAL
S2A PACELEADER-S2A Datasheet
123Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
logo
Vishay Siliconix
S2A VISHAY-S2A Datasheet
79Kb / 4P
   Surface Mount Glass Passivated Rectifier
02-Oct-12
logo
General Semiconductor
S2A GE-S2A Datasheet
74Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
More results

Similar Description - S2A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S2A DIODES-S2A Datasheet
47Kb / 2P
   1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16004 Rev. 7 - 2
S2BA-13-F DIODES-S2BA-13-F Datasheet
98Kb / 4P
   1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S2J-13 DIODES-S2J-13 Datasheet
98Kb / 4P
   1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S2KA-13 DIODES-S2KA-13 Datasheet
98Kb / 4P
   1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Shenzhen Yixinwei Techn...
S2AA YIXIN-S2AA Datasheet
92Kb / 3P
   1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S2MA-13 DIODES-S2MA-13 Datasheet
98Kb / 4P
   1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S2A DIODES-S2A_1 Datasheet
83Kb / 3P
   1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16004 Rev. 11 - 2
logo
Zibo Seno Electronic En...
DB151 ZSELEC-DB151 Datasheet
85Kb / 2P
   1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DF15005S DIODES-DF15005S_16 Datasheet
296Kb / 5P
   1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
DI150 ZSELEC-DI150 Datasheet
118Kb / 2P
   1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com