Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1142 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SI1142
Description  PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I2C INTERFACE
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI1142 Datasheet(HTML) 2 Page - Silicon Laboratories

  SI1142 Datasheet HTML 1Page - Silicon Laboratories SI1142 Datasheet HTML 2Page - Silicon Laboratories SI1142 Datasheet HTML 3Page - Silicon Laboratories SI1142 Datasheet HTML 4Page - Silicon Laboratories SI1142 Datasheet HTML 5Page - Silicon Laboratories SI1142 Datasheet HTML 6Page - Silicon Laboratories SI1142 Datasheet HTML 7Page - Silicon Laboratories SI1142 Datasheet HTML 8Page - Silicon Laboratories SI1142 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
Si1141/42/43
2
Preliminary Rev. 0.5
Functional Block Diagram
Figure 1. Si1141 Basic Application
Figure 2. Si1143 Application with Three LEDs and Separate LED Power Supply
Note: For more application examples, refer to “AN498: irLED Selection Guide for Si114x Proximity Applications”.
Visible
VDD
SDA
SCL
Regulator
I2C
LED
Drivers
LED1
LED32
LED21
GND
INT
Infrared
Registers
A
M
U
X
ADC
Tem p
Filter
Oscillator
Digital Sequencer & Control Logic
1. Si1142 and Si1143 only.
2. Si1143 only.
SDA
SCL
VDD
INT
LED1
GND
CVDD
CVDD
Si1141
15 µF, 20%, >6 V
30 ohm
5%, 1/16 W
3.3 V
0.1 uF
Host
SDA
SCL
INT
SDA
SCL
VDD
INT
LED1
GND
LED3
LED2
Si1143
22 uF, 20%, >6V
30 ohm
5%, 1/16 W
3.3 V
0.1 uF
Host
4.3 V
No
Pop


Similar Part No. - SI1142

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI1142-A11-GMR SILABS-SI1142-A11-GMR Datasheet
1Mb / 77P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I 2C INTERFACE
Rev. 1.42 3/21
SI1142-M01-GMR SILABS-SI1142-M01-GMR Datasheet
1Mb / 79P
   PROXIMITY/AMBIENT LIGHT SENSOR MODULE WITH I2C INTERFAC
Rev. 1.1 12/14
SI1142-M01-GMR SILABS-SI1142-M01-GMR Datasheet
1Mb / 79P
   PROXIMITY/AMBIENT LIGHT SENSOR MODULE WITH I2C INTERFACE
Rev. 1.1 12/14
More results

Similar Description - SI1142

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI1153-AB9X-GMR SILABS-SI1153-AB9X-GMR Datasheet
918Kb / 61P
   Proximity/Ambient Light Sensor IC with I2C Interface
Rev. 1.3
SI115X SILABS-SI115X Datasheet
1Mb / 65P
   Proximity/Ambient Light Sensor IC with I2C Interface
Rev. 1.4
SI1153 SILABS-SI1153 Datasheet
1Mb / 58P
   Proximity/Ambient Light Sensor IC with IC Interface
SI1143-M01-GMR SILABS-SI1143-M01-GMR Datasheet
1Mb / 79P
   PROXIMITY/AMBIENT LIGHT SENSOR MODULE WITH I2C INTERFACE
Rev. 1.1 12/14
logo
Everlight Electronics C...
EAAPMST3923A3 EVERLIGHT-EAAPMST3923A3 Datasheet
726Kb / 23P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
EAAPMST3923A2 EVERLIGHT-EAAPMST3923A2 Datasheet
836Kb / 20P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
logo
Silicon Laboratories
SI1141-A11-GM SILABS-SI1141-A11-GM Datasheet
1Mb / 77P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I 2C INTERFACE
Rev. 1.42 3/21
logo
ON Semiconductor
NOA1302 ONSEMI-NOA1302 Datasheet
226Kb / 9P
   Ambient Light Sensor with I2C Interface
August, 2009 ??Rev. 1
LV0104CS ONSEMI-LV0104CS Datasheet
225Kb / 9P
   Ambient Light Sensor, I2C Interface
April 2015- Rev. 2
logo
AMIC Technology
ASR8601 AMICC-ASR8601 Datasheet
40Kb / 1P
   Ambient Light Sensor with I2C digital interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com