Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si1141-A10-GM Datasheet(PDF) 6 Page - Silicon Laboratories

Part # Si1141-A10-GM
Description  PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I2C INTERFACE
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si1141-A10-GM Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button Si1141-A10-GM Datasheet HTML 2Page - Silicon Laboratories Si1141-A10-GM Datasheet HTML 3Page - Silicon Laboratories Si1141-A10-GM Datasheet HTML 4Page - Silicon Laboratories Si1141-A10-GM Datasheet HTML 5Page - Silicon Laboratories Si1141-A10-GM Datasheet HTML 6Page - Silicon Laboratories Si1141-A10-GM Datasheet HTML 7Page - Silicon Laboratories Si1141-A10-GM Datasheet HTML 8Page - Silicon Laboratories Si1141-A10-GM Datasheet HTML 9Page - Silicon Laboratories Si1141-A10-GM Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
Si1141/42/43
6
Preliminary Rev. 0.5
LED1, LED2, LED3
Active Current
ILEDx
VDD = 3.3 V, single drive
VLEDn = 1 V, PS_LEDn = 0001
VLEDn = 1 V, PS_LEDn = 0010
VLEDn = 1 V, PS_LEDn = 0011
VLEDn = 1 V, PS_LEDn = 0100
VLEDn = 1 V, PS_LEDn = 0101
VLEDn = 1 V, PS_LEDn = 0110
VLEDn = 1 V, PS_LEDn = 0111
VLEDn = 1 V, PS_LEDn = 1000
VLEDn = 1 V, PS_LEDn = 1001
VLEDn = 1 V, PS_LEDn = 1010
VLEDn = 1 V, PS_LEDn = 1011
VLEDn = 1 V, PS_LEDn = 1100
VLEDn = 1 V, PS_LEDn = 1101
VLEDn = 1 V, PS_LEDn = 1110
VLEDn =1V, PS_LEDn =1111
5.6
11.2
22.4
45
67
90
112
135
157
180
202
224
269
314
359
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
mA
Actively Measuring Time3
Single PS
ALS VIS + ALS IR
Two ALS plus three PS
155
285
660
TBD
TBD
TBD
µs
µs
µs
PS Min Detectable
Reflectance Input4
EMIN
VDD =3.3 V
 = 850 nm
—0.1
1
µW/
cm2
PS Max Detectable
Reflectance Input
EMAX
VDD =3.3 V
 = 850 nm
25
mW/
cm2
ALS Range5
10m
128k
lx
ALS Flicker Noise Error
VDD =3.3 V
±5
%
SCL, SDA, INT Output
Low Voltage
VOL
I=4mA, VDD > 2.0 V
I=4 mA, VDD < 2.0 V
VDDx0.2
0.4
V
V
Table 3. Performance Characteristics1 (Continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes:
1. Unless specifically stated in "Conditions", electrical data assumes ambient light levels < 1 klx.
2. Proximity-detection performance may be degraded, especially when there is high optical crosstalk, if the LED supply
and voltage drop allow the driver to saturate and current regulation is lost.
3. Represents the time during which the device is drawing a current equal to Iactive for power estimation purposes.
Assumes default settings.
4. Applies to single 25.6 µs pulse measurement. By increasing irLED pulse width, 0.001 µW/cm2 under low light is
possible.
5. ALS Sensitivity under low light conditions can be improved by increasing ADC integration time. 10 mlx resolution
possible under the highest ADC integration time setting.


Similar Part No. - Si1141-A10-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI1141-A11-GM SILABS-SI1141-A11-GM Datasheet
1Mb / 77P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I 2C INTERFACE
Rev. 1.42 3/21
SI1141-A11-GMR SILABS-SI1141-A11-GMR Datasheet
1Mb / 77P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I 2C INTERFACE
Rev. 1.42 3/21
SI1141-A11-YM0R SILABS-SI1141-A11-YM0R Datasheet
1Mb / 77P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I 2C INTERFACE
Rev. 1.42 3/21
More results

Similar Description - Si1141-A10-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI1153-AB9X-GMR SILABS-SI1153-AB9X-GMR Datasheet
918Kb / 61P
   Proximity/Ambient Light Sensor IC with I2C Interface
Rev. 1.3
SI115X SILABS-SI115X Datasheet
1Mb / 65P
   Proximity/Ambient Light Sensor IC with I2C Interface
Rev. 1.4
SI1153 SILABS-SI1153 Datasheet
1Mb / 58P
   Proximity/Ambient Light Sensor IC with IC Interface
SI1143-M01-GMR SILABS-SI1143-M01-GMR Datasheet
1Mb / 79P
   PROXIMITY/AMBIENT LIGHT SENSOR MODULE WITH I2C INTERFACE
Rev. 1.1 12/14
logo
Everlight Electronics C...
EAAPMST3923A3 EVERLIGHT-EAAPMST3923A3 Datasheet
726Kb / 23P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
EAAPMST3923A2 EVERLIGHT-EAAPMST3923A2 Datasheet
836Kb / 20P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
logo
Silicon Laboratories
SI1141-A11-GM SILABS-SI1141-A11-GM Datasheet
1Mb / 77P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I 2C INTERFACE
Rev. 1.42 3/21
logo
ON Semiconductor
NOA1302 ONSEMI-NOA1302 Datasheet
226Kb / 9P
   Ambient Light Sensor with I2C Interface
August, 2009 ??Rev. 1
LV0104CS ONSEMI-LV0104CS Datasheet
225Kb / 9P
   Ambient Light Sensor, I2C Interface
April 2015- Rev. 2
logo
AMIC Technology
ASR8601 AMICC-ASR8601 Datasheet
40Kb / 1P
   Ambient Light Sensor with I2C digital interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com