Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5xC-13-F Datasheet(PDF) 3 Page - Diodes Incorporated

Part # S5xC-13-F
Description  5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

S5xC-13-F Datasheet(HTML) 3 Page - Diodes Incorporated

  S5xC-13-F Datasheet HTML 1Page - Diodes Incorporated S5xC-13-F Datasheet HTML 2Page - Diodes Incorporated S5xC-13-F Datasheet HTML 3Page - Diodes Incorporated S5xC-13-F Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
S5AC - S5MC
Document number: DS16007 Rev. 9 - 2
3 of 4
www.diodes.com
September 2010
© Diodes Incorporated
S5AC - S5MC
0
20
40
110
100
Fig. 3 Forward Surge Current Derating Curve
NUMBER OF CYCLES AT 60 Hz
60
80
100
120
0.01
0.1
1.0
10
100
1,000
0
2040
60
80100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 4 Typical Reverse Characteristics
T = 125 C
j
°
T = 25 C
j
°
Package Outline Dimensions
Suggested Pad Layout
SMC
Dim
Min
Max
A
5.59
6.22
B
6.60
7.11
C
2.75
3.18
D
0.15
0.31
E
7.75
8.13
G
0.10
0.20
H
0.76
1.52
J
2.00
2.50
All Dimensions in mm
SMC
Dimensions
Value (in mm)
Z
9.3
G
4.4
X
3.3
Y
2.5
C
6.8
A
B
C
D
G
H
E
J


Similar Part No. - S5xC-13-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S5xC-13-F DIODES-S5xC-13-F Datasheet
101Kb / 4P
   5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S5XC-13-F DIODES-S5XC-13-F Datasheet
101Kb / 4P
   5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S5XC-13-F DIODES-S5XC-13-F Datasheet
111Kb / 4P
   5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S5XC-13-F DIODES-S5XC-13-F Datasheet
101Kb / 4P
   5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results

Similar Description - S5xC-13-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S5DC-13 DIODES-S5DC-13 Datasheet
111Kb / 4P
   5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S5GC-13-F DIODES-S5GC-13-F Datasheet
101Kb / 4P
   5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S5GC-13 DIODES-S5GC-13 Datasheet
101Kb / 4P
   5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S5AC DIODES-S5AC_15 Datasheet
101Kb / 4P
   5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S5AC DIODES-S5AC_1 Datasheet
82Kb / 3P
   5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16007 Rev. 7 - 2
S5BC-13 DIODES-S5BC-13 Datasheet
101Kb / 4P
   5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S5BC-13-F DIODES-S5BC-13-F Datasheet
101Kb / 4P
   5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Zibo Seno Electronic En...
GF5A ZSELEC-GF5A Datasheet
56Kb / 2P
   5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Won-Top Electronics
S5A WTE-S5A Datasheet
51Kb / 4P
   5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Zibo Seno Electronic En...
GS5A ZSELEC-GS5A Datasheet
89Kb / 2P
   5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com