Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ23C2V7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AZ23C2V7
Description  300mW DUAL SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AZ23C2V7 Datasheet(HTML) 1 Page - Diodes Incorporated

  AZ23C2V7 Datasheet HTML 1Page - Diodes Incorporated AZ23C2V7 Datasheet HTML 2Page - Diodes Incorporated AZ23C2V7 Datasheet HTML 3Page - Diodes Incorporated AZ23C2V7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AZ23C2V7 - AZ23C51
Document number: DS18003 Rev. 13 - 2
1 of 4
www.diodes.com
February 2009
© Diodes Incorporated
AZ23C2V7 - AZ23C51
300mW DUAL SURFACE MOUNT ZENER DIODE
Features
Dual Zeners in Common Anode Configuration
300 mW Power Dissipation Rating
Ideally Suited for Automated Insertion
Δ VZ For Both Diodes in One Case is ≤ 5%
Common Cathode Style Available See DZ Series
Lead, Halogen and Antimony Free, RoHS Compliant (Note 2)
“Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
ESD Sensitivity Rating
AEC-Q101, HBM - 8kV, MM - 400V
IEC 61000-4-2, Air - 15kV, Contact - 8kV
Mechanical Data
Case: SOT-23
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020D
Terminals: Matte Tin Finish annealed over Alloy 42 leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
Polarity: See Diagram
Marking Information: See Page 3
Ordering Information: See Page 3
Approximate Weight: 0.008 grams
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
PD
300
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RθJA
417
°C/W
Operating and Storage Temperature Range
TJ, TSTG
–65 to +150
°C
Notes:
1. Mounted on FR4 PC Board with recommended pad layout which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. No purposefully added lead.
3. Product manufactured with Data Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
Top View
Device Schematic
Please click here to visit our online spice models database.


Similar Part No. - AZ23C2V7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AZ23C2V7 VISHAY-AZ23C2V7 Datasheet
54Kb / 4P
   300 mW Dual Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Taiwan Semiconductor Co...
AZ23C2V7 TSC-AZ23C2V7 Datasheet
169Kb / 4P
   Dual SMD Zener Diode
logo
Diodes Incorporated
AZ23C2V7 DIODES-AZ23C2V7 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 3 - 2
logo
Jiangsu Changjiang Elec...
AZ23C2V7 JIANGSU-AZ23C2V7 Datasheet
1Mb / 5P
   ZENER DIODE
logo
Diodes Incorporated
AZ23C2V7 DIODES-AZ23C2V7 Datasheet
448Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 9 - 2
More results

Similar Description - AZ23C2V7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZ23C2V7 DIODES-AZ23C2V7 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 3 - 2
logo
Unisonic Technologies
DZ23CXX UTC-DZ23CXX Datasheet
136Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
DZ23C2V7 DIODES-DZ23C2V7_10 Datasheet
87Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 18 - 2
AZ23C2V7 DIODES-AZ23C2V7_13 Datasheet
201Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C5V1-7 DIODES-DZ23C5V1-7 Datasheet
109Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
AZ23C157 DIODES-AZ23C157 Datasheet
201Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C2V7 DIODES-DZ23C2V7_15 Datasheet
158Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C2V7 DIODES-DZ23C2V7 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 8 - 2
DZ23C2V7 DIODES-DZ23C2V7_1 Datasheet
391Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 14 - 2
DZ23C2V7 DIODES-DZ23C2V7_13 Datasheet
158Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
AZ23C2V7 DIODES-AZ23C2V7_1 Datasheet
448Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 9 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com