Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP7713ILBTR-F Datasheet(PDF) 10 Page - Exar Corporation

Part # XRP7713ILBTR-F
Description  Three Channel Digital PWM Step Down Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7713ILBTR-F Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRP7713ILBTR-F Datasheet HTML 6Page - Exar Corporation XRP7713ILBTR-F Datasheet HTML 7Page - Exar Corporation XRP7713ILBTR-F Datasheet HTML 8Page - Exar Corporation XRP7713ILBTR-F Datasheet HTML 9Page - Exar Corporation XRP7713ILBTR-F Datasheet HTML 10Page - Exar Corporation XRP7713ILBTR-F Datasheet HTML 11Page - Exar Corporation XRP7713ILBTR-F Datasheet HTML 12Page - Exar Corporation XRP7713ILBTR-F Datasheet HTML 13Page - Exar Corporation XRP7713ILBTR-F Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
X
XR
RP
P7
77
71
13
3
T
Th
hrreeee C
Ch
ha
an
nn
neell D
Diig
giitta
all P
PW
WM
M S
Stteep
p D
Do
ow
wn
n C
Co
on
nttrro
olllleerr
© 2010 Exar Corporation
10/29
Rev. 1.1.1
Fig. 15: CH1:1.0V CH2:5V CH3:1.8V
Sequential Soft-Stop Configuration
Vout Shutdown = 0.8V, No load
Fig. 16: Load Transient Response
CH1: Iout (1A/div) CH2:Vout(3.3V)
Fig. 17: Temperature Regulation
1.0VOUT (±1% Vout window)
Fig. 18: Temperature Regulation
1.8VOUT (±1% Vo window)
Fig. 19: Temperature and Voltage Regulation
1.0VOUT (±1% Vout window)
Fig 21: Line/Load Regulation
1.8 VOUT (± 1% VOUT window)


Similar Part No. - XRP7713ILBTR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7713 EXAR-XRP7713 Datasheet
2Mb / 6P
   Exar?셲 PowerXR D igital Power Solutions
More results

Similar Description - XRP7713ILBTR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7708 EXAR-XRP7708_10 Datasheet
97Kb / 2P
   Quad Channel Digital PWM Step Down Controller
XRP7708 EXAR-XRP7708 Datasheet
860Kb / 27P
   Quad Channel Digital PWM Step Down Controller
XRP7714_1009 EXAR-XRP7714_1009 Datasheet
955Kb / 29P
   Quad Channel Digital PWM Step Down Controller
XRP7714 EXAR-XRP7714_11 Datasheet
942Kb / 29P
   Quad Channel Digital PWM Step Down Controller
XRP7714 EXAR-XRP7714 Datasheet
1Mb / 27P
   Quad Channel Digital PWM Step Down Controller
logo
Aimtron Technology
AT1391 AIMTRON-AT1391 Datasheet
422Kb / 9P
   1- Channel Step-Down PWM Controller
logo
Advanced Analog Technol...
AAT1110 AAT-AAT1110 Datasheet
470Kb / 17P
   ONE-CHANNEL STEP-DOWN PWM CONTROLLER
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
[Old version datasheet]   DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
logo
Exar Corporation
XRP7708 EXAR-XRP7708_12 Datasheet
1Mb / 28P
   Quad Channel Digital PWM Step Down Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com