Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP7713ILBTR-F Datasheet(PDF) 2 Page - Exar Corporation

Part # XRP7713ILBTR-F
Description  Three Channel Digital PWM Step Down Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7713ILBTR-F Datasheet(HTML) 2 Page - Exar Corporation

  XRP7713ILBTR-F Datasheet HTML 1Page - Exar Corporation XRP7713ILBTR-F Datasheet HTML 2Page - Exar Corporation XRP7713ILBTR-F Datasheet HTML 3Page - Exar Corporation XRP7713ILBTR-F Datasheet HTML 4Page - Exar Corporation XRP7713ILBTR-F Datasheet HTML 5Page - Exar Corporation XRP7713ILBTR-F Datasheet HTML 6Page - Exar Corporation XRP7713ILBTR-F Datasheet HTML 7Page - Exar Corporation XRP7713ILBTR-F Datasheet HTML 8Page - Exar Corporation XRP7713ILBTR-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
X
XR
RP
P7
77
71
13
3
T
Th
hrreeee C
Ch
ha
an
nn
neell D
Diig
giitta
all P
PW
WM
M S
Stteep
p D
Do
ow
wn
n C
Co
on
nttrro
olllleerr
© 2010 Exar Corporation
2/29
Rev. 1.1.1
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of
the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect
reliability.
VCCA, VCCD, LDOOUT, GLx, VOUTx............................ 6V
VDD..................................................................... 2.0V
VIN....................................................................... 27V
LXx..............................................................-1V to 27V
LXx............................................................. -5V to -1V1
Logic Inputs, GPIOs, SDA, SCL................................... 6V
BSTx, GHx.................................................... VLXx + 6V
ESD Rating (HBM - Human Body Model) .................... 2kV
Storage Temperature.............................. -65°C to 150°C
Lead Temperature (Soldering, 10 sec) ................... 300°C
OPERATING RATINGS
Input Voltage Range.....................................5.5V to 25V
Input Voltage VIN=VCCA ...........................4.75V to 5.5V
Junction Temperature Range ....................-40°C to 125°C
Thermal Resistance θJA ...................................... 22°C/W
Note 1: 200ns Transient
ELECTRICAL SPECIFICATIONS
Specifications with standard type are for an Operating Junction Temperature of TJ = 25°C only; limits applying over the full
Operating Junction Temperature range are denoted by a “•”. Minimum and Maximum limits are guaranteed through test,
design, or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for
reference purposes only. Unless otherwise indicated, VIN = 4.75V to 25V.
Quiescent Current
Parameter
Min.
Typ.
Max.
Units
Conditions
VIN Supply Current in STANDBY
9
mA
LDOOUT enabled (no load)
No switching converter channels enabled
I2C communication active
Switching frequency = 400kHz
VIN Supply Current in
SHUTDOWN
180
µA
EN=0V, VIN≥5.2V
VIN Supply Current
28
mA
3 channels running,
GH and GH = 1nF load each
VIN=12V, Switching frequency = 300kHz
VIN Supply Current
50
mA
3 channels running,
GH and GH = 1nF load each
VIN=12V, Switching frequency = 1MHz
Step Down Controllers
Parameter
Min.
Typ.
Max.
Units
Conditions
VOUT Regulation Accuracy
-20
20
mV
• 0.9V ≤ VOUT ≤ 2.5V
-40
40
mV
• 2.6V ≤ VOUT ≤ 5.1V
VOUT regulation range
0.9
5.1
• Programmable range of each channel2
VOUT set point resolution
50
0.9V ≤ VOUT ≤ 2.5V
VOUT set point resolution
100
2.6V ≤ VOUT ≤ 5.1V
VOUT Input Current
100
nA
0.9V < VOUT <= 2.5V
VOUT Input Resistance
120
kΩ
2.6V ≤ VOUT ≤ 5.1V
Note 2: Voltages above 5.1V can be obtained by using an external voltage divider.


Similar Part No. - XRP7713ILBTR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7713 EXAR-XRP7713 Datasheet
2Mb / 6P
   Exar?셲 PowerXR D igital Power Solutions
More results

Similar Description - XRP7713ILBTR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7708 EXAR-XRP7708_10 Datasheet
97Kb / 2P
   Quad Channel Digital PWM Step Down Controller
XRP7708 EXAR-XRP7708 Datasheet
860Kb / 27P
   Quad Channel Digital PWM Step Down Controller
XRP7714_1009 EXAR-XRP7714_1009 Datasheet
955Kb / 29P
   Quad Channel Digital PWM Step Down Controller
XRP7714 EXAR-XRP7714_11 Datasheet
942Kb / 29P
   Quad Channel Digital PWM Step Down Controller
XRP7714 EXAR-XRP7714 Datasheet
1Mb / 27P
   Quad Channel Digital PWM Step Down Controller
logo
Aimtron Technology
AT1391 AIMTRON-AT1391 Datasheet
422Kb / 9P
   1- Channel Step-Down PWM Controller
logo
Advanced Analog Technol...
AAT1110 AAT-AAT1110 Datasheet
470Kb / 17P
   ONE-CHANNEL STEP-DOWN PWM CONTROLLER
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
[Old version datasheet]   DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
logo
Exar Corporation
XRP7708 EXAR-XRP7708_12 Datasheet
1Mb / 28P
   Quad Channel Digital PWM Step Down Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com