Electronic Components Datasheet Search |
|
XRP7713ILBTR-F Datasheet(PDF) 6 Page - Exar Corporation |
|
XRP7713ILBTR-F Datasheet(HTML) 6 Page - Exar Corporation |
6 / 29 page X XR RP P7 77 71 13 3 T Th hrreeee C Ch ha an nn neell D Diig giitta all P PW WM M S Stteep p D Do ow wn n C Co on nttrro olllleerr © 2010 Exar Corporation 6/29 Rev. 1.1.1 PIN ASSIGNMENT 24 23 21 22 19 18 17 1 2 3 4 5 6 7 8 20 DVDD GPIO1 GPIO2 GPIO3 GPIO4 GPIO5 ENABLE GL2 LX2 GH2 BST2 VCCD BST3 BST1 PGND2 DGND Exposed Pad: AGND XRP7713 TQFN 5mm x 5mm Fig. 3: XRP7713 Pin Assignment PIN DESCRIPTION Name Pin Number Description VIN 30 Power source for the internal linear regulators to generate VCCA, VDD and the Standby LDO (LDOOUT). Place a decoupling capacitor close to the controller IC. Also used in UVLO1 fault generation – if VIN falls below the user programmed limit, all channels are shut down. The VCCA 29 Output of the internal 5V LDO. This voltage is internally used to power analog blocks. This pin should be bypassed with a minimum of 4.7uF to AGND VCCD 18 Gate Drive input voltage. This is not an output voltage. This pin can be connected to VCCA to provide power for the Gate Drive. VCCD should be connected to VCCA with the shortest possible trace and decouple with a minimum 1µF capacitor. Alternatively, VCCD could be connected to an external supply (not greater than 5V). PGND13 28, 23,13 Power Ground. Ground connection for the low side gate driver. Connect at low side FET source. AVDD 32 Output of the internal 1.8V LDO. This pin should be bypassed with a minimum of 2.2uF to DGND DVDD 1 Input for powering the internal digital logic. This pin should be connected to AVDD. DGND 8 Digital Ground. Connect this pin to the ground plane at the exposed pad with a separate trace. AGND 9 Analog Ground. Connect this pin to the ground plane at the exposed pad with a separate trace |
Similar Part No. - XRP7713ILBTR-F |
|
Similar Description - XRP7713ILBTR-F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |