Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L101G3T6ATR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM8L101G3T6ATR
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101G3T6ATR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM8L101G3T6ATR Datasheet HTML 5Page - STMicroelectronics STM8L101G3T6ATR Datasheet HTML 6Page - STMicroelectronics STM8L101G3T6ATR Datasheet HTML 7Page - STMicroelectronics STM8L101G3T6ATR Datasheet HTML 8Page - STMicroelectronics STM8L101G3T6ATR Datasheet HTML 9Page - STMicroelectronics STM8L101G3T6ATR Datasheet HTML 10Page - STMicroelectronics STM8L101G3T6ATR Datasheet HTML 11Page - STMicroelectronics STM8L101G3T6ATR Datasheet HTML 12Page - STMicroelectronics STM8L101G3T6ATR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 81 page
background image
STM8L101xx
Product overview
Doc ID 15275 Rev 11
9/81
3
Product overview
Figure 1.
STM8L101xx device block diagram
Legend:
AWU: Auto-wakeup unit
Int. RC: internal RC oscillator
I²C: Inter-integrated circuit multimaster interface
POR/PDR: Power on reset / power down reset
SPI: Serial peripheral interface
SWIM: Single wire interface module
USART: Universal synchronous / asynchronous receiver / transmitter
IWDG: Independent watchdog
STM8
16 MHz int RC
Clock
controller
Clocks
AWU
Beeper
38 kHz int RC
Debug module
I²C1
SPI
USART
Up to 8 Kbytes
Flash memory
controller
1.5 Kbytes
to core and
peripherals
IWDG
Core
16-bit Timer 2
(SWIM)
up to 16 MHz
Nested interrupt
up to 29 external
multimaster
8-bit Timer 4
SRAM
interrupts
(including
up to 2 Kbytes
data EEPROM)
Power
Volt. reg.
@VDD
VDD18
VDD =1.65 V
VSS
3.6 V
NRST
POR/PDR
to
Reset
COMP1
COMP2
Port A
Port B
Port C
Port D
RX, TX, CK
SDA, SCL
PA[6:0]
PB[7:0]
PC[6:0]
PD[7:0]
MOSI, MISO,
SCK, NSS
BEEP
SWIM
COMP1_CH[4:1]
COMP_REF
Infrared interface
IR_TIM
16-bit Timer 3
TIM2_CH[2:1]
TIM3_CH[2:1]
TIM2_TRIG
TIM3_TRIG
COMP2_CH[4:1]


Similar Part No. - STM8L101G3T6ATR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L101G3T6ATR STMICROELECTRONICS-STM8L101G3T6ATR Datasheet
1Mb / 77P
   8-bit ultralow power microcontroller with up to 8 Kbytes Flash, multifunction timers, comparators, USART, SPI, I2C
More results

Similar Description - STM8L101G3T6ATR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L101XX STMICROELECTRONICS-STM8L101XX Datasheet
1Mb / 77P
   8-bit ultralow power microcontroller with up to 8 Kbytes Flash, multifunction timers, comparators, USART, SPI, I2C
STM8L001J3 STMICROELECTRONICS-STM8L001J3 Datasheet
1Mb / 58P
   8-bit ultra-low-power microcontroller with up to 8-Kbyte Flash memory, multifunction timers, comparators, UART, SPI, I2C
September 2020
STM8L151F3P6 STMICROELECTRONICS-STM8L151F3P6 Datasheet
1Mb / 112P
   8-bit ultralow power MCU, up to 8 KB Flash, up to 256 B data EEPROM, RTC, timers, USART, I2C, SPI, ADC, comparators
July 2012 Rev 4
STM8L151XX STMICROELECTRONICS-STM8L151XX Datasheet
1Mb / 101P
   8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
STM8L15 STMICROELECTRONICS-STM8L15 Datasheet
2Mb / 122P
   8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
STM8L151C2 STMICROELECTRONICS-STM8L151C2_V01 Datasheet
2Mb / 123P
   8-bit ultra-low-power MCU, up to 8 KB Flash, up to 256 bytes data EEPROM, RTC, timers, USART, I2C, SPI, ADC, comparators
July 2018
STM8S103XX STMICROELECTRONICS-STM8S103XX Datasheet
1Mb / 56P
   Access line, STM8S 8-bit MCU, up to 32 Kbytes Flash, 10-bit ADC, timers, USART, SPI, I짼C
STM8AF528ATAY STMICROELECTRONICS-STM8AF528ATAY Datasheet
1Mb / 114P
   Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
STM8AF52AATAY STMICROELECTRONICS-STM8AF52AATAY Datasheet
1Mb / 114P
   Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
STM8AF61XX STMICROELECTRONICS-STM8AF61XX Datasheet
1Mb / 100P
   Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com