Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRBC-30E2AL Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # SRBC-30E2AL
Description  6 Vdc - 14 Vdc Input 0.8 Vdc - 3.63 Vdc/25 A or 30 A Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRBC-30E2AL Datasheet(HTML) 5 Page - Bel Fuse Inc.

  SRBC-30E2AL Datasheet HTML 1Page - Bel Fuse Inc. SRBC-30E2AL Datasheet HTML 2Page - Bel Fuse Inc. SRBC-30E2AL Datasheet HTML 3Page - Bel Fuse Inc. SRBC-30E2AL Datasheet HTML 4Page - Bel Fuse Inc. SRBC-30E2AL Datasheet HTML 5Page - Bel Fuse Inc. SRBC-30E2AL Datasheet HTML 6Page - Bel Fuse Inc. SRBC-30E2AL Datasheet HTML 7Page - Bel Fuse Inc. SRBC-30E2AL Datasheet HTML 8Page - Bel Fuse Inc. SRBC-30E2AL Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
6 Vdc - 14 Vdc Input
0.8 Vdc - 3.63 Vdc/25 A or 30 A Output
Mar. 19, 2010
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Thermal Derating Curves
Vin=12 V, Vo=0.8 V
Vin=12 V, Vo=1.8 V
Vin=12 V, Vo=3.3 V
Note:
Maximum junction temperature of semiconductors derated to 120C.


Similar Part No. - SRBC-30E2AL

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRBC-30E2AL BEL-SRBC-30E2AL Datasheet
275Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SRBC-30E2AL BEL-SRBC-30E2AL Datasheet
754Kb / 22P
   Non-Isolated DC-DC Converter
More results

Similar Description - SRBC-30E2AL

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRBG-30A1A0 BEL-VRBG-30A1A0_10 Datasheet
316Kb / 9P
   8 Vdc - 14 Vdc Input 0.8 Vdc - 3.63 Vdc / 30 A Outputs
SRBC-16E4AX BEL-SRBC-16E4AX Datasheet
475Kb / 14P
   4.5 Vdc - 14 Vdc Input 0.75 Vdc - 3.63 Vdc/16 A Output
SLIN-30E1AL BEL-SLIN-30E1AL Datasheet
573Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS 6.0 Vdc - 14 Vdc Input, 0.8 Vdc - 3.63 Vdc /30 A Outputs
SLIN-30E1AX BEL-SLIN-30E1AX Datasheet
478Kb / 26P
   6.0 Vdc - 14 Vdc Input, 0.8 Vdc - 2.75 Vdc /30 A Outputs
SLIN-12F1AX BEL-SLIN-12F1AX Datasheet
439Kb / 26P
   2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /12 A Output
SLIN-12F2AX BEL-SLIN-12F2AX Datasheet
430Kb / 25P
   2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /12 A Output
SLIN-20F1AX BEL-SLIN-20F1AX Datasheet
407Kb / 26P
   2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /20 A Output
VRNE-60ED BEL-VRNE-60ED Datasheet
639Kb / 11P
   6 VDC ??13.8 VDC Input 0.6 VDC ??2.0 VDC /30 A Output
0RRE-32S10S BEL-0RRE-32S10S Datasheet
614Kb / 16P
   38 - 55 VDC Input 8.2 VDC /30 A Output
SLDN-06D1AX BEL-SLDN-06D1AX Datasheet
1Mb / 53P
   3-14.4 VDC Input / 0.45 VDC 6 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com