Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5248B Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MMSZ5248B
Description  500mW SURFACE MOUNT ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMSZ5248B Datasheet(HTML) 3 Page - Diodes Incorporated

  MMSZ5248B Datasheet HTML 1Page - Diodes Incorporated MMSZ5248B Datasheet HTML 2Page - Diodes Incorporated MMSZ5248B Datasheet HTML 3Page - Diodes Incorporated MMSZ5248B Datasheet HTML 4Page - Diodes Incorporated MMSZ5248B Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MMSZ5221B - MMSZ5259B
Document number: DS18010 Rev. 23 - 2
3 of 5
www.diodes.com
May 2009
© Diodes Incorporated
MMSZ5221B - MMSZ5259B
0
10
20
30
0
V , ZENER VOLTAGE (V)
Fig. 3 Typical Zener Breakdown Characteristics
Z
10
20
30
40
T = 25°C
J
Test current IZ
10
12
18
22
27
33
36
15
39
Nominal Zener Voltage
10
100
1,000
10
100
1
V , NOMINAL ZENER VOLTAGE (V)
Fig. 4 Typical Total Capacitance vs. Nominal Zener Voltage
Z
1
10
100
1,000
110
100
V , ZENER VOLTAGE (V)
Fig. 5 Typical Zener Impedance Characteristics
Z
Ordering Information (Note 6)
Part Number
Case
Packaging
(Type Number)-7-F*
SOD-123
3000/Tape & Reel
*Add “-7-F” to the appropriate type number in Electrical Characteristics Table. Example: 6.2V Zener = MMSZ5234B-7-F.
Notes:
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Date Code Key
Year
1998
1999
2000
2001
2002
2003
2004 2005
2006
2007
2008
2009
2010
2011
2012
2013
2014
2015
Code
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z
A
B
C
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
xx = Product Type Marking Code
(See Electrical Characteristics Table)
YM = Date Code Marking
Y = Year (ex: N = 2002)
M = Month (ex: 9 = September)
XX


Similar Part No. - MMSZ5248B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5248B PANJIT-MMSZ5248B Datasheet
82Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Microdiode Electronics ...
MMSZ5248B CHENDA-MMSZ5248B Datasheet
1,011Kb / 4P
   Surface mount zener diode
logo
Pan Jit International I...
MMSZ5248B PANJIT-MMSZ5248B Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
MMSZ5248B DIOTEC-MMSZ5248B Datasheet
135Kb / 2P
   SMD Planar Zener Diodes
logo
Taiwan Semiconductor Co...
MMSZ5248B TSC-MMSZ5248B Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
More results

Similar Description - MMSZ5248B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMSZ5263B DIODES-MMSZ5263B Datasheet
86Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ5221B DIODES-MMSZ5221B_1 Datasheet
99Kb / 4P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 18 - 2
MMSZ5221B DIODES-MMSZ5221B_15 Datasheet
106Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
BZT52C12 WTE-BZT52C12 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ4682 WTE-MMSZ4682 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ4706 WTE-MMSZ4706 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B Datasheet
61Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 7 - 2
logo
Won-Top Electronics
BZT52C11 WTE-BZT52C11 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ5221B WTE-MMSZ5221B Datasheet
75Kb / 4P
   500mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
ZMM5245B-7 DIODES-ZMM5245B-7 Datasheet
82Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com