Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5243B Datasheet(PDF) 4 Page - Diodes Incorporated

Part # MMBZ5243B
Description  350mW SURFACE MOUNT ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBZ5243B Datasheet(HTML) 4 Page - Diodes Incorporated

  MMBZ5243B Datasheet HTML 1Page - Diodes Incorporated MMBZ5243B Datasheet HTML 2Page - Diodes Incorporated MMBZ5243B Datasheet HTML 3Page - Diodes Incorporated MMBZ5243B Datasheet HTML 4Page - Diodes Incorporated MMBZ5243B Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MMBZ5221B - MMBZ5259B
Document number: DS18011 Rev. 21 - 2
4 of 5
www.diodes.com
August 2010
© Diodes Incorporated
MMBZ5221B - MMBZ5259B
Ordering Information (Note 6)
Device
Packaging
Shipping
(Type Number)-7-F*
SOT-23
3000/Tape & Reel
* Add “-7-F” to the appropriate type number in Electrical Characteristics Table from Page 2 example: 6.2V Zener = MMBZ5234B-7-F.
Notes:
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Date Code Key
Year
1998
1999
2000
2001
2002
2003
2004 2005
2006
2007
2008
2009
2010
2011
2012
2013
2014
2015
Code
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z
A
B
C
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Package Outline Dimensions
Suggested Pad Layout
SOT-23
Dim
Min
Max
Typ
A
0.37
0.51
0.40
B
1.20
1.40
1.30
C
2.30
2.50
2.40
D
0.89
1.03
0.915
F
0.45
0.60
0.535
G
1.78
2.05
1.83
H
2.80
3.00
2.90
J
0.013
0.10
0.05
K
0.903
1.10
1.00
K1
-
-
0.400
L
0.45
0.61
0.55
M
0.085
0.18
0.11
α
-
All Dimensions in mm
Dimensions
Value (in mm)
Z
2.9
X
0.8
Y
0.9
C
2.0
E
1.35
xxx = Product Type Marking Code
(See Electrical Characteristics Table)
YM = Date Code Marking
Y = Year (ex: N = 2002)
M = Month (ex: 9 = September)
xxx
A
M
J
L
D
F
B C
H
K
G
K1
X
E
Y
C
Z


Similar Part No. - MMBZ5243B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBZ5243B PANJIT-MMBZ5243B Datasheet
132Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Galaxy Semi-Conductor H...
MMBZ5243B BILIN-MMBZ5243B Datasheet
219Kb / 5P
   350mW Surface Mount Zener Diode
logo
SUNMATE electronic Co.,...
MMBZ5243B SUNMATE-MMBZ5243B Datasheet
372Kb / 2P
   300 MW Surface Mount Zener Diodes
logo
Fairchild Semiconductor
MMBZ5243B FAIRCHILD-MMBZ5243B Datasheet
204Kb / 6P
   Zeners
logo
TAITRON Components Inco...
MMBZ5243B TAITRON-MMBZ5243B Datasheet
192Kb / 5P
   350mW Surface Mount Zener Diodes
More results

Similar Description - MMBZ5243B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_15 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
BZX84C2V4 DIODES-BZX84C2V4_12 Datasheet
103Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C12-7 DIODES-BZX84C12-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C18-7 DIODES-BZX84C18-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMBZ5221B WTE-MMBZ5221B Datasheet
76Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_1 Datasheet
447Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 25 - 2
BZX84C20-7 DIODES-BZX84C20-7 Datasheet
87Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4 DSK-BZX84C2V4 Datasheet
313Kb / 5P
   350mW Surface Mount Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com