Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBPC15005 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # GBPC15005
Description  15A GLASS PASSIVATED BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

GBPC15005 Datasheet(HTML) 3 Page - Diodes Incorporated

  GBPC15005_2 Datasheet HTML 1Page - Diodes Incorporated GBPC15005_2 Datasheet HTML 2Page - Diodes Incorporated GBPC15005_2 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS21208 Rev. 11 - 2
3 of 3
www.diodes.com
GBPC15005/W - GBPC1510/W
© Diodes Incorporated
Ordering Information (Note 5)
Device
Packaging
Shipping
GBPC15005
GBPC
100/Tray
GBPC1501
GBPC
100/Tray
GBPC1502
GBPC
100/Tray
GBPC1504
GBPC
100/Tray
GBPC1506
GBPC
100/Tray
GBPC1508
GBPC
100/Tray
GBPC1510
GBPC
100/Tray
GBPC15005W
GBPC-W
100/Tray
GBPC1501W
GBPC-W
100/Tray
GBPC1502W
GBPC-W
100/Tray
GBPC1504W
GBPC-W
100/Tray
GBPC1506W
GBPC-W
100/Tray
GBPC1508W
GBPC-W
100/Tray
GBPC1510W
GBPC-W
100/Tray
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02008.pdf.
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product
described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall
assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website,
harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written
approval of the President of Diodes Incorporated.


Similar Part No. - GBPC15005_2

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
GBPC15005-G COMCHIP-GBPC15005-G Datasheet
98Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Kingtronics Internation...
GBPC15005-GBPC1510 KINGTRONICS-GBPC15005-GBPC1510 Datasheet
376Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 15 Ampere
logo
MIC GROUP RECTIFIERS
GBPC15005-W MIC-GBPC15005-W Datasheet
55Kb / 3P
   GLASS PASSIVATED SINGLE-OHASE BPIDGE RECTIFIER
GBPC15005/W MIC-GBPC15005/W Datasheet
55Kb / 3P
   GLASS PASSIVATED SINGLE-OHASE BPIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
GBPC15005T GENESIC-GBPC15005T Datasheet
362Kb / 4P
   Single Phase Glass Passivated Silicon Bridge Rectifier
More results

Similar Description - GBPC15005_2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ15005 DIODES-GBJ15005 Datasheet
62Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
DS21219 Rev. D-2
logo
Shenzhen Luguang Electr...
GBJ15005 LUGUANG-GBJ15005 Datasheet
157Kb / 2P
   15A Glass Passivated Bridge Rectifier
logo
Nanjing International G...
GBJ15005 DGNJDZ-GBJ15005 Datasheet
222Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
RS15005M ZSELEC-RS15005M Datasheet
87Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Shunye Electro...
GBJ15005 SY-GBJ15005 Datasheet
599Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBJ15005 DIODES-GBJ15005_1 Datasheet
82Kb / 3P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
DS21219 Rev. 7 - 2
logo
TAITRON Components Inco...
GBPC15-005W TAITRON-GBPC15-005W Datasheet
138Kb / 4P
   15A Glass Passivated Bridge Rectifier
logo
Yea Shin Technology Co....
GBJ15005 YEASHIN-GBJ15005 Datasheet
328Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ15005 ZSELEC-GBJ15005 Datasheet
43Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
D15XB05 ZSELEC-D15XB05 Datasheet
43Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
GBJ15A ZSELEC-GBJ15A Datasheet
43Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com