Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK10X32VFX72R Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MK10X32VFX72R
Description  K10 Sub-Family Data Sheet
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK10X32VFX72R Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MK10X32VFX72R Datasheet HTML 1Page - Freescale Semiconductor, Inc MK10X32VFX72R Datasheet HTML 2Page - Freescale Semiconductor, Inc MK10X32VFX72R Datasheet HTML 3Page - Freescale Semiconductor, Inc MK10X32VFX72R Datasheet HTML 4Page - Freescale Semiconductor, Inc MK10X32VFX72R Datasheet HTML 5Page - Freescale Semiconductor, Inc MK10X32VFX72R Datasheet HTML 6Page - Freescale Semiconductor, Inc MK10X32VFX72R Datasheet HTML 7Page - Freescale Semiconductor, Inc MK10X32VFX72R Datasheet HTML 8Page - Freescale Semiconductor, Inc MK10X32VFX72R Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
Field
Description
Values
FFF
Program flash memory size
• 32 = 32 KB
• 64 = 64 KB
• 128 = 128 KB
• 256 = 256 KB
• 512 = 512 KB
• 1M0 = 1 MB
T
Temperature range (°C)
• V = –40 to 105
PP
Package identifier
• FM = 32 QFN (5 mm x 5 mm)
• FT = 48 QFN (7 mm x 7 mm)
• LF = 48 LQFP (7 mm x 7 mm)
• FX = 64 QFN (9 mm x 9 mm)
• LH = 64 LQFP (10 mm x 10 mm)
• LK = 80 LQFP (12 mm x 12 mm)
• MB = 81 MAPBGA (8 mm x 8 mm)
• LL = 100 LQFP (14 mm x 14 mm)
• ML = 104 MAPBGA (8 mm x 8 mm)
• LQ = 144 LQFP (20 mm x 20 mm)
• MD = 144 MAPBGA (13 mm x 13 mm)
• MF = 196 MAPBGA (15 mm x 15 mm)
• MJ = 256 MAPBGA (17 mm x 17 mm)
CCC
Maximum CPU frequency (MHz)
• 50 = 50 MHz
• 72 = 72 MHz
• 100 = 100 MHz
• 120 = 120 MHz
• 150 = 150 MHz
N
Packaging type
• R = Tape and reel
• (Blank) = Trays
2.4 Example
This is an example part number:
MK10N512VMD100
3 Terminology and guidelines
3.1 Definition: Operating requirement
An operating requirement is a specified value or range of values for a technical
characteristic that you must guarantee during operation to avoid incorrect operation and
possibly decreasing the useful life of the chip.
Terminology and guidelines
K10 Sub-Family Data Sheet Data Sheet, Rev. 1, 11/2010.
Freescale Semiconductor, Inc.
Preliminary
5


Similar Part No. - MK10X32VFX72R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MK10X128VLQ100 FREESCALE-MK10X128VLQ100 Datasheet
1Mb / 71P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
MK10X128VLQ100 FREESCALE-MK10X128VLQ100 Datasheet
989Kb / 66P
   K10 Sub-Family Data Sheet
MK10X128VMD100 FREESCALE-MK10X128VMD100 Datasheet
1Mb / 71P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
MK10X128VMD100 FREESCALE-MK10X128VMD100 Datasheet
989Kb / 66P
   K10 Sub-Family Data Sheet
MK10X256VLQ100 FREESCALE-MK10X256VLQ100 Datasheet
1Mb / 71P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
More results

Similar Description - MK10X32VFX72R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K10P144M100SF2 FREESCALE-K10P144M100SF2 Datasheet
989Kb / 66P
   K10 Sub-Family Data Sheet
K10P144M120SF3 FREESCALE-K10P144M120SF3 Datasheet
1Mb / 75P
   K10 Sub-Family Data Sheet
K10P104M100SF2 FREESCALE-K10P104M100SF2 Datasheet
882Kb / 60P
   K10 Sub-Family Data Sheet
K10P144M100SF2_1109 FREESCALE-K10P144M100SF2_1109 Datasheet
1Mb / 70P
   K10 Sub-Family Data Sheet
K10P32M50SF0 FREESCALE-K10P32M50SF0 Datasheet
1Mb / 57P
   K10 Sub-Family
logo
NXP Semiconductors
K10P144M120SF3 NXP-K10P144M120SF3 Datasheet
1Mb / 80P
   K10 Sub-Family
Rev. 7, 02/2018
K10P81M100SF2 NXP-K10P81M100SF2 Datasheet
2Mb / 71P
   K10 Sub-Family
Rev. 7, 02/2013
logo
Freescale Semiconductor...
K10P121M100SF2V2 FREESCALE-K10P121M100SF2V2 Datasheet
1Mb / 70P
   K10 Sub-Family
K10P48M50SF0 FREESCALE-K10P48M50SF0 Datasheet
1Mb / 59P
   K10 Sub-Family
K10P100M72SF1 FREESCALE-K10P100M72SF1 Datasheet
1Mb / 73P
   K10 Sub-Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com