Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRSB-50T Datasheet(PDF) 9 Page - Bel Fuse Inc.

Part # XRSB-50T
Description  48 Vdc Input 1.5 Vdc - 12 Vdc / 22 A - 5 A Outputs, 1/16 Brick
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

XRSB-50T Datasheet(HTML) 9 Page - Bel Fuse Inc.

Back Button XRSB-50T_10 Datasheet HTML 5Page - Bel Fuse Inc. XRSB-50T_10 Datasheet HTML 6Page - Bel Fuse Inc. XRSB-50T_10 Datasheet HTML 7Page - Bel Fuse Inc. XRSB-50T_10 Datasheet HTML 8Page - Bel Fuse Inc. XRSB-50T_10 Datasheet HTML 9Page - Bel Fuse Inc. XRSB-50T_10 Datasheet HTML 10Page - Bel Fuse Inc. XRSB-50T_10 Datasheet HTML 11Page - Bel Fuse Inc. XRSB-50T_10 Datasheet HTML 12Page - Bel Fuse Inc. XRSB-50T_10 Datasheet HTML 13Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
48 Vdc Input 1.5 Vdc - 12 Vdc / 22 A - 5 A Outputs, 1/16 Brick
Apr. 12, 2010
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Transient Response Waveforms
Vo=1.8 V 50% to 25% Load Transients
Vo=1.8 V 25% to 50% Load Transients
Vo=2.5 V 50% to 25% Load Transients
Vo=2.5 V 25% to 50% Load Transients
Vo=3.3 V 50% to 25% Load Transients
Vo=3.3 V 25% to 50% Load Transients


Similar Part No. - XRSB-50T_10

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
XRSB-50T025 BEL-XRSB-50T025 Datasheet
444Kb / 13P
   ISOLATED DC/DC CONVERTERS
xRSB-50T025 BEL-xRSB-50T025 Datasheet
422Kb / 13P
   ISOLATED DC/DC CONVERTERS
XRSB-50T02L BEL-XRSB-50T02L Datasheet
444Kb / 13P
   ISOLATED DC/DC CONVERTERS
xRSB-50T02L BEL-xRSB-50T02L Datasheet
422Kb / 13P
   ISOLATED DC/DC CONVERTERS
XRSB-50T033 BEL-XRSB-50T033 Datasheet
444Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - XRSB-50T_10

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RXU-75TD10 BEL-0RXU-75TD10 Datasheet
292Kb / 8P
   ISOLATED DC/DC CONVERTERS 36 Vdc - 75 Vdc Input 12 Vdc/5 A, -12 Vdc/1.5 A Dual Outputs
0RCY-D4T12X BEL-0RCY-D4T12X Datasheet
629Kb / 15P
   48 VDC Input 12 VDC @ 20 A Output
SLAN-12D2AX BEL-SLAN-12D2AX Datasheet
1Mb / 26P
   3 Vdc - 14.4 Vdc Input, 0.6 Vdc - 5.5 Vdc /12 A Outputs
0RQP-X5M12 BEL-0RQP-X5M12 Datasheet
987Kb / 31P
   48 ??60 VDC Input 12 VDC, 125 A Output
07CM-38S10L BEL-07CM-38S10L_10 Datasheet
130Kb / 5P
   48 VDC Input 9.3VDC/36.5 A Output, 1/4 Brick
0RQ2-Q2T12B BEL-0RQ2-Q2T12B Datasheet
893Kb / 21P
   36-75 VDC Input / 12 VDC @ 35 A Output / 1/4th Brick Converter
SRPE-02E1A0 BEL-SRPE-02E1A0 Datasheet
1Mb / 12P
   5.5 Vdc - 13.2 Vdc Input 0.6 Vdc - 5.5 Vdc / 1.5 A Output
SLIN-30E1AX BEL-SLIN-30E1AX Datasheet
478Kb / 26P
   6.0 Vdc - 14 Vdc Input, 0.8 Vdc - 2.75 Vdc /30 A Outputs
SLAN-20D1AX BEL-SLAN-20D1AX Datasheet
1Mb / 26P
   3 Vdc ??14.4 Vdc Input, 0.6 Vdc - 5.5 Vdc /20 A Outputs
VRBG-30A1A0 BEL-VRBG-30A1A0_10 Datasheet
316Kb / 9P
   8 Vdc - 14 Vdc Input 0.8 Vdc - 3.63 Vdc / 30 A Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com