Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRSB-50T Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # XRSB-50T
Description  48 Vdc Input 1.5 Vdc - 12 Vdc / 22 A - 5 A Outputs, 1/16 Brick
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

XRSB-50T Datasheet(HTML) 1 Page - Bel Fuse Inc.

  XRSB-50T_10 Datasheet HTML 1Page - Bel Fuse Inc. XRSB-50T_10 Datasheet HTML 2Page - Bel Fuse Inc. XRSB-50T_10 Datasheet HTML 3Page - Bel Fuse Inc. XRSB-50T_10 Datasheet HTML 4Page - Bel Fuse Inc. XRSB-50T_10 Datasheet HTML 5Page - Bel Fuse Inc. XRSB-50T_10 Datasheet HTML 6Page - Bel Fuse Inc. XRSB-50T_10 Datasheet HTML 7Page - Bel Fuse Inc. XRSB-50T_10 Datasheet HTML 8Page - Bel Fuse Inc. XRSB-50T_10 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
48 Vdc Input 1.5 Vdc - 12 Vdc / 22 A - 5 A Outputs, 1/16 Brick
Apr. 12, 2010
Bel Power Inc., a subsidiary of Bel Fuse Inc.
• Isolated
Input Under Voltage Lockout
• Fixed Frequency (600 kHz)
Output Over Voltage Shutdown
• High Efficiency
OCP/SCP
• High Power Density
Over Temperature Protection
• Low Cost
Remote On/Off (option)
• Output Voltage Trim
Positive/Negative Remote Sense
• Basic Insulation
Through Hole and SMT (option)
• UL60950-1 Recognized (UL/cUL)
Description
The xRSB-50T series are isolated dc/dc converters that operate from a nominal 48 Vdc source. These units will
provide up to 60 W of output power from a nominal 48 Vdc input. These units are designed to be highly efficient
and low cost. Features include remote on/off, over current protection and under voltage lockout. These converters
are provided in an industry standard sixteenth brick package.
Part Selection
Output
Voltage
Input
Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Model Number
Active Low
Model Number
Active High
1.5 V
36 V - 75 V
22 A
33 W
85%
xRSB-50TV5L
xRSB-50TV50
1.8 V
36 V - 75 V
20 A
36 W
87%
xRSB-50TV8L
xRSB-50TV80
2.5 V
36 V - 75 V
18 A
45 W
87%
xRSB-50T02L
xRSB-50T025
3.3 V
36 V - 75 V
15 A
50 W
89%
xRSB-50T03L
xRSB-50T033
5.0 V
36 V - 75 V
12 A
60 W
90%
xRSB-50T05L
xRSB-50T050
12 V
36 V - 75 V
5 A
60 W
89%
xRSB-50T12L
xRSB-50T120
Notes:
1. Add “G” suffix at the end of the model number to indicate Tray Packaging. Replace”x” with “S” to
indicate SMT package, or “0” to indicate through hole package.
2. All part numbers above indicate RoHS 6. Change the second letter "R" to "7" for RoHS 5 part numbers.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3 V
-
80 V
Input Voltage Transient (100 ms)
-0.3 V
100 V
Remote On/Off
-0.3 V
-
18 V
I/O Isolation Voltage
-
-
1500 V
Ambient Temperature
-40
°C
-
85
°C
Storage Temperature
-55
°C
-
125
°C
xRSB-50T Series
RoHS Compliant
Rev.F


Similar Part No. - XRSB-50T_10

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
XRSB-50T025 BEL-XRSB-50T025 Datasheet
444Kb / 13P
   ISOLATED DC/DC CONVERTERS
xRSB-50T025 BEL-xRSB-50T025 Datasheet
422Kb / 13P
   ISOLATED DC/DC CONVERTERS
XRSB-50T02L BEL-XRSB-50T02L Datasheet
444Kb / 13P
   ISOLATED DC/DC CONVERTERS
xRSB-50T02L BEL-xRSB-50T02L Datasheet
422Kb / 13P
   ISOLATED DC/DC CONVERTERS
XRSB-50T033 BEL-XRSB-50T033 Datasheet
444Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - XRSB-50T_10

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RXU-75TD10 BEL-0RXU-75TD10 Datasheet
292Kb / 8P
   ISOLATED DC/DC CONVERTERS 36 Vdc - 75 Vdc Input 12 Vdc/5 A, -12 Vdc/1.5 A Dual Outputs
0RCY-D4T12X BEL-0RCY-D4T12X Datasheet
629Kb / 15P
   48 VDC Input 12 VDC @ 20 A Output
SLAN-12D2AX BEL-SLAN-12D2AX Datasheet
1Mb / 26P
   3 Vdc - 14.4 Vdc Input, 0.6 Vdc - 5.5 Vdc /12 A Outputs
0RQP-X5M12 BEL-0RQP-X5M12 Datasheet
987Kb / 31P
   48 ??60 VDC Input 12 VDC, 125 A Output
07CM-38S10L BEL-07CM-38S10L_10 Datasheet
130Kb / 5P
   48 VDC Input 9.3VDC/36.5 A Output, 1/4 Brick
0RQ2-Q2T12B BEL-0RQ2-Q2T12B Datasheet
893Kb / 21P
   36-75 VDC Input / 12 VDC @ 35 A Output / 1/4th Brick Converter
SRPE-02E1A0 BEL-SRPE-02E1A0 Datasheet
1Mb / 12P
   5.5 Vdc - 13.2 Vdc Input 0.6 Vdc - 5.5 Vdc / 1.5 A Output
SLIN-30E1AX BEL-SLIN-30E1AX Datasheet
478Kb / 26P
   6.0 Vdc - 14 Vdc Input, 0.8 Vdc - 2.75 Vdc /30 A Outputs
SLAN-20D1AX BEL-SLAN-20D1AX Datasheet
1Mb / 26P
   3 Vdc ??14.4 Vdc Input, 0.6 Vdc - 5.5 Vdc /20 A Outputs
VRBG-30A1A0 BEL-VRBG-30A1A0_10 Datasheet
316Kb / 9P
   8 Vdc - 14 Vdc Input 0.8 Vdc - 3.63 Vdc / 30 A Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com