Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S500-63-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # S500-63-R
Description  5 x 20mm Fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

S500-63-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  S500-63-R Datasheet HTML 1Page - Cooper Bussmann, Inc. S500-63-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Nominal Time/Current Characteristics
0.01
0.1
1
10
100
1000
10000
0.01
0.1
1
10
100
1000
Current In Amps
Amp
Rating
Time-current Curve
© 2009 Cooper Bussmann
St. Louis, MO 63178
www.cooperbussmann.com
0209
BU-SB08761
Page 2 of 2
Data Sheet 2052
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any technical information contained
in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Life Support Policy: Cooper Bussmann does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the Company. Life support
systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in
significant injury to the user.
Packaging Code
Packaging Prefix
Description
BK
100 fuses packed into a cardboard carton
BK1
1,000 fuses packed into a poly bag
TR2
1,500 fuses packed into tape on a reel (19.05mm lead wire length)
Option Code
Option Code
Description
V
Axial leads - copper tinned wire with nickel plated brass endcaps


Similar Part No. - S500-63-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
S500-63-R EATON-S500-63-R Datasheet
252Kb / 2P
   5 mm x 20 mm Fast-acting glass tube fuses
More results

Similar Description - S500-63-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
GMD-125-R COOPER-GMD-125-R Datasheet
447Kb / 2P
   5 x 20mm Fuses
HTC-10M COOPER-HTC-10M Datasheet
68Kb / 1P
   For 5 x 20mm Fuses
GMD-125MA COOPER-GMD-125MA Datasheet
82Kb / 2P
   5mm x 20mm Fuses
logo
List of Unclassifed Man...
S506-32MA ETC2-S506-32MA Datasheet
265Kb / 2P
   5mm x 20mm Fuses
logo
Littelfuse
345101 LITTELFUSE-345101 Datasheet
80Kb / 1P
   FOR 3AG, 5 x 20mm, OR MIDGET FUSES
logo
Cooper Bussmann, Inc.
S505-500-R COOPER-S505-500-R Datasheet
379Kb / 2P
   5 x 20mm Time-Delay, Ceramic Tube Fuses
GMA-63-R COOPER-GMA-63-R Datasheet
299Kb / 2P
   5 x 20mm Fast-acting Glass Tube Fuses
S505-2-R COOPER-S505-2-R Datasheet
380Kb / 2P
   5 x 20mm Time-Delay, Ceramic Tube Fuses
GMA-1A COOPER-GMA-1A Datasheet
299Kb / 2P
   5 x 20mm Fast-acting Glass Tube Fuses
S501-5-R COOPER-S501-5-R Datasheet
340Kb / 2P
   5 x 20mm, Fast-Acting, Ceramic Tube Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com