Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD930 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SD930
Description  HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SD930 Datasheet(HTML) 3 Page - Diodes Incorporated

  SD930_08 Datasheet HTML 1Page - Diodes Incorporated SD930_08 Datasheet HTML 2Page - Diodes Incorporated SD930_08 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SD930 / SD940 / SD945
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 6 Typical I vs. % of V
RR
T = 125ºC
j
T = 85ºC
j
T = 25ºC
j
100
10
1.0
0.1
0.01
Ordering Information (Note 6)
Part Number
Case
Packaging
SD930-B
DO-201AD
500/Bulk
SD930-T
DO-201AD
1.2K/Tape & Reel, 13-inch
SD940-B
DO-201AD
500/Bulk
SD940-T
DO-201AD
1.2K/Tape & Reel, 13-inch
SD945-B
DO-201AD
500/Bulk
SD945-T
DO-201AD
1.2K/Tape & Reel, 13-inch
Notes:
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Package Outline Dimensions
SD930 / SD940 / SD945
Document number: DS23026 Rev. 5 - 2
3 of 3
www.diodes.com
May 2008
© Diodes Incorporated
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product
described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall
assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website,
harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written
approval of the President of Diodes Incorporated.
DO-201AD
Dim
Min
Max
A
25.40
B
7.20
9.50
C
1.20
1.30
D
4.80
5.30
All Dimensions in mm


Similar Part No. - SD930_08

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SD930-B DIODES-SD930-B Datasheet
87Kb / 3P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23026 Rev. 4 - 2
SD930-T DIODES-SD930-T Datasheet
87Kb / 3P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23026 Rev. 4 - 2
SD930 DIODES-SD930_1 Datasheet
87Kb / 3P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23026 Rev. 4 - 2
More results

Similar Description - SD930_08

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SD930 DIODES-SD930_1 Datasheet
87Kb / 3P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23026 Rev. 4 - 2
SR102 DIODES-SR102 Datasheet
149Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23002 Rev. 5 - 3
logo
New Jersey Semi-Conduct...
SR302 NJSEMI-SR302 Datasheet
210Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SR502 DIODES-SR502 Datasheet
64Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23005 Rev. E-3
SR302 DIODES-SR302 Datasheet
65Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23025 Rev. 5 - 3
SR104-T DIODES-SR104-T Datasheet
48Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
logo
New Jersey Semi-Conduct...
SR102 NJSEMI-SR102 Datasheet
218Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
SR502 NJSEMI-SR502 Datasheet
212Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SR306-T DIODES-SR306-T Datasheet
65Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
SD930 DIODES-SD930 Datasheet
63Kb / 3P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23026 Rev. C-2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com