Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE36A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # P6KE36A
Description  600W TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

P6KE36A Datasheet(HTML) 1 Page - Diodes Incorporated

  P6KE36A Datasheet HTML 1Page - Diodes Incorporated P6KE36A Datasheet HTML 2Page - Diodes Incorporated P6KE36A Datasheet HTML 3Page - Diodes Incorporated P6KE36A Datasheet HTML 4Page - Diodes Incorporated P6KE36A Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P6KE6V8(C)A - P6KE400(C)A
Document number: DS21502 Rev. 18 - 2
1 of 5
www.diodes.com
March 2010
© Diodes Incorporated
P6KE6V8(C)A - P6KE400(C)A
600W TRANSIENT VOLTAGE SUPPRESSOR
Features
600W Peak Pulse Power Dissipation
Voltage Range 6.8V - 400V
Constructed with Glass Passivated Die
Uni- and Bidirectional Versions Available
Excellent Clamping Capability
Fast Response Time
Lead Free Finish, RoHS Compliant (Note 1)
Mechanical Data
Case: DO-15
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Leads: Plated Leads, Solderable per MIL-STD-202, Method 208
Marking: Unidirectional - Type Number and Cathode Band
Marking: Bidirectional - Type Number Only
Ordering Information: See Page 4
Weight: 0.4 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Power Dissipation, tp = 1.0 ms
(Non repetitive current pulse, derated above TA = 25°C)
Ppk
600
W
Peak Forward Surge Current, 8.3ms Single Half Sine Wave, Superimposed on Rated
Load Duty Cycle = 4 pulses per minute maximum
IFSM
100
A
Forward Voltage @ IF = 35A               
VBR ≤ 200V
300µs Square Wave Pulse, Unidirectional Only
    
VBR > 200V
VF
3.5
5.0
V
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Steady State Power Dissipation at TL = 75°C
Lead Lengths 9.5 mm (Mounted on Copper Land Area of 40mm)
PD
5.0
W
Typical Thermal Resistance, Junction to Case
RθJC
20
°C/W
Typical Thermal Resistance, Junction to Lead
RθJL
15
°C/W
Typical Thermal Resistance, Junction to Ambient
RθJA
75
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
°C
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes.


Similar Part No. - P6KE36A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P6KE36A MOTOROLA-P6KE36A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Vishay Siliconix
P6KE36A VISHAY-P6KE36A Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
logo
DAESAN ELECTRONIC CORP.
P6KE36A DAESAN-P6KE36A Datasheet
748Kb / 5P
   POWER 600Watts VOLTAGE 6.8 to 440 Volts
logo
HY ELECTRONIC CORP.
P6KE36A HY-P6KE36A Datasheet
490Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
P6KE36A SUNMATE-P6KE36A Datasheet
71Kb / 4P
   600W Axial Lead Transient Voltage Suppessors
More results

Similar Description - P6KE36A

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
6AJ LEIDITECH-6AJ Datasheet
917Kb / 6P
   600W Transient Voltage Suppressor
logo
WeEn Semiconductors
P6SMAL WEEN-P6SMAL Datasheet
557Kb / 7P
   600W Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA Datasheet
69Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 12 - 2
logo
Comchip Technology
P6KE-HF COMCHIP-P6KE-HF Datasheet
105Kb / 4P
   600W Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
P6KE6.8 NJSEMI-P6KE6.8 Datasheet
153Kb / 3P
   600w Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P6KE LEIDITECH-P6KE Datasheet
775Kb / 5P
   600W Transient Voltage Suppressor
SMAFJ LEIDITECH-SMAFJ Datasheet
1Mb / 4P
   600W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P6KE6.8-LF SIRECT-P6KE6.8-LF Datasheet
129Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P6KE COMCHIP-P6KE Datasheet
106Kb / 4P
   600w Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA_1 Datasheet
77Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
logo
WeEn Semiconductors
SMBJ WEEN-SMBJ Datasheet
605Kb / 7P
   600W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com